Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3709EUH Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3709EUH
Description  Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3709EUH Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3709EUH Datasheet HTML 2Page - Linear Technology LTC3709EUH Datasheet HTML 3Page - Linear Technology LTC3709EUH Datasheet HTML 4Page - Linear Technology LTC3709EUH Datasheet HTML 5Page - Linear Technology LTC3709EUH Datasheet HTML 6Page - Linear Technology LTC3709EUH Datasheet HTML 7Page - Linear Technology LTC3709EUH Datasheet HTML 8Page - Linear Technology LTC3709EUH Datasheet HTML 9Page - Linear Technology LTC3709EUH Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
LTC3709
3709f
TYPICAL PERFOR A CE CHARACTERISTICS
Shutdown Current at VCC = 5V
Error Amplifier gm
EA Load Regulation
TEMPERATURE (°C)
–40
–20
15
25
45
40
0
40
60
3709 G10
20
35
30
20
80
TEMPERATURE (°C)
–40
–20
1.2
1.3
1.6
0
40
60
3709 G11
1.5
1.4
20
80
TEMPERATURE (°C)
–40
–20
0
0.1
0.4
0
40
60
3709 G12
0.3
0.2
20
80
VFB Pin Input Current
RUN/SS Threshold
Armed Threshold
TEMPERATURE (°C)
–40
–20
–50
–40
–20
–25
0
40
60
3709 G13
–45
–30
–35
20
80
TEMPERATURE (°C)
–40
–20
0.8
1.2
1.8
0
40
60
3709 G14
1.0
1.6
1.4
20
80
TEMPERATURE (°C)
–40
–20
2.0
2.5
4.0
0
40
60
3709 G15
3.5
3.0
20
80
UVLO Threshold
On-Time vs ION Current
Current Sense Threshold
vs ITH Voltage
TEMPERATURE (°C)
–40
–20
3.5
3.9
4.5
0
40
60
3709 G16
3.7
4.3
4.1
20
80
ION CURRENT (µA)
10
10
100
1000
10000
100
1000
3709 G17
ITH VOLTAGE (V)
0
100
150
200
2.4
3709 G18
50
0
–50
–150
0.6
1.2
1.8
–100
300
250
VRNG = 2V
VRNG = VCC
VRNG = 1V
VRNG = 0V
VRNG = 0.5V


Similar Part No. - LTC3709EUH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3709 LINER-LTC3709_15 Datasheet
326Kb / 24P
   Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
More results

Similar Description - LTC3709EUH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3709 LINER-LTC3709_15 Datasheet
326Kb / 24P
   Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
LTC3737 LINER-LTC3737_15 Datasheet
280Kb / 24P
   Dual 2-Phase, No RSENSE, DC/DC Controller with Output Tracking
LTC3737 LINER-LTC3737 Datasheet
303Kb / 24P
   Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking
LTC3808 LINER-LTC3808_15 Datasheet
382Kb / 28P
   No RSENSE, Low EMI, Synchronous DC/DC Controller with Output Tracking
LTC3736 LINER-LTC3736 Datasheet
348Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller with Output Tracking
LTC3736 LINER-LTC3736_15 Datasheet
441Kb / 28P
   Dual 2-Phase, No RSENSE, Synchronous Controller with Output Tracking
LTC3736-2 LINER-LTC3736-2 Datasheet
417Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller with Output Tracking
LTC3736-2 LINER-LTC3736-2_15 Datasheet
354Kb / 28P
   Dual 2-Phase, No RSENSE, Synchronous Controller with Output Tracking
LTC3708 LINER-LTC3708_15 Datasheet
417Kb / 32P
   Fast 2-Phase, No RSENSE Buck Controller with Output Tracking
LTC3809-1 LINER-LTC3809-1_15 Datasheet
266Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous DC/DC Controller with Output Tracking
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com