Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7091-41-ZB2-V2 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 7091-41-ZB2-V2
Description  Network Interface Device
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

7091-41-ZB2-V2 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  7091-41-ZB2-V2 Datasheet HTML 1Page - Bourns Electronic Solutions 7091-41-ZB2-V2 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications are subject to change without notice.
Features
I Accepts Bourns DSL POTS Splitters,
Station, & Coaxial Protectors
I Manufactured from high-impact resistant,
ultraviolet-desensitized, flame retardant,
UL Listed plastic
I Optional 2 - or 4 - post Sealed Switching
Jacks (RJ11)
7091 Series – Network Interface Device
How To Order
Bourns Model 7091 NID provides a secure and weather resistant enclosure for single or multi-line residential or commercial
application. The 7091 is designed for termination and protection various combinations of subscriber services including
Twisted Pair, ADSL, VDSL and Coaxial lines.
I Subscriber lockable with Telco override
provision
I Provision for easy ground attachment
I
Listed per UL 497 (File: E53117)
High
Wide
Deep
228.6
215.9
63.5
(9.0)
(8.5)
(2.5)
Model Number Designator
Number of Coax Lines
0 = None
3 = Includes One 1740 Coax Protector
4 = Includes Two 1740 Coax Protectors
Number of Twisted Pair Lines
1 = One line
3 = Three lines
2 = Two lines
4 = Four lines
Station Protector Options
D1 = 455HS-MSP (2377-45-HS) Broadband Voice/Data Services
Z1 = 455HS-BC* (2377-45-BC) Balance-Sensitive DSL Systems
E = 155HS-MSP (2378-35-HS) Broadband Voice/Data
Y = 155HS-BC* (2378-35-BC) Balance-Sensitive DSL Systems
B = 125EW (2374-01) Sealed Gas Tube (UL, Bellcore)
C = 125EW-R (2375-01) Sealed Gas Tube (REA, UL, CSA)
L = 356M (2377-01) Sealed 3-Pole Gas Tube (REA, UL, CSA)
M = J130S (2380-27-01) Solid State (UL)
T = Tii355M (2377-01)
O = No Station Protectors
*For DSL systems requiring capacitive balance
≤ 1pF
Special Options
B = Binding screws for Station Electronics
G = Security Screw in Telco Cover
H = Security Screw in Security Plate
I = IDC Type Expansion Bridge - 4 Jacks (85122-IDC)
T = Sealed Switching Jack 2-post (85122-T)
F = Sealed Switching Jack 4-post (85122-T4)
O = No Options
Coax Protector Type
2 = 1740-15 (150V
±20% DC Breakdown @ 100V/Sec)
3 = 1740-23 (230V
±20% DC Breakdown @ 100V/Sec)
4 = 1740-35 (350V
±20% DC Breakdown @ 100V/Sec)
DSL Options* (2 DSL Lines Maximum)
A1 = (1) 3610A ADSL POTS Splitter
V1 = (1) 3630A VDSL POTS Splitter
A2 = (2) 3610A ADSL POTS Splitters
V2 = (2) 3630A VDSL POTS Splitters
To add lines, use upgrade kits:
• 85122 Standard Jack
• 85122-RET-1 Sealed RJ11 - 1 Line
(Not available with DSL Options)
• 85122-RET-2 Sealed RJ11 - 2 Lines
Note 1 = Digi.Guard
7091 - X X - X X X - XX
Product Dimensions
MM
(INCHES)
DIMENSIONS:
*DSL Configuration Note:
The 3610A or 3630A can only be
ordered in 1 or 2 line configurations
and must be ordered with option D, Z,
E or Y Station Protectors. 7091 NIDs
ordered with a DSL option will include
Special Option F (sealed 4-post
switching jack).
REV. H
UL
®


Similar Part No. - 7091-41-ZB2-V2

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
7091.1510 SCHURTER-7091.1510 Datasheet
236Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, Rear-Side, NF, IP 40 / IP 67
7091.1510 SCHURTER-7091.1510 Datasheet
239Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, Rear-Side, NF, IP 40 / IP 67
7091.1520 SCHURTER-7091.1520 Datasheet
236Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, Rear-Side, NF, IP 40 / IP 67
7091.1520 SCHURTER-7091.1520 Datasheet
239Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, Rear-Side, NF, IP 40 / IP 67
7091.4210 SCHURTER-7091.4210 Datasheet
276Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, horizontal or vertical
More results

Similar Description - 7091-41-ZB2-V2

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7090 BOURNS-7090 Datasheet
460Kb / 2P
   Network Interface Device
7004 BOURNS-7004 Datasheet
487Kb / 2P
   Network Interface Device
708X BOURNS-708X Datasheet
393Kb / 1P
   Network Interface Device
7032 BOURNS-7032 Datasheet
254Kb / 2P
   Network Interface Device
7004C BOURNS-7004C Datasheet
334Kb / 2P
   Network Interface Device
7004C BOURNS-7004C_12 Datasheet
259Kb / 2P
   Network Interface Device
7004C-0-DH-15 BOURNS-7004C-0-DH-15 Datasheet
259Kb / 2P
   Network Interface Device
logo
EnOcean GmbH.
U70-PL-20 ENOCEAN-U70-PL-20 Datasheet
464Kb / 2P
   Network Interface
DS-20001 rev 09/22
logo
PMC-Sierra, Inc
PM7344 PMC-PM7344 Datasheet
1Mb / 293P
   SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
logo
National Semiconductor ...
DP8391 NSC-DP8391 Datasheet
175Kb / 10P
   Serial Network Interface
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com