Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CN22J31S205QA7 Datasheet(PDF) 1 Page - ITT Industries

Part # CN22J31S205QA7
Description  Double Pole Power Rocker Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

CN22J31S205QA7 Datasheet(HTML) 1 Page - ITT Industries

  CN22J31S205QA7 Datasheet HTML 1Page - ITT Industries CN22J31S205QA7 Datasheet HTML 2Page - ITT Industries CN22J31S205QA7 Datasheet HTML 3Page - ITT Industries CN22J31S205QA7 Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Switch Function
CN201 DPDT On-None-On
CN202 DPST On-None-Off
CN22 * DPST On-None-Off
Dimensions are shown: Inch (mm)
Dimensions subject to change
www.ittcannon.com
24
C&K CN Series
Double Pole Power Rocker Switches
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and
described on pages 24 thru 26. For additional options not shown in catalog, consult Customer Service Center.
Specifications
CONTACT RATING:
UL/CSA: 16 AMPS @ 125 VAC, 1/8 HP;
10 AMPS @ 250 VAC, 1/3 HP.
ELECTRICAL LIFE: 10,000 make and break cycles at full load.
INSULATION RESISTANCE: 108
Ω min.
DIELECTRIC STRENGTH: 1,500 VRMS @ sea level.
Features/Benefits
Illuminated versions available
Multiple actuator and
termination styles
Materials
HOUSING AND ACTUATOR: 6/6 nylon (UL94V-2), black, matte finish.
ILLUMINATED ACTUATOR: Polycarbonate, matte finish.
CENTER CONTACTS: Silver plated, copper alloy.
END CONTACTS: Silver plated AgSu02ln03.
ALL TERMINALS: Silver plated, copper alloy.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Typical Applications
Appliances
Office equipment
Computers and peripherals
Lamp Rating
(NONE)
(STD.) No lamp
7
125 VAC neon
8
250 VAC neon
Actuator Marking
(NONE)
(STD.) No marking
D
ON-OFF
H
”O l” - international ON-OFF
P
”O -” international ON-OFF
Actuator
J1 Rocker
J3 Illuminated rocker
J6 Rocker
J8 Illuminated rocker
Termination
15 (STD.) .187” quick connect
05 .250” quick connect
07 Solder lug
Actuator Color
2 (STD). Black
1 White
3 Red
R Red, illuminated
A Amber, illuminated
G Green, illuminated
Contact Rating
Q
(STD.) Silver (UL/CSA)
QA Silver (UL/CSA with HP rating)
Mounting Style/Color
S2 (STD.) Snap-in, black
S4 (STD.) Snap-in, black
S1 Snap-in, white
S3 Snap-in, white
* CN22 - for switches with both marking and illumination


Similar Part No. - CN22J31S205QA7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CN22JN0 ETC-CN22JN0 Datasheet
703Kb / 10P
   Thick Film Chip Resistors Arrays
CN22JT0 ETC-CN22JT0 Datasheet
703Kb / 10P
   Thick Film Chip Resistors Arrays
CN22JTN103 ETC-CN22JTN103 Datasheet
1Mb / 11P
   Thick Film Chip Resistor Networks
CN22JTN1540 ETC-CN22JTN1540 Datasheet
1Mb / 11P
   Thick Film Chip Resistor Networks
CN22JTN43R2 ETC-CN22JTN43R2 Datasheet
1Mb / 11P
   Thick Film Chip Resistor Networks
More results

Similar Description - CN22J31S205QA7

ManufacturerPart #DatasheetDescription
logo
C&K Components
CN201J12S215DQ7 CK-COMPONENTS-CN201J12S215DQ7 Datasheet
460Kb / 4P
   Double Pole Power Rocker Switches
CN CK-COMPONENTS-CN Datasheet
288Kb / 4P
   Double Pole Power Rocker Switches
2018
logo
ITT Industries
CN201J12S215Q ITT-CN201J12S215Q Datasheet
250Kb / 4P
   Double Pole Power Rocker Switches
DT12J12S215QA ITT-DT12J12S215QA Datasheet
306Kb / 4P
   Miniature Double Pole Rocker Switches
logo
Carling Technologies
RG-SERIES CARLINGTECH-RG-SERIES Datasheet
421Kb / 3P
   Single/Double Pole Lighted Rocker & Paddle Switches
logo
ITT Industries
CG101J12S205QF ITT-CG101J12S205QF Datasheet
154Kb / 4P
   Single Pole Power Rocker Switches
CM101J12S205QA ITT-CM101J12S205QA Datasheet
151Kb / 4P
   Single Pole Power Rocker Switches
logo
C&K Components
CL101J72S205DQA7 CK-COMPONENTS-CL101J72S205DQA7 Datasheet
651Kb / 4P
   Single Pole Power Rocker Switches
CL CK-COMPONENTS-CL Datasheet
381Kb / 4P
   Single Pole Power Rocker Switches
2018
CM101J12S205DQA7 CK-COMPONENTS-CM101J12S205DQA7 Datasheet
563Kb / 4P
   Single Pole Power Rocker Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com