Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT57ALVCH16823PA Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT57ALVCH16823PA
Description  3.3V CMOS 18-BIT BUS-INTERFACE FLIPFLOP WITH 3-STATE OUTPUTS AND BUS-HOLD
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT57ALVCH16823PA Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT57ALVCH16823PA Datasheet HTML 1Page - Integrated Device Technology IDT57ALVCH16823PA Datasheet HTML 2Page - Integrated Device Technology IDT57ALVCH16823PA Datasheet HTML 3Page - Integrated Device Technology IDT57ALVCH16823PA Datasheet HTML 4Page - Integrated Device Technology IDT57ALVCH16823PA Datasheet HTML 5Page - Integrated Device Technology IDT57ALVCH16823PA Datasheet HTML 6Page - Integrated Device Technology IDT57ALVCH16823PA Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INDUSTRIALTEMPERATURERANGE
IDT74ALVCH16823
3.3VCMOS18-BITBUS-INTERFACEFLIP-FLOPWITH3-STATEOUTPUTS
1
JANUARY 2004
INDUSTRIAL TEMPERATURE RANGE
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
© 2004 Integrated Device Technology, Inc.
DSC-4237/2
FEATURES:
• 0.5 MICRON CMOS Technology
• Typical tSK(o) (Output Skew) < 250ps
• ESD > 2000V per MIL-STD-883, Method 3015; > 200V using
machine model (C = 200pF, R = 0)
•VCC = 3.3V ± 0.3V, Normal Range
•VCC = 2.7V to 3.6V, Extended Range
•VCC = 2.5V ± 0.2V
• CMOS power levels (0.4
µµµµµ W typ. static)
• Rail-to-Rail output swing for increased noise margin
• Available in TSSOP package
FUNCTIONAL BLOCK DIAGRAM
DRIVE FEATURES:
• High Output Drivers: ±24mA
• Suitable for heavy loads
APPLICATIONS:
• 3.3V high speed systems
• 3.3V and lower voltage computing systems
IDT74ALVCH16823
3.3V CMOS 18-BIT
BUS-INTERFACE FLIP-
FLOP WITH 3-STATE OUT-
PUTS AND BUS-HOLD
DESCRIPTION:
This18-bitbus-interfaceflip-flopisbuiltusingadvanceddualmetalCMOS
technology.TheALVCH16823features3-stateoutputsdesignedspecifically
for driving highly capacitive or relatively low-impedance loads. The device is
particularlysuitableforimplementingwiderbufferregisters,I/Oports,bidirec-
tional bus drivers with parity, and working registers.
TheALVCH16823canbeusedastwo9-bitflip-flopsorone18-bitflip-flop.
Withtheclock-enable(CLKEN)inputlow,theD-typeflip-flopsenterdataonthe
low-to-hightransitionsoftheclock.TakingCLKENhighdisablestheclockbuffer,
thuslatchingtheoutputs.Takingtheclear(CLR)inputlowcausestheQoutputs
to go low independently of the clock.
A buffered output-enable (OE)input can beused to placethenineoutputs
ineitheranormallogicstate(highorlowlogiclevels)orahigh-impedancestate.
In the high-impedance state, the outputs neither load nor drive the bus lines
significantly. The high-impedance state and increased drive provide the
capabilitytodrivebuslineswithoutneedforinterfaceorpullupcomponents.The
OEinputdoesnotaffecttheinternaloperationoftheflip-flops.Olddatacanbe
retainedornewdatacanbeenteredwhiletheoutputsareinthehigh-impedance
state.
The ALVCH16823 has been designed with a ±24mA output driver. This
driveriscapableofdrivingamoderatetoheavyloadwhilemaintainingspeed
performance.
The ALVCH16823 has “bus-hold” which retains the inputs’ last state
whenevertheinputgoestoahighimpedance. Thispreventsfloatinginputsand
eliminatestheneedforpull-up/downresistor.
TO 8 OTHER CHANNELS
1
OE
2
56
55
1
CE
R
C 1
3
1
Q1
D1
1
CLR
1
CLKEN
1
CLK
1
D1
54
TO 8 OTHER CHANNELS
2
OE
27
29
30
28
CE
R
C 1
15
2
Q1
D1
2
CLR
2
CLKE N
2
CLK
2
D 1
42


Similar Part No. - IDT57ALVCH16823PA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT57LVC162374APA IDT-IDT57LVC162374APA Datasheet
271Kb / 6P
   3.3V CMOS 16-BIT EDGE TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD
IDT57LVC162374APF IDT-IDT57LVC162374APF Datasheet
271Kb / 6P
   3.3V CMOS 16-BIT EDGE TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD
IDT57LVC162374APV IDT-IDT57LVC162374APV Datasheet
271Kb / 6P
   3.3V CMOS 16-BIT EDGE TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD
More results

Similar Description - IDT57ALVCH16823PA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74ALVCHR16501 IDT-IDT74ALVCHR16501 Datasheet
74Kb / 7P
   3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT74ALVCHR16601 IDT-IDT74ALVCHR16601 Datasheet
72Kb / 7P
   3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT74ALVCH16501 IDT-IDT74ALVCH16501 Datasheet
82Kb / 7P
   3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
logo
Renesas Technology Corp
IDT74ALVCHR162245 RENESAS-IDT74ALVCHR162245 Datasheet
274Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD
SEPTEMBER 2016
logo
Integrated Device Techn...
IDT74ALVCH162374 IDT-IDT74ALVCH162374 Datasheet
72Kb / 6P
   3.3V CMOS 16-BIT EDGE-TRIGGERED D-TYPE FLIPFLOP WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT74ALVCHR162245 IDT-IDT74ALVCHR162245 Datasheet
85Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD
74ALVCH162245 IDT-74ALVCH162245 Datasheet
102Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD
logo
Renesas Technology Corp
IDT74ALVCH162245 RENESAS-IDT74ALVCH162245 Datasheet
300Kb / 8P
   3.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD
AUGUST 2016
IDT74ALVCH32245 RENESAS-IDT74ALVCH32245 Datasheet
287Kb / 8P
   3.3V CMOS 32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
JUNE 2016
logo
Integrated Device Techn...
IDT74ALVCH16245 IDT-IDT74ALVCH16245 Datasheet
90Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com