Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL1100FF260RTAK Datasheet(PDF) 1 Page - E-SWITCH

Part # TL1100FF260RTAK
Description  TACT SWITCHES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

TL1100FF260RTAK Datasheet(HTML) 1 Page - E-SWITCH

  TL1100FF260RTAK Datasheet HTML 1Page - E-SWITCH TL1100FF260RTAK Datasheet HTML 2Page - E-SWITCH TL1100FF260RTAK Datasheet HTML 3Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1.00x0.30
[.040x.012]
0.50
[.020]
3.50
[.138]
12.50
[.492]
14.10
[.555]
1.80
[.071]
7.30
[.287]
4.00
[.157]
5.00
[.197]
3.30
[.130] SQ.
1.80
[.071]
HOW TO ORDER
SERIES TL SWITCHES
80
TACT SWITCHES
Phone: 763-504-3525
Fax: 763-531-8235
www.e-switch.com info@e-switch.com
SPECIFICATIONS
Rating:
50mA@50 VDC
Electrical Life:
100,000 cycles
Contact Resistance:
100m
Ω max., typical @ 2-4 VDC
100mA for both silver and gold plated contacts
Insulation Resistance:
1,000M
Ω min.
Dielectric Strength:
>1,000 V rms at sea level
Operating Force:
160 ± 50 gf, 260 ± 50 gf
MATERIALS
Housing:
Polybutylene Terephthalate (PBT)
Actuator:
Polybutylene Terephthalate (PBT)
Cover:
Polyester
Contacts:
Silver plated phosphor bronze
Terminals:
Silver plated copper alloy
Model No.
Series
Actuator
("L" Dimension)
Operating
Force
Contact
Material
Cap Color
Cap
(Where Avail.)
//
TL
TL
1100
(None)=3.3mm
A=3.8mm
B=4.554mm
C=6.45mm Rt.
Angle
D=4.3mm
E=7.5mm
F=12mm
G=11.2mm Rt.
Angle
F160
F260
See Cap Options
Q=Silver
R=Gold
TL 1100
TL
1100
C
F260
Q
TAK
GRY
EXAMPLE
P.C. MOUNTING
= Square Snap-on Actuator Head
“L” Dimension is 7.3mm
1.30
[.051]
TYP.
12.50
[.492]
5.00
[.197]
PP 080-089 Tact.qxd
5/7/02
10:47 AM
Page 80


Similar Part No. - TL1100FF260RTAK

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
TL1100FF260RGRY E-SWITCH-TL1100FF260RGRY Datasheet
286Kb / 3P
   TACT SWITCHES - 12mm x 12mm
More results

Similar Description - TL1100FF260RTAK

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
TL3300 E-SWITCH-TL3300 Datasheet
194Kb / 2P
   TACT SWITCHES
320 E-SWITCH-320 Datasheet
327Kb / 3P
   TACT SWITCHES
logo
Highly Electric Co., Lt...
TP6141 HIGHLY-TP6141 Datasheet
1Mb / 2P
   TACT SWITCHES
logo
E-SWITCH
TL1107 E-SWITCH-TL1107 Datasheet
278Kb / 2P
   TACT SWITCHES
logo
Highly Electric Co., Lt...
TP6149T HIGHLY-TP6149T Datasheet
952Kb / 2P
   TACT SWITCHES
logo
E-SWITCH
TL1150 E-SWITCH-TL1150 Datasheet
94Kb / 1P
   TACT SWITCHES
logo
List of Unclassifed Man...
PHAP33 ETC2-PHAP33 Datasheet
403Kb / 14P
   Tact switches
logo
Highly Electric Co., Lt...
PB614 HIGHLY-PB614 Datasheet
2Mb / 5P
   TACT SWITCHES
PB617 HIGHLY-PB617 Datasheet
1Mb / 3P
   TACT SWITCHES
TP6152 HIGHLY-TP6152 Datasheet
1Mb / 3P
   TACT SWITCHES
TP617 HIGHLY-TP617 Datasheet
823Kb / 2P
   TACT SWITCHES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com