Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5511MYELYELRED Datasheet(PDF) 3 Page - E-SWITCH

Part # 5511MYELYELRED
Description  PUSHBUTTON SWITCHES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

5511MYELYELRED Datasheet(HTML) 3 Page - E-SWITCH

  5511MYELYELRED Datasheet HTML 1Page - E-SWITCH 5511MYELYELRED Datasheet HTML 2Page - E-SWITCH 5511MYELYELRED Datasheet HTML 3Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PUSHBUTTON SWITCHES
Phone: 763-504-3525
Fax: 763-531-8235
www.e-switch.com info@e-switch.com
SERIES 5500 SWITCHES
5511
Schematic
P.C. MOUNTING
5511
Schematic
P.C. MOUNTING
1 LED
2 LEDS
132
+
+
7.62
[.300]
0.90
[.035]
TYP.
7.62
[.300]
5.08
[.200]
1.10
[.043]
(2 PL)
15.24
[.600]
5.08
[.200]
2
1
3
1
N.O.
N.C.
(-)
(+)
+
-
-
1
1
2
3
+
17.50
[.689]
15.24
[.600]
5.08
[.200]
8.00
[.315]
3.50
[.138]
17.10
[.673]
7.62
[.300]
7.62
[.300]
0.90
[.035] (2 PL)
2.00
[.079]
14.30
[.563]
1.50
[.059]
12.40
[.488]
7.62
[.300]
0.70 x 0.35 THK.
[.027 x .013]
TERMINAL (4 PL)
17.30
[.681]
BOTTOM VIEW
+
+
5.08
[.200]
15.24
[.600]
1.10
[.043]
(2 PL)
5.08
[.200]
7.62
[.300]
0.90
[.035]
7.62
[.300]
2
2
1
1
3
3
1
1
(-)
(-)
(-)
(+)
(+)
(+)
N.O.
N.O.
N.O.
N.C.
N.C.
N.C.
(+)
(+)
(+)
(-)
(-)
(-)
+
3
2
1
1
1
-
-
+
17.30
[.681]
0.70 x 0.35 THK.
[.027 x .013]
7.62
[.300]
12.40
[.488]
1.50
[.059]
14.30
[.563]
2.00
[.079]
0.90
[.035] (2 PL)
7.62
[.300]
7.62
[.300]
17.10
[.673]
3.50
[.138]
8.00
[.315]
1
5.08
[.200]
15.24
[.600]
17.50
[.689]
5.00
[.197]
pp 122-138 Pushbutton.qxd
5/7/02
3:46 PM
Page 132


Similar Part No. - 5511MYELYELRED

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5511 POMONA-5511 Datasheet
40Kb / 1P
   BNC Within Series Adapter Kit
logo
Mallory performance clu...
5511 MALLORY-5511 Datasheet
1Mb / 2P
   Street Fire GM LS Coils
logo
List of Unclassifed Man...
5511 ETC-5511 Datasheet
31Kb / 1P
   High Current RF Chokes
logo
Bourns Electronic Solut...
5511-RC BOURNS-5511-RC Datasheet
469Kb / 1P
   High Current Chokes
logo
Littelfuse
55110 LITTELFUSE-55110 Datasheet
447Kb / 3P
   Hall Effect Sensors
More results

Similar Description - 5511MYELYELRED

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R13-502MA ETC2-R13-502MA Datasheet
107Kb / 4P
   Pushbutton Switches
logo
Copal Electronics
MSP COPAL-MSP Datasheet
607Kb / 1P
   Pushbutton Switches
logo
E-SWITCH
LC1257EENP E-SWITCH-LC1257EENP Datasheet
287Kb / 3P
   PUSHBUTTON SWITCHES
logo
Copal Electronics
FP_SERIES COPAL-FP_SERIES Datasheet
765Kb / 3P
   Pushbutton Switches
logo
C&K Components
F CK-COMPONENTS-F Datasheet
1Mb / 9P
   Pushbutton Switches
29 may 19
PS-12G CK-COMPONENTS-PS-12G_V01 Datasheet
888Kb / 8P
   Pushbutton Switches
28 Nov 22
logo
E-SWITCH
5500 E-SWITCH-5500_1 Datasheet
323Kb / 3P
   PUSHBUTTON SWITCHES
700A E-SWITCH-700A Datasheet
570Kb / 3P
   PUSHBUTTON SWITCHES
TA10UOAEAUPSTA12BLU E-SWITCH-TA10UOAEAUPSTA12BLU Datasheet
526Kb / 5P
   PUSHBUTTON SWITCHES
logo
C&K Components
SF4UEE CK-COMPONENTS-SF4UEE Datasheet
440Kb / 10P
   Pushbutton Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com