Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM-NP-1003 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # LM-NP-1003
Description  Line Matching Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

LM-NP-1003 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  LM-NP-1003 Datasheet HTML 1Page - Bourns Electronic Solutions LM-NP-1003 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Part Numbers And Specifications
Parameters
Unit
LM-NP LM-NP
LM-NP
LM-NP
LM-NP
LM-LP
LM-LP
LM-LP
LM-LP
LM-LP
1001-B1
1002
1003
1004
1005
1001
1002
1003
1004
1005
Ref. Temperature Data
°C
25
25
25
25
25
25
25
25
25
25
Impedance
Primary
600
600
600
600
600
600
600
600
600
600
(min./at 1.0 kHz)
(150, 150) (150+150)
(150, 150) (150+150)
Secondary
600
600
600
600
600
600
600
600
600
600
(150,150) (150+150) (150,150)
(150+150)
(150,150)
(150+150)
(150,150) (150+150)
Inductance
Primary
H
2.8
2.8
2.8
2.8
2.8
2.8
2.8
2.8
2.8
2.8
(min./at 0.2 kHz)
(0.7, 0.7) (0.7+0.7)
(0.7, 0.7) (0.7+0.7)
Secondary
H
2.8
2.8
2.8
2.8
2.8
2.8
2.8
2.8
2.8
2.8
(0.7,0.7) (0.7+0.7) (0.7,0.7)
(0.7+0.7)
(0.7,0.7) (0.7+0.7)
(0.7,0.7) (0.7+0.7)
DC-Resistance
Primary
66
66
66
66
66
90
90
90
90
90
(typical/±10 %)
(33,33)
(33+33)
(45,45)
45+45)
Secondary
66
66
66
66
66
90
90
90
90
90
(33,33)
(33+33)
(33,33)
(33+33)
(45,45)
(45+45)
(45,45)
45+45)
Turns Ratio (≤ ±2 %)
1:1
1:1
1:1
1:1
1:1
1:1
1:1
1:1
1:1
1:1
Winding
one
one
both
both
one
one
both
both
Configurations
winding
winding windings windings
winding
winding
windings windings
center
split
center
split
center
split
center
split
tapped
tapped
tapped
tapped
Insertion Loss (at 2.0 kHz)
dB
≤ 1.5
≤ 2.0
Return Loss
Transformer
dB
≥ 10.0
≥ 8.0
(0.2 - 4.0 kHz)
In Networks
≥ 21.0
≥ 20.0
Shunt Loss (typical)
kΩ
9.0
9.0
Frequency Response
dB
- 0.3
- 0.5
(typ./0.2 - 3.5 kHz)
Wide Band Response
dB
- 2.5
- 4.5
(0.2 - 10.0 kHz)
Power Level
dBm
- 45.0 to + 3.0
- 43.0 to + 3.0
Longitudinal Balance
dB
-80.0
- 70.0
(0.3 - 4.0 kHz)
Distortion (0 dB/at 1.0 kHz)
%
≤ 0.1
≤ 0.25
Leakage Induction (typical)
mH
14.0
14.0
Dielectric Strength (P/S)
kVDC
6.5
6.5
Temperature Range
Operation
°C
-10 to +60
-10 to +60
Storage
°C
-20 to +70
-20 to +70
Specifications Met
BS 6204: Construction and flammability (UL 94 VO)
CCITT: Rec. T/CD 1-1
BS 6301: Isolation
(Sept. 1982)
BS 6305: Return loss (1982/paragraph 4.3.2.2/b)
LM-NP/-LP 1000 Series - Line Matching Transformers
REV. 04/05


Similar Part No. - LM-NP-1003

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
LM-NP-1003L BOURNS-LM-NP-1003L Datasheet
167Kb / 2P
   LM-NP/-LP 1000 Series - Line Matching Transformers
LM-NP-1003L BOURNS-LM-NP-1003L Datasheet
167Kb / 2P
   LM-NP/-LP 1000 Series - Line Matching Transformers
More results

Similar Description - LM-NP-1003

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
LM-LP-1001L BOURNS-LM-LP-1001L Datasheet
167Kb / 2P
   Line Matching Transformers
LM-NP1001-B1L BOURNS-LM-NP1001-B1L Datasheet
167Kb / 2P
   Line Matching Transformers
SMLP5002 BOURNS-SMLP5002 Datasheet
170Kb / 1P
   Surface Mount Line Matching Transformers
SM-LP-5002 BOURNS-SM-LP-5002 Datasheet
142Kb / 1P
   Surface Mount Line Matching Transformers
SMLP5001 BOURNS-SMLP5001_11 Datasheet
139Kb / 1P
   Surface Mount Line Matching Transformers
SMLP5001 BOURNS-SMLP5001 Datasheet
168Kb / 1P
   Surface Mount Line Matching Transformers
logo
JFW Industries, Inc.
57ZT JFW-57ZT Datasheet
48Kb / 1P
   Impedance Matching Transformers
logo
Bourns Electronic Solut...
LM-NP-1004L BOURNS-LM-NP-1004L Datasheet
167Kb / 2P
   LM-NP/-LP 1000 Series - Line Matching Transformers
LM-NP-1001-B1L BOURNS-LM-NP-1001-B1L Datasheet
167Kb / 2P
   LM-NP/-LP 1000 Series - Line Matching Transformers
LM-NP-1003L BOURNS-LM-NP-1003L Datasheet
167Kb / 2P
   LM-NP/-LP 1000 Series - Line Matching Transformers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com