Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

800AWSP8M2RE Datasheet(PDF) 2 Page - E-SWITCH

Part # 800AWSP8M2RE
Description  SEALED SUB-MINIATURE PUSHBUTTON SWITCHES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

800AWSP8M2RE Datasheet(HTML) 2 Page - E-SWITCH

  800AWSP8M2RE Datasheet HTML 1Page - E-SWITCH 800AWSP8M2RE Datasheet HTML 2Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SEALED SUB-MINIATURE PUSHBUTTON SWITCHES
Phone: 763-504-3525
Fax: 763-531-8235
www.e-switch.com info@e-switch.com
P.C. MOUNTING
P.C. MOUNTING
P.C. MOUNTING
P.C. MOUNTING
M6
M61
M7
VS-2
1
3
BASE
SEAL
.51
[.020]
5.08
[.200]
8.13
[.320]
5.08
[.200]
2.54
[.100]
3.53
[.139]
6.10
[.240]
4.39
[.173]
0.76
[.030]
5.08
[.200]
4.01
[.158]
0.80
[.031]
5.08
[.200]
3.30
[.130]
FLAT
4.41
[.174]
EPOXY
0.51
[.020]
1.09
[.043]
(4 PL)
5.08
[.200]
5.08
[.200]
CRIMPED
BRACKET
Switch Support
0.41mm THICK
5.08
[.200]
5.08
[.200]
1.09
[.043]
(4 PL)
SPST
SPST
SPST
SERIES 800A SWITCHES
CONTACT MATERIAL OPTIONS
Q
Fixed Terminal:
Silver plated copper alloy.
Moving Contacts
Silver plated copper alloy.
Rating:
1 AMP @ 120VAC or 28 VDC.
R
Fixed Terminal:
Copper alloy with gold plate over
nickel plate.
Moving Contact:
Copper alloy with gold plate
over nickel plate.
Rating:
0.4 VA max. @ 20 VAC or DC max.
SPST
TERMINATION CONTINUED
144
PP 139-166Pushbutton.qxd
5/7/02
4:15 PM
Page 144


Similar Part No. - 800AWSP8M2RE

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
800AWSP8M2RE E-SWITCH-800AWSP8M2RE Datasheet
390Kb / 3P
   PUSHBUTTON SWITCHES - SUB-MINIATURE
More results

Similar Description - 800AWSP8M2RE

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
800B E-SWITCH-800B Datasheet
189Kb / 1P
   SEALED SUB-MINIATURE PUSHBUTTON SWITCHES
logo
GREATECS
PB4 GREATECS-PB4 Datasheet
1Mb / 2P
   Sealed Sub-Miniature Pushbutton Switches
PB64 GREATECS-PB64 Datasheet
837Kb / 3P
   Sealed Sub-Miniature SMT Pushbutton Switches
logo
C&K Components
FP CK-COMPONENTS-FP Datasheet
365Kb / 3P
   Sealed Ultra Miniature Pushbutton Switches
13 Mar 20
FP11 CK-COMPONENTS-FP11 Datasheet
159Kb / 3P
   Sealed Ultra Miniature Pushbutton Switches
FP-SERIES CK-COMPONENTS-FP-SERIES Datasheet
178Kb / 3P
   Sealed Ultra Miniature Pushbutton Switches
logo
E-SWITCH
800B E-SWITCH-800B_1 Datasheet
140Kb / 1P
   PUSHBUTTON SWITCHES - SUB-MINIATURE
800A E-SWITCH-800A_1 Datasheet
390Kb / 3P
   PUSHBUTTON SWITCHES - SUB-MINIATURE
800 E-SWITCH-800 Datasheet
725Kb / 5P
   PUSHBUTTON SWITCHES - SUB-MINIATURE
logo
Grayhill, Inc
38FSP8B5M1QT GRAYHILL-38FSP8B5M1QT Datasheet
418Kb / 4P
   Sub-Miniature Pushbutton Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com