Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5511MYELXRED Datasheet(PDF) 1 Page - E-SWITCH

Part # 5511MYELXRED
Description  PUSHBUTTON SWITCHES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

5511MYELXRED Datasheet(HTML) 1 Page - E-SWITCH

  5511MYELXRED Datasheet HTML 1Page - E-SWITCH 5511MYELXRED Datasheet HTML 2Page - E-SWITCH 5511MYELXRED Datasheet HTML 3Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PUSHBUTTON SWITCHES
Phone: 763-504-3525
Fax: 763-531-8235
www.e-switch.com info@e-switch.com
SERIES 5500 SWITCHES
Mechanical
Configuration
Cap Style
Series
55
55
M
M
Cap Color
LED Color
2nd LED Color
(2-LED Cap Styles Only)
,,
SPECIFICATIONS
Ratings:
50mA @ 12 VDC
Electrical Life:
500,000 cycles typical
Contact Resistance:
10m
Ω max. typical @ 2-4 VDC, 100mA
Insulation Resistance:
1,000 M
Ω min.
Dielectric Strength:
>1,000 V rms at sea level
Operating Force:
250 ± 50 gf
MATERIALS
Housing:
6/6 Nylon
Cap:
ABS
Contacts:
Gold over nickel over copper alloy
Terminals:
Gold over nickel over copper alloy
HOW TO ORDER
M=Momentary
X=No LED
RED=Red LED
GRN=
Green LED
YEL=
Yellow LED
BLK=Black
GRY=Grey
YEL=Yellow
BLU=Blue
RED=Red
ORG =Orange
GRN=Green
WHT=White
RED=Red LED
GRN=
Green LED
YEL=
Yellow LED
01=Small
11=Large
55
11
M
BLU
EXAMPLE
55
01
M
WHT
RED, GRN
130
pp 122-138 Pushbutton.qxd
5/7/02
3:45 PM
Page 130


Similar Part No. - 5511MYELXRED

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5511 POMONA-5511 Datasheet
40Kb / 1P
   BNC Within Series Adapter Kit
logo
Mallory performance clu...
5511 MALLORY-5511 Datasheet
1Mb / 2P
   Street Fire GM LS Coils
logo
List of Unclassifed Man...
5511 ETC-5511 Datasheet
31Kb / 1P
   High Current RF Chokes
logo
Bourns Electronic Solut...
5511-RC BOURNS-5511-RC Datasheet
469Kb / 1P
   High Current Chokes
logo
Littelfuse
55110 LITTELFUSE-55110 Datasheet
447Kb / 3P
   Hall Effect Sensors
More results

Similar Description - 5511MYELXRED

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R13-502MA ETC2-R13-502MA Datasheet
107Kb / 4P
   Pushbutton Switches
logo
Copal Electronics
MSP COPAL-MSP Datasheet
607Kb / 1P
   Pushbutton Switches
logo
E-SWITCH
LC1257EENP E-SWITCH-LC1257EENP Datasheet
287Kb / 3P
   PUSHBUTTON SWITCHES
logo
Copal Electronics
FP_SERIES COPAL-FP_SERIES Datasheet
765Kb / 3P
   Pushbutton Switches
logo
C&K Components
F CK-COMPONENTS-F Datasheet
1Mb / 9P
   Pushbutton Switches
29 may 19
PS-12G CK-COMPONENTS-PS-12G_V01 Datasheet
888Kb / 8P
   Pushbutton Switches
28 Nov 22
logo
E-SWITCH
5500 E-SWITCH-5500_1 Datasheet
323Kb / 3P
   PUSHBUTTON SWITCHES
700A E-SWITCH-700A Datasheet
570Kb / 3P
   PUSHBUTTON SWITCHES
TA10UOAEAUPSTA12BLU E-SWITCH-TA10UOAEAUPSTA12BLU Datasheet
526Kb / 5P
   PUSHBUTTON SWITCHES
logo
C&K Components
SF4UEE CK-COMPONENTS-SF4UEE Datasheet
440Kb / 10P
   Pushbutton Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com