Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

800AWSP8VS2QE Datasheet(PDF) 1 Page - E-SWITCH

Part # 800AWSP8VS2QE
Description  SEALED SUB-MINIATURE PUSHBUTTON SWITCHES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

800AWSP8VS2QE Datasheet(HTML) 1 Page - E-SWITCH

  800AWSP8VS2QE Datasheet HTML 1Page - E-SWITCH 800AWSP8VS2QE Datasheet HTML 2Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Phone: 763-504-3525
Fax: 763-531-8235
www.e-switch.com info@e-switch.com
SEALED SUB-MINIATURE PUSHBUTTON SWITCHES
SPST
SERIES 800A SWITCHES
3
1
0.51
[.020]
3.30
[.130]
4.50
[.177]
5.08
[.200]
13.39
[.527]
0.76
[.030]
2.54
[.100]
5.46
[.215]
4.57
[.180]
8.13
[.320]
5.08
[.200]
Epoxy Seal Base
5.08
[.200]
1.09
[0.43]
(2 PL)
6
5]
Schematic
( ) = Momentary
Series
Model No.
Termination
Contact
Material
Seal
800A
800A
EE
WSP8
WSP9
M2
M6
M61
M7
VS2
Q=Silver
R=Gold
E=
Epoxy Seal
at Base of
Terminal
800A
WSP9
M7
R
E
EXAMPLE
SPECIFICATIONS
Ratings:
1A @ 120 VAC
Electrical Life:
50,000 cycles typical
Contact Resistance:
10m
Ω max. typical @ 2-4 VDC
100mA for both silver and gold plated contacts.
Insulation Resistance:
1,000M
Ω min.
Dielectric Strength:
1,000 V rms @ sea level.
Operating Force:
200 ± 50 gf
MATERIALS
Case:
Diallyl Phthalate (DAP)
Plunger:
Glass filled nylon or glass filled polyster
Bushing:
Nickel plated brass
Housing:
Stainless steel
Contacts:
Silver or Gold plated copper alloy.
TERMINATION OPTIONS
M2 P.C. Mounting
WSP8
ON
(ON)
WSP9
OFF
(ON)
Model No.
TYPE
13
P.C. MOUNTING
143
PP 139-166Pushbutton.qxd
5/7/02
4:15 PM
Page 143


Similar Part No. - 800AWSP8VS2QE

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
800AWSP8VS2QE E-SWITCH-800AWSP8VS2QE Datasheet
390Kb / 3P
   PUSHBUTTON SWITCHES - SUB-MINIATURE
More results

Similar Description - 800AWSP8VS2QE

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
800B E-SWITCH-800B Datasheet
189Kb / 1P
   SEALED SUB-MINIATURE PUSHBUTTON SWITCHES
logo
GREATECS
PB4 GREATECS-PB4 Datasheet
1Mb / 2P
   Sealed Sub-Miniature Pushbutton Switches
PB64 GREATECS-PB64 Datasheet
837Kb / 3P
   Sealed Sub-Miniature SMT Pushbutton Switches
logo
C&K Components
FP CK-COMPONENTS-FP Datasheet
365Kb / 3P
   Sealed Ultra Miniature Pushbutton Switches
13 Mar 20
FP11 CK-COMPONENTS-FP11 Datasheet
159Kb / 3P
   Sealed Ultra Miniature Pushbutton Switches
FP-SERIES CK-COMPONENTS-FP-SERIES Datasheet
178Kb / 3P
   Sealed Ultra Miniature Pushbutton Switches
logo
E-SWITCH
800B E-SWITCH-800B_1 Datasheet
140Kb / 1P
   PUSHBUTTON SWITCHES - SUB-MINIATURE
800A E-SWITCH-800A_1 Datasheet
390Kb / 3P
   PUSHBUTTON SWITCHES - SUB-MINIATURE
800 E-SWITCH-800 Datasheet
725Kb / 5P
   PUSHBUTTON SWITCHES - SUB-MINIATURE
logo
Grayhill, Inc
38FSP8B5M1QT GRAYHILL-38FSP8B5M1QT Datasheet
418Kb / 4P
   Sub-Miniature Pushbutton Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com