Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU426 Datasheet(PDF) 6 Page - Bourns Electronic Solutions

Part # BU426
Description  NPN SILICON POWER TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

BU426 Datasheet(HTML) 6 Page - Bourns Electronic Solutions

  BU426 Datasheet HTML 1Page - Bourns Electronic Solutions BU426 Datasheet HTML 2Page - Bourns Electronic Solutions BU426 Datasheet HTML 3Page - Bourns Electronic Solutions BU426 Datasheet HTML 4Page - Bourns Electronic Solutions BU426 Datasheet HTML 5Page - Bourns Electronic Solutions BU426 Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
BU426, BU426A
NPN SILICON POWER TRANSISTORS
6
PRODU CT
INFORMA TION
AUGUST 1978 - REVISED SEPTEMBER 2002
Specifications are subject to change without notice.
SOT-93
3-pin plastic flange-mount package
This single-in-line package consists of a circuit mounted on a lead frame and encapsulated within a plastic
compound. The compound will withstand soldering temperature with no deformation, and circuit performance
characteristics will remain stable when operated in high humidity conditions. Leads require no additional
cleaning or processing when used in soldered assembly.
MECHANICAL DATA
SOT-93
ALL LINEAR DIMENSIONS IN MILLIMETERS
4,90
4,70
1,37
1,17
0,78
0,50
2,50 TYP.
15,2
14,7
12,2 MAX.
16,2 MAX.
18,0 TYP.
31,0 TYP.
1,30
1,10
11,1
10,8
4,1
4,0
3,95
4,15
1
2
3
NOTE A: The centre pin is in electrical contact with the mounting tab.
MDXXAW
ø


Similar Part No. - BU426

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BU426 MOSPEC-BU426 Datasheet
103Kb / 3P
   POWER TRANSISTORS(6.0A,375-400V,113W)
logo
Power Innovations Ltd
BU426 POINN-BU426 Datasheet
131Kb / 7P
   NPN SILICON POWER TRANSISTORS
logo
STMicroelectronics
BU426 STMICROELECTRONICS-BU426 Datasheet
49Kb / 2P
   HIGH VOLTAGE POWER SWITCH
logo
Transys Electronics
BU426 TRSYS-BU426 Datasheet
716Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU426 SIEMENS-BU426 Datasheet
38Kb / 2P
   NPN SILICON POWER TRANSISTORS
More results

Similar Description - BU426

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com