Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4606H-AP2-222FL Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 4606H-AP2-222FL
Description  Thick Film Conformal SIPs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4606H-AP2-222FL Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  4606H-AP2-222FL Datasheet HTML 1Page - Bourns Electronic Solutions 4606H-AP2-222FL Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Isolated Resistors (102 Circuit)
Model 4600H-102
4, 6, 8, 10, 12 or 14 Pin
Bussed Resistors (101 Circuit)
Model 4600H-101-RC
4 through 14 Pin
Dual Terminator (104 Circuit)
Model 4600H-104-R1/R2
4 through 14 Pin
1
4
6
12
14
...
1
14
1
8
R2
R1
R2
R1
R2
R1
R2
R1
R2
R1
R2
R1
These models incorporate 2 to 7
isolated thick-film resistors of equal
value, each connected between two
pins.
Resistance Tolerance
10 ohms to 49 ohms ...................±1 ohm
50 ohms to 5 megohms.................±2 %*
Above 5 megohms..........................±5 %
Power Rating per Resistor
At 70 °C ...................................0.50 watt
AMBIENT TEMPERATURE ( C )
°
0
70
125
.50
.40
.30
.20
.10
25
.60
.70
These models incorporate 3 to 13
thick-film resistors of equal value, each
connected between a common bus
(pin 1) and a separate pin.
Resistance Tolerance
10 ohms to 49 ohms ...................±1 ohm
50 ohms to 5 megohms ................±2 %*
Above 5 megohms .........................±5 %
Power Rating per Resistor
At 70 °C ...................................0.30 watt
AMBIENT TEMPERATURE ( C )
°
0
70
125
.50
.40
.30
.20
.10
25
.60
.70
The 4608H-104 (shown above) is an 8-
pin configuration and terminates 6 lines.
Pins 1 and 8 are common for ground and
power, respectively. Twelve thick-film
resistors are paired in series between the
common lines (pins 1 and 8).
Resistance Tolerance
Below 100 ohms .......................±2 ohms
100 ohms to 5 megohms ..............±2 %*
Above 5 megohms .........................±5 %
Power Rating per Resistor
At 70 °C ...................................0.30 watt
AMBIENT TEMPERATURE ( C )
°
0
70
125
.50
.40
.30
.20
.10
25
.60
.70
Popular Resistance Values (101, 102 Circuits)**
* ±1 % TOLERANCE IS AVAILABLE BY ADDING SUFFIX CODE “F” AFTER THE RESISTANCE CODE.
**NON-STANDARD VALUES AVAILABLE, WITHIN RESISTANCE RANGE.
Ohms
Code
Ohms
Code
Ohms
Code
Ohms
Code
Ohms
Code
10
100
180
181
1,800
182
15,000
153
120,000
124
22
220
220
221
2,000
202
18,000
183
150,000
154
27
270
270
271
2,200
222
20,000
203
180,000
184
33
330
330
331
2,700
272
22,000
223
220,000
224
39
390
390
391
3,300
332
27,000
273
270,000
274
47
470
470
471
3,900
392
33,000
333
330,000
334
56
560
560
561
4,700
472
39,000
393
390,000
394
68
680
680
681
5,600
562
47,000
473
470,000
474
82
820
820
821
6,800
682
56,000
563
560,000
564
100
101
1,000
102
8,200
822
68,000
683
680,000
684
120
121
1,200
122
10,000
103
82,000
823
820,000
824
150
151
1,500
152
12,000
123
100,000
104
1,000,000
105
Popular Resistance Values (104 Circuit)**
Resistance
(Ohms)
Code
R1
R2
R1
R2
160
240
161
241
180
390
181
391
220
270
221
271
220
330
221
331
330
390
331
391
330
470
331
471
3,000
6,200
302
622
4600H Series - Thick Film Conformal SIPs
Power Temperature Derating Curve
Power Temperature Derating Curve
Power Temperature Derating Curve
REV. 06/06
For information on specific applications,
download Bourns’ application notes:
DRAM Applications
Dual Terminator Resistor Networks
R/2R Ladder Networks
SCSI Applications


Similar Part No. - 4606H-AP2-222FL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4606H-AP2-222FLF BOURNS-4606H-AP2-222FLF Datasheet
220Kb / 2P
   Thick Film Conformal SIPs
4606H-AP2-222FLL BOURNS-4606H-AP2-222FLL Datasheet
220Kb / 2P
   Thick Film Conformal SIPs
More results

Similar Description - 4606H-AP2-222FL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4600X BOURNS-4600X Datasheet
245Kb / 2P
   Thick Film Conformal SIPs
4608X-101-821 BOURNS-4608X-101-821 Datasheet
220Kb / 2P
   Thick Film Conformal SIPs
4600M BOURNS-4600M Datasheet
245Kb / 2P
   Thick Film Conformal SIPs
4600X-101-222LF BOURNS-4600X-101-222LF Datasheet
220Kb / 2P
   Thick Film Conformal SIPs
4606H-101-222FLF BOURNS-4606H-101-222FLF Datasheet
220Kb / 2P
   Thick Film Conformal SIPs
4606M-101-222FLF BOURNS-4606M-101-222FLF Datasheet
252Kb / 2P
   Thick Film Conformal SIPs
4609X-101-221LF BOURNS-4609X-101-221LF Datasheet
220Kb / 2P
   4600X Series - Thick Film Conformal SIPs
4609X-101-472LF BOURNS-4609X-101-472LF Datasheet
220Kb / 2P
   4600X Series - Thick Film Conformal SIPs
4610X-101-103LF BOURNS-4610X-101-103LF Datasheet
220Kb / 2P
   4600X Series - Thick Film Conformal SIPs
4609X-101-272LF BOURNS-4609X-101-272LF Datasheet
220Kb / 2P
   4600X Series - Thick Film Conformal SIPs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com