Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC817 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BC817
Description  NPN general purpose transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC817 Datasheet(HTML) 4 Page - NXP Semiconductors

  BC817 Datasheet HTML 1Page - NXP Semiconductors BC817 Datasheet HTML 2Page - NXP Semiconductors BC817 Datasheet HTML 3Page - NXP Semiconductors BC817 Datasheet HTML 4Page - NXP Semiconductors BC817 Datasheet HTML 5Page - NXP Semiconductors BC817 Datasheet HTML 6Page - NXP Semiconductors BC817 Datasheet HTML 7Page - NXP Semiconductors BC817 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1999 Jun 01
4
Philips Semiconductors
Product specification
NPN general purpose transistor
BC817
Fig.2 DC current gain; typical values.
BC817-16.
handbook, full pagewidth
0
20
40
80
120
160
MBH721
10−1
1
hFE
10
IC (mA)
102
103
VCE = 1 V
Fig.3 DC current gain; typical values.
BC817-25.
handbook, full pagewidth
0
500
100
200
300
400
MBH720
10−1
1
hFE
10
IC (mA)
102
103
VCE = 1 V


Similar Part No. - BC817

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BC817 TRSYS-BC817 Datasheet
49Kb / 2P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
logo
Shanghai Shunye Electro...
BC817 SHUNYE-BC817 Datasheet
91Kb / 2P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
logo
Fairchild Semiconductor
BC817 FAIRCHILD-BC817 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
logo
Dongguan Pingjingsemi T...
BC817 PJSEMI-BC817 Datasheet
366Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
BC817 KODENSHI-BC817 Datasheet
260Kb / 4P
   High current application
More results

Similar Description - BC817

ManufacturerPart #DatasheetDescription
logo
Rohm
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
   NPN general purpose transistor
logo
Pan Jit International I...
BC546 PANJIT-BC546 Datasheet
160Kb / 5P
   NPN GENERAL PURPOSE TRANSISTOR
logo
Weitron Technology
BC337 WEITRON-BC337 Datasheet
256Kb / 4P
   NPN General Purpose Transistor
logo
Rohm
BC848BW ROHM-BC848BW Datasheet
149Kb / 6P
   NPN General Purpose Transistor
logo
NXP Semiconductors
2PC4617J PHILIPS-2PC4617J Datasheet
40Kb / 8P
   NPN general purpose transistor
1999 May 04
2PC1815 PHILIPS-2PC1815 Datasheet
42Kb / 8P
   NPN general purpose transistor
1999 May 28
2PC4617 PHILIPS-2PC4617 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 May 21
MPSA06 PHILIPS-MPSA06 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 Apr 27
2PD1820A NXP-2PD1820A Datasheet
107Kb / 6P
   NPN general purpose transistor
1997 May 22
PMBTA06 NXP-PMBTA06 Datasheet
102Kb / 6P
   NPN general purpose transistor
2004 Jan 22
logo
Shenzhen Ping Sheng Ele...
BC846 PFS-BC846 Datasheet
210Kb / 4P
   NPN general purpose Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com