Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTA6044-2015CPB203 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PTA6044-2015CPB203
Description  Low Profile Slide Potentiometer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PTA6044-2015CPB203 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PTA6044-2015CPB203 Datasheet HTML 1Page - Bourns Electronic Solutions PTA6044-2015CPB203 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
PTA Series - Low Profile Slide Potentiometer
Product Dimensions
2 x M2 x 0.4
E
D
C
3
1
2
TRAVEL
C
D
E
B
A
PTAxx43
9.0
(.354)
6.5
(.255)
5.5
(.216)
3.0
(.118)
3.5
(.137)
0.5
(.019)
8.4
(.330)
3.5
(.137)
1.5
(.059)
DIA.
7 PLCS.
E
D
F
C
1
1
PTAxx44
1
2
2
3
3
2 x M2 x 0.4
TRAVEL
C
D
E
B
A
9.0
(.354)
6.5
(.255)
5.5
(.216)
3.0
(.118)
3.5
(.137)
0.5
(.019)
1.5
(.059)
DIA.
10 PLCS.
8.4
(.330)
3.5
(.137)
2.0
(.078)
1.2
(.047)
Single Gang Dimensions
Dual Gang Dimensions
Model
A
B
C
D
E
Travel
PTA1543
30
26
17.8
20.2
28.5
15 mm
(3.18)
(1.02)
(.700)
(.795)
(1.12)
(.59)
PTA2043
35
31
22.8
25.2
33.5
20 mm
(1.37)
(1.22)
(.897)
(.992)
(1.31)
(.787)
PTA3043
45
41
32.8
35.2
43.5
30 mm
(1.77)
(1.61)
(1.29)
(1.38)
(1.71)
(1.18)
PTA4543
60
56
47.8
50.2
58.5
45 mm
(2.36)
(2.20)
(1.88)
(1.97)
(2.30)
(1.77)
PTA6043
75
71
62.8
65.2
73.5
60 mm
(2.95)
(2.79)
(2.47)
(2.56)
(2.89)
(2.36)
Model
A
B
C
D
E
F
Travel
PTA1544
30
26
17.8
20.2
28.5
18
15 mm
(3.18)
(1.02)
(.700)
(.795)
(1.12)
(.708)
(.59)
PTA2044
35
31
22.8
25.2
33.5
23
20 mm
(1.37)
(1.22)
(.897)
(.992)
(1.31)
(.905)
(.787)
PTA3044
45
41
32.8
35.2
43.5
33
30 mm
(1.77)
(1.61)
(1.29)
(1.38)
(1.71)
(1.29)
(1.18)
PTA4544
60
56
47.8
50.2
58.5
48
45 mm
(2.36)
(2.20)
(1.88)
(1.97)
(2.30)
(1.88)
(1.77)
PTA6044
75
71
62.8
65.2
73.5
63
60 mm
(2.95)
(2.79)
(2.47)
(2.56)
(2.89)
(2.48)
(2.36)
2
13
SCHEMATIC
SINGLE GANG
2
2
13
13
SCHEMATIC
DUAL GANG
MM
DIMENSIONS:
(IN.)
REV. 03/06


Similar Part No. - PTA6044-2015CPB203

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTA6043-2015DPB103 BOURNS-PTA6043-2015DPB103 Datasheet
373Kb / 2P
   PTA Series - Low Profi le Slide Potentiometer
More results

Similar Description - PTA6044-2015CPB203

ManufacturerPart #DatasheetDescription
logo
Bi technologies
PS100-1 BITECH-PS100-1 Datasheet
101Kb / 3P
   Slide Potentiometer
PS45G BITECH-PS45G Datasheet
110Kb / 4P
   Slide Potentiometer
logo
SHINMEI ELECTRIC CO., L...
SLR-1-10101B SHINMEI-SLR-1-10101B Datasheet
140Kb / 3P
   SLIDE POTENTIOMETER
logo
Bourns Electronic Solut...
PTA1543-2010DPB203 BOURNS-PTA1543-2010DPB203_14 Datasheet
374Kb / 2P
   Low Profi le Slide Potentiometer
logo
Bi technologies
PS30M BITECH-PS30M Datasheet
168Kb / 6P
   Slide Potentiometer
logo
Bourns Electronic Solut...
PTB0143-2010BPA102 BOURNS-PTB0143-2010BPA102 Datasheet
320Kb / 2P
   Low Profi le Slide Potentiometer
logo
Bi technologies
PS30 BITECH-PS30 Datasheet
102Kb / 4P
   Slide Potentiometer
logo
TT Electronics.
PSM050S-10B10KB TTELEC-PSM050S-10B10KB Datasheet
376Kb / 3P
   Miniature Slide Potentiometer
12/2021
logo
Bourns Electronic Solut...
PTE45-152A-103B2 BOURNS-PTE45-152A-103B2 Datasheet
286Kb / 3P
   PTE Series Low Profi le Slide Potentiometer
PTA6043-2015DPB103 BOURNS-PTA6043-2015DPB103 Datasheet
373Kb / 2P
   PTA Series - Low Profi le Slide Potentiometer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com