Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CR101J12S215QF Datasheet(PDF) 4 Page - ITT Industries

Part No. CR101J12S215QF
Description  Round Single Pole Specialty Rocker Switches
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ITT [ITT Industries]
Homepage  http://www.ittcannon.com
Logo ITT - ITT Industries

CR101J12S215QF Datasheet(HTML) 4 Page - ITT Industries

  CR101J12S215QF Datasheet HTML 1Page - ITT Industries CR101J12S215QF Datasheet HTML 2Page - ITT Industries CR101J12S215QF Datasheet HTML 3Page - ITT Industries CR101J12S215QF Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Dimensions are shown: Inch (mm)
Dimensions subject to change
www.ittcannon.com
11
TERMINATION
C&K CR Series
Round Single Pole Specialty Rocker Switches
CONTACT MATERIAL
LAMP RATING
(NONE) (STD.) NO LAMP
6 LED RATING @ 10 mA V
f=1.85V
OPTION
CODE
CONTACT AND TERMINAL MATERIAL
RATINGS
QF (STD.)
SILVER
POWER
16 AMPS @ 125 VAC; 10 AMPS @ 250 VAC (®C
US
)
10 AMPS @ 125 VAC; 6 AMPS @ 250 VAC (VDE) µ T85
7 125 VAC 33kΩ NEON
8 250 VAC 150kΩ NEON
15 (STD.) .187” QUICK CONNECT
NOTE: Lamp rating for J3 actuator option.
.307
(7,8)
.129
(3,28)
.960 DIA.
(24,4)
.756 DIA.
(19,2)
ACCESSORIES
377C00000 IP65 SPLASH PROOF RUBBER BOOT


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn