Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG-9001CA Datasheet(PDF) 1 Page - Epson Company

Part # SG-9001CA
Description  PROGRAMMABLE HIGH-FREQUENCY CRYSTAL OSCILLATOR WITH SPREAD SPECTRUM
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

SG-9001CA Datasheet(HTML) 1 Page - Epson Company

  SG-9001CA Datasheet HTML 1Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
53
Crystal oscillator
54
Crystal oscillator
PROGRAMMABLE HIGH-FREQUENCY CRYSTAL OSCILLATOR WITH SPREAD SPECTRUM
SG-9001CA/JC
Product number (please refer to page 2)
Q 3 3 3 1 x 0 x x x x x x 0 0
Q 3 3 3 1 x 1 x x x x x x 0 0
• Output frequency is selectable from 10 MHz to 166 MHz.
• Range of spreading precentage is selectable by program (Center or Down
spread, 6 Values )
• Reflowable and high density mouting type SMD package.
• Operable 3.3 V.
• Output enable (OE) function allows more low current consumption.
• Optimized Spread Spectrum profile.
• Available for lead (Pb)-free soldering.
• Lead (Pb)-free terminal product. (SG-9001JC)
• Complete lead (Pb)-free product. (SG-9001CA)
Item
Symbol
Specifications
Remarks
Output frequency range
f0
10.0000 MHz to 166.0000 MHz
Please contact us for inquiries about the available frequency
Power source
voltage
Max. supply voltage VDD-GND
-0.5 V to +7.0 V
Operating voltage
VDD
3.3 ±0.3 V
Temperature
range
Storage temperature
TSTG
-55 ºC to +100 ºC
SG-9001JC
Stored as bare product
after unpacking
-40 ºC to +125 ºC
SG-9001CA
Operating temperature
TOPR
-20 ºC to +70 ºC
Current consumption
lop
30 mA Max.
No load condition, Max. frequency range.
Output disable current
IOE
20 mA Max.
OE = GND, Max. frequency range
Duty
tw/t
45 % to 55 %
50 % VDD, CL = 15 pF
High output voltage
VOH
VDD -0.4 V Min.
IOH = -8 mA
Low output voltage
VOL
0.4 V Max.
IOL = 8 mA
Output load condition (fan out) CMOS
CL
15 pF Max.
Output enable / disable input voltage
VIH
0.7 VDD Min.
Max. frequency and Max. operating voltage range
VIL
0.3 VDD Max.
OE terminal
Output rise time
CMOS level
tR
2.7 ns Max.
CMOS load: 20 %→80 % VDD, CL = 15 pF
Output fall time
CMOS level
tF
2.7 ns Max.
CMOS load: 80 %→20 % VDD, CL = 15 pF
Oscillation start up time
tOSC
10 ms Max.
Time at minimum operating voltage to be 0 s
Aging
fa
±5 x 10-6 / year Max.
Ta = +25 ºC First year
Spread Spectrum Specifications
Center Spread
Code
C02P
C05P
C07P
C10P
C15P
C20P
Percentage
±0.25%
±0.5%
±0.75%
±1.0%
±1.5%
±2.0%
Down Spread
Code
D05P
D10P
D15P
D20P
D30P
D40P
Percentage
-0.5%
-1.0%
-1.5%
-2.0%
-3.0%
-4.0%
Specifications (characteristics)
7.0
±0.2
5.08
1.4
±0.1
1.4
#1
#2
#6
#5
#3
#4
NO.
1
2
3
4
5
6
Pin terminal
OE
(SSON)
GND
OUT
N.C.
VDD
NO.
1
2
3
4
Pin terminal
OE
GND
OUT
VDD
10.5 Max.
# 3
# 4
# 2
# 1
5.08
0.5
(1.0)
3.6
(1.0)
5.8 Max.
Note.
OE Pin
OE pin - "H" or "open" : Specified frequency output.
OE pin - "L" : Output disable output is weak pull-down (130k
Ω Typ.).
SSON pin
"H"
: Spread spectrum disable.
"L" or "open" : Spread spectrum enable.
∗ SSON terminal should be kept open or GND.
External dimensions
(Unit: mm)
5.08
2.54
1.8
5.08
1.3
Recommended soldering pattern
(Unit: mm)
SG-9001JC
Actual size
SG-9001CA


Similar Part No. - SG-9001CA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG-9001CA ETC2-SG-9001CA Datasheet
233Kb / 1P
   CRYSTAL OSCILLATOR SPREAD SPECTRUM
logo
Epson ToYoCom
SG-9001CA EPSONTOYOCOM-SG-9001CA Datasheet
325Kb / 2P
   CRYSTAL OSCILLATOR
logo
Epson Company
SG-9001CA EPSON-SG-9001CA Datasheet
383Kb / 2P
   CRYSTAL OSCILLATOR
More results

Similar Description - SG-9001CA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25701 CYPRESS-CY25701 Datasheet
243Kb / 7P
   Programmable High-Frequency Crystal Oscillator with Spread Spectrum (SSXO)
CY25701 CYPRESS-CY25701_06 Datasheet
317Kb / 8P
   Programmable High-Frequency Crystal Oscillator with Spread Spectrum (SSXO) and No-Spread Spectrum (XO) Option
CY25701JXC CYPRESS-CY25701JXC Datasheet
216Kb / 7P
   Programmable High-Frequency Crystal Oscillator with Spread Spectrum (SSXO) and No-Spread Spectrum (XO) Option
CY25701 CYPRESS-CY25701_07 Datasheet
275Kb / 8P
   Programmable High Frequency Crystal Oscillator with Spread Spectrum (SSXO) and No Spread Spectrum (XO) Option
logo
Epson Company
SG-9101 EPSON-SG-9101 Datasheet
1Mb / 8P
   CRYSTAL OSCILLATOR (Programmable) SPREAD SPECTRUM OUTPUT: CMOS
SG-9101CGA EPSON-SG-9101CGA Datasheet
1Mb / 8P
   CRYSTAL OSCILLATOR (Programmable) SPREAD SPECTRUM OUTPUT: CMOS
logo
List of Unclassifed Man...
SG-9001LB ETC2-SG-9001LB Datasheet
233Kb / 1P
   CRYSTAL OSCILLATOR SPREAD SPECTRUM
logo
auris-GmbH
APSSO7050 AURIS-APSSO7050 Datasheet
376Kb / 2P
   Oscillator SMD, spread spectrum, programmable
logo
Jauch Quartz Gmbh
JSS53 JAUCH-JSS53 Datasheet
181Kb / 2P
   SMD Spread Spectrum Crystal Oscillator
logo
Linear Technology
LTC6902 LINER-LTC6902 Datasheet
212Kb / 16P
   Multiphase Oscillator with Spread Spectrum Frequency Modulation
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com