Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTA2044-2215DPB203 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PTA2044-2215DPB203
Description  Low Profile Slide Potentiometer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PTA2044-2215DPB203 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PTA2044-2215DPB203 Datasheet HTML 1Page - Bourns Electronic Solutions PTA2044-2215DPB203 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
PTA Series - Low Profile Slide Potentiometer
Features
Carbon element
Metal housing
15-60 mm travel
Single and dual gang
Center detent option
Dust cover option
RoHS compliant*
Applications
Audio/TV sets
Car radio
Amplifiers/mixers/drum machines/
synthesizers
PCs/monitors
Appliances
Electrical Characteristics
Taper ....................................Linear, audio
Standard Resistance Range
........................1 K ohms to 1 M ohms
Standard Resistance Tolerance ....±20 %
Residual Resistance
........................500 ohms or 1 % max.
Insulation Resistance
..........Min. 100 megohms at 250 V DC
Environmental Characteristics
Operating Temperature
..................................-10 °C to +50 °C
Power Rating, Linear
15 mm ....0.05 W (0.025 W Dual Gang)
20 mm ..........................0.1 W (0.05 W)
30 mm ............................0.2 W (0.1 W)
45 mm ......................0.25 W (0.125 W)
60 mm ......................0.25 W (0.125 W)
Power Rating, Audio
15 mm ..0.025 W (0.015 W Dual Gang)
20 mm ......................0.05 W (0.025 W)
30 mm ..........................0.1 W (0.05 W)
45 mm ......................0.125 W (0.06 W)
60 mm ......................0.125 W (0.06 W)
Maximum Operating Voltage, Linear
15 mm ..................................100 V DC
20-60 mm..............................200 V DC
Maximum Operating Voltage, Audio
15 mm ....................................50 V DC
20-60 mm..............................150 V DC
Withstand Voltage, Audio
..............................1 Min. at 300 V AC
Sliding Noise ..............100 mV maximum
Tracking Error............3 dB at -40 to 0 dB
Mechanical Characteristics
Operating Force ..............30 to 250 g-cm
Stop Strength......................5 kg-cm min.
Sliding Life ........................15,000 cycles
Soldering Condition
............300 °C max. within 3 seconds
Travel ....................15, 20, 30, 45, 60 mm
Lever Style & Product Dimensions
45°
DP METAL LEVER
CP METAL LEVER
CI INSULATED LEVER
Actuator Styles
1.0
(.039)
1.0
(.039)
15.0
(.590)
10.0
(.393)
4.0
(.157)
3.0
(.118)
5.0
(.196)
6.6
(.259)
3.0
(.118)
R0.4 2 PLCS.
5.0
5.0
(.196)
4.0
(.157)
15.0
(.590)
10.0
(.393)
1.0
(.039)
10.0
(.393)
4.0
(.157)
5.0
(.196)
6.6
(.259)
2.0
(.087)
1.0
(.039)
1.8
(.070)
1.2
(.047)
DIMENSIONS ARE:
MM
(INCHES)
How To Order
PTA 15 4 3 - 2 0 10 DP B 203
Model
Stroke Length
• 15 = 15 mm
• 20 = 20 mm
• 30 = 30 mm
• 45 = 45 mm
• 60 = 60 mm
Dust Cover Option
• 4 = No Dust Cover
• 5 = Rubber
Dust Cover
No. of Gangs
• 3 = Single Gang
• 4 = Dual Gang
Pin Style
• 2 = PC Pins Down Facing
Center Detent Option
• 0 = No Detent
• 2 = Center Detent
Standard Lever Length
(See Table)
• 10 = 10 mm (CI Lever)
• 15 = 15 mm (DP, CP and CI)
Lever Style
• DP = Metal Lever (Refer to Drawing)
• CP = Metal Lever (Refer to Drawing)
• CI = Insulated Lever
(Refer to Drawing)
Resistance Taper
• A = Audio Taper
• B = Linear Taper
Resistance Code (See Table)
Other styles available
Standard Resistance Table
Resistance
Resistance
(Ohms)
Code
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
50,000
503
100,000
104
200,000
204
500,000
504
1,000,000
105
Derating Curve
Ambient Temperature (°C)
20
40 50 60 70
80 90 100
30
10
0
20
33
40
60
80
100
0


Similar Part No. - PTA2044-2215DPB203

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTA2044-2210CPA203 BOURNS-PTA2044-2210CPA203 Datasheet
373Kb / 2P
   PTA Series - Low Profi le Slide Potentiometer
PTA2044-2210CPB203 BOURNS-PTA2044-2210CPB203 Datasheet
373Kb / 2P
   PTA Series - Low Profi le Slide Potentiometer
PTA2044-2210DPA203 BOURNS-PTA2044-2210DPA203 Datasheet
373Kb / 2P
   PTA Series - Low Profi le Slide Potentiometer
PTA2044-2210DPB203 BOURNS-PTA2044-2210DPB203 Datasheet
373Kb / 2P
   PTA Series - Low Profi le Slide Potentiometer
More results

Similar Description - PTA2044-2215DPB203

ManufacturerPart #DatasheetDescription
logo
Bi technologies
PS100-1 BITECH-PS100-1 Datasheet
101Kb / 3P
   Slide Potentiometer
PS45G BITECH-PS45G Datasheet
110Kb / 4P
   Slide Potentiometer
logo
SHINMEI ELECTRIC CO., L...
SLR-1-10101B SHINMEI-SLR-1-10101B Datasheet
140Kb / 3P
   SLIDE POTENTIOMETER
logo
Bourns Electronic Solut...
PTA1543-2010DPB203 BOURNS-PTA1543-2010DPB203_14 Datasheet
374Kb / 2P
   Low Profi le Slide Potentiometer
logo
Bi technologies
PS30M BITECH-PS30M Datasheet
168Kb / 6P
   Slide Potentiometer
logo
Bourns Electronic Solut...
PTB0143-2010BPA102 BOURNS-PTB0143-2010BPA102 Datasheet
320Kb / 2P
   Low Profi le Slide Potentiometer
logo
Bi technologies
PS30 BITECH-PS30 Datasheet
102Kb / 4P
   Slide Potentiometer
logo
TT Electronics.
PSM050S-10B10KB TTELEC-PSM050S-10B10KB Datasheet
376Kb / 3P
   Miniature Slide Potentiometer
12/2021
logo
Bourns Electronic Solut...
PTE45-152A-103B2 BOURNS-PTE45-152A-103B2 Datasheet
286Kb / 3P
   PTE Series Low Profi le Slide Potentiometer
PTA6043-2015DPB103 BOURNS-PTA6043-2015DPB103 Datasheet
373Kb / 2P
   PTA Series - Low Profi le Slide Potentiometer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com