Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B45196P Datasheet(PDF) 10 Page - EPCOS

Part # B45196P
Description  Tantalum Chip Capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B45196P Datasheet(HTML) 10 Page - EPCOS

Back Button B45196P Datasheet HTML 3Page - EPCOS B45196P Datasheet HTML 4Page - EPCOS B45196P Datasheet HTML 5Page - EPCOS B45196P Datasheet HTML 6Page - EPCOS B45196P Datasheet HTML 7Page - EPCOS B45196P Datasheet HTML 8Page - EPCOS B45196P Datasheet HTML 9Page - EPCOS B45196P Datasheet HTML 10Page - EPCOS B45196P Datasheet HTML 11Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
64
10/02
Tantalum Chip Capacitors
Performance – High Reliability 150
°C
35
(23)
[17,5]
0,10
A
0,030
0,5
28
B45196P6104+10*
0,15
A
0,030
0,5
23
B45196P6154+10*
0,22
A
0,030
0,5
15
B45196P6224+10*
0,33
A
0,030
0,5
11
B45196P6334+10*
0,47
A
0,030
0,5
10
B45196P6474+10*
0,47
B
0,030
0,5
8,0
B45196P6474+20*
0,68
B
0,030
0,5
5,5
B45196P6684+20*
1,0
B
0,030
0,5
4,4
B45196P6105+20*
1,5
C
0,045
0,6
3,3
B45196P6155+30*
2,2
C
0,045
0,8
2,2
B45196P6225+30*
3,3
C
0,045
1,2
1,7
B45196P6335+30*
4,7
C
0,045
1,7
1,3
B45196P6475+30*
4,7
D
0,045
1,7
1,0
B45196P6475+40*
6,8
D
0,045
2,4
0,9
B45196P6685+40*
10
D
0,045
3,5
0,7
B45196P6106+40*
15
E
0,045
5,3
0,5
B45196P6156+50*
22
E
0,045
7,7
0,5
B45196P6226+50*
50
(33)
[25]
0,10
A
0,030
0,5
27
B45196P7104+10*
0,15
B
0,030
0,5
22
B45196P7154+20*
0,22
B
0,030
0,5
15
B45196P7224+20*
0,33
B
0,030
0,5
11
B45196P7334+20*
0,47
C
0,030
0,5
6,5
B45196P7474+30*
0,68
C
0,030
0,5
5,5
B45196P7684+30*
1,0
C
0,030
0,5
3,3
B45196P7105+30*
1,5
D
0,045
0,8
2,8
B45196P7155+40*
2,2
D
0,045
1,1
2,0
B45196P7225+40*
3,3
D
0,045
1,7
1,1
B45196P7335+40*
4,7
D
0,045
2,4
0,9
B45196P7475+40*
6,8
E
0,045
3,4
0,5
B45196P7685+50*
10
E
0,045
5,0
0,5
B45196P7106+50*
Upon request
VR
up to 85 °C
(up to 125°C)
[up to 150 °C]
Vdc
CR
µF
Case
size
tan
δ
max
(20 °C,
120 Hz)
Ilk, max
(20 °C,VR,
5 min)
µA
Zmax
(20 °C,
100 kHz)
Ordering code 1)
Tinned terminals
1) Replace 196P by 198P for gold-plated terminals
+ Code letter for capacitance tolerance: M =
± 20 %, K = ± 10 % (J = ± 5 % upon request)
* Code number for reel diameter: 9 = 180 mm, 6 = 330 mm
B45196P, B45198P


Similar Part No. - B45196P

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
B45196P KEMET-B45196P Datasheet
594Kb / 15P
   Tantalum Chip Capacitors
B45196P KEMET-B45196P Datasheet
272Kb / 1P
   Customer Change Notification Ta SMD MnO2 Evora Phase Out
B45196P KEMET-B45196P Datasheet
272Kb / 1P
   Customer Change Notification Ta SMD MnO2 Evora Phase Out
B45196P KEMET-B45196P Datasheet
272Kb / 1P
   Customer Change Notification Ta SMD MnO2 Evora Phase Out
B45196P0157K106 KEMET-B45196P0157K106 Datasheet
594Kb / 15P
   Tantalum Chip Capacitors
More results

Similar Description - B45196P

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
logo
Rohm
TCO_B ROHM-TCO_B Datasheet
136Kb / 6P
   Chip tantalum capacitors
TC_A ROHM-TC_A Datasheet
105Kb / 12P
   Chip tantalum capacitors
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
   Chip tantalum capacitors
2022.6.3 - Rev.005
logo
EPCOS
B45196L EPCOS-B45196L Datasheet
853Kb / 16P
   Tantalum Chip Capacitors
logo
Rohm
TCT_P ROHM-TCT_P Datasheet
117Kb / 7P
   Chip tantalum capacitors
TC_P ROHM-TC_P Datasheet
102Kb / 12P
   Chip tantalum capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com