Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CM200E3U-12H Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part No. CM200E3U-12H
Description  HIGH POWER SWITCHING USE INSULATED TYPE
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM200E3U-12H Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  CM200E3U-12H Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM200E3U-12H Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM200E3U-12H Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM200E3U-12H Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Sep.1998
Absolute Maximum Ratings, Tj = 25 °C unless otherwise specified
Ratings
Symbol
CM200E3U-12H
Units
Junction Temperature
Tj
-40 to 150
°C
Storage Temperature
Tstg
-40 to 125
°C
Collector-Emitter Voltage (G-E SHORT)
VCES
600
Volts
Gate-Emitter Voltage (C-E SHORT)
VGES
±20
Volts
Collector Current (Tc = 25°C)
IC
200
Amperes
Peak Collector Current
ICM
400*
Amperes
Emitter Current** (Tc = 25°C)
IE
200
Amperes
Peak Emitter Current**
IEM
400*
Amperes
Maximum Collector Dissipation (Tc = 25°C, Tj 150°C)
Pc
650
Watts
Mounting Torque, M5 Main Terminal
2.5~3.5
N · m
Mounting Torque, M6 Mounting
3.5~4.5
N · m
Weight
310
Grams
Isolation Voltage (Main Terminal to Baseplate, AC 1 min.)
Viso
2500
Vrms
* Pulse width and repetition rate should be such that the device junction temperature (Tj) does not exceed Tj(max) rating.
**Represents characteristics of the anti-parallel, emitter-to-collector free-wheel diode (FWDi).
Static Electrical Characteristics, Tj = 25 °C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Collector-Cutoff Current
ICES
VCE = VCES, VGE = 0V
1
mA
Gate Leakage Voltage
IGES
VGE = VGES, VCE = 0V
0.5
µA
Gate-Emitter Threshold Voltage
VGE(th)
IC = 20mA, VCE = 10V
4.5
6
7.5
Volts
Collector-Emitter Saturation Voltage
VCE(sat)
IC = 200A, VGE = 15V, Tj = 25°C
2.4
3.0
Volts
IC = 200A, VGE = 15V, Tj = 125°C
2.6
Volts
Total Gate Charge
QG
VCC = 300V, IC = 200A, VGE = 15V
400
nC
Emitter-Collector Voltage**
VEC
IE = 200A, VGE = 0V
2.6
Volts
Emitter-Collector Voltage
VFM
IF = 200A, Clamp Diode Part
2.6
Volts
**Represents characteristics of the anti-parallel, emitter-to-collector free-wheel diode (FWDi).
Dynamic Electrical Characteristics, Tj = 25 °C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Input Capacitance
Cies
17.6
nF
Output Capacitance
Coes
VCE = 10V, VGE = 0V
9.6
nF
Reverse Transfer Capacitance
Cres
2.6
nF
Resistive
Turn-on Delay Time
td(on)
VCC = 300V, IC = 200A,
150
ns
Load
Rise Time
tr
VGE1 = VGE2 = 15V,
400
ns
Switch
Turn-off Delay Time
td(off)
RG = 3.1Ω, Resistive
300
ns
Times
Fall Time
tf
Load Switching Operation
300
ns
Diode Reverse Recovery Time**
trr
IE = 200A, diE/dt = -400A/µs
160
ns
Diode Reverse Recovery Charge**
Qrr
IE = 200A, diE/dt = -400A/µs
0.48
µC
Diode Reverse Recovery Time
trr
IF = 200A, Clamp Diode Part
160
ns
Diode Reverse Recovery Charge
Qrr
diF/dt = -400A/µs
0.48
µC
**Represents characteristics of the anti-parallel, emitter-to-collector free-wheel diode (FWDi).
MITSUBISHI IGBT MODULES
CM200E3U-12H
HIGH POWER SWITCHING USE
INSULATED TYPE


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CM100TU-24HHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
CM200DY-28HHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
CM600HU-12HHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
QM100TX1-HHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
QM200DY-2HBHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
QM75E2Y-HHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
CM1000HA-24HHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
CM150DU-12HHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
CM200HA-24HHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
CM400DU-12HHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn