Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CM200E3U-12H Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part No. CM200E3U-12H
Description  HIGH POWER SWITCHING USE INSULATED TYPE
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM200E3U-12H Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  CM200E3U-12H Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM200E3U-12H Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM200E3U-12H Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM200E3U-12H Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Sep.1998
Dimensions
Inches
Millimeters
A
3.7
94.0
B
3.15±0.01
80.0±0.25
C
1.89
48.0
D
0.94
24.0
E
0.28
7.0
F
0.67
17.0
G
0.91
23.0
H
0.91
23.0
J
0.43
11.0
L
0.16
4.0
Dimensions
Inches
Millimeters
M
0.47
12.0
N
0.53
13.5
O
0.1
2.5
P
0.63
16.0
Q
0.98
25.0
R
1.18 +0.04/-0.02 30.0 +1.0/-0.5
S
0.3
7.5
T
0.83
21.2
U
0.16
4.0
V
0.51
13.0
Description:
Mitsubishi IGBT Modules are de-
signed for use in switching applica-
tions. Each module consists of one
IGBT having a reverse-connected
super-fast recovery free-wheel di-
ode and an anode-collector con-
nected super-fast recovery free-
wheel diode. All components and
interconnects are isolated from the
heat sinking baseplate, offering
simplified system assembly and
thermal management
.
Features:
Low Drive Power
Low VCE(sat)
Discrete Super-Fast Recovery
Free-Wheel Diode
High Frequency Operation
Isolated Baseplate for Easy
Heat Sinking
Application:
Brake
Ordering Information:
Example: Select the complete
module number you desire from the
table - i.e. CM200E3U-12H is a
600V (VCES), 200 Ampere IGBT
Module.
Current Rating
VCES
Type
Amperes
Volts (x 50)
CM
200
12
MITSUBISHI IGBT MODULES
CM200E3U-12H
HIGH POWER SWITCHING USE
INSULATED TYPE
Outline Drawing and Circuit Diagram
E2
E2
G2
C1
C2E1
A
G
F
V
2 - Mounting
Holes
(6.5 Dia.)
E
U
H
E2
C1
C2E1
C
3-M5 Nuts
D
B
J
L
N
M
P
P
Q
O
O
TC Measured
Point
R
S
T
TAB#110 t=0.5


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CM100TU-24HHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
CM200DY-28HHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
CM600HU-12HHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
QM100TX1-HHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
QM200DY-2HBHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
QM75E2Y-HHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
CM1000HA-24HHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
CM150DU-12HHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
CM200HA-24HHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
CM400DU-12HHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn