Electronic Components Datasheet Search |
|
STMW-680-VTR Datasheet(PDF) 1 Page - Bourns Electronic Solutions |
|
STMW-680-VTR Datasheet(HTML) 1 Page - Bourns Electronic Solutions |
1 / 2 page *RoHS Directive 2002/95/EC Jan 27 2003 including Annex. Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. ST(H,M,J,R)W Series Sealed Tact Switch Features ■ Through-hole and SMD styles available ■ Available sharp click feel with a positive tactile feedback ■ Ultra-miniature and lightweight structure suitable for high density mounting ■ Designed for washing after soldering ■ RoHS compliant* ■ Insert molding in the contact with special treatment prevents flux buildup during soldering and permits autodipping Electrical Characteristics Electrical Life...........100,000 cycles min. Rating ............................DC 12 V, 50 mA Contact Resistance .....100 mohms max. Insulation Resistance ..100 Mohms min. DC 500 V min. Dielectric Strength ...........................AC 250 V for 1 minute Contact Arrangement ...1 pole 1 position Environmental Characteristics Mechanical Life .......100,000 cycles min. Operation Force ..................160 g, 260 g Tolerance .....................................±50 g Stop Strength ..Place the switch vertical, a static load of 3 kg shall be applied in the direction of actuator operation for a period of 15 seconds Stroke .......0.25 mm (+0.2 mm, -0.1 mm) Operating Temperature Range ....................................-25 °C to +70 °C Storage Temperature Range ....................................-30 °C to +80 °C Vibration Test .................MIL-STD-202F, Method 201A Frequency ..........10-55-10 Hz/1 minute Directions ....................X,Y,Z 3 mutually perpendicular directions Time..................2 hours each direction, high reliability Shock Test .....................MIL-STD-202F, Method 213B, Condition A Gravity .......50 g (peak value), 11 msec. Directions/Time ......6 sides and 3 times in each direction Physical Characteristics Cover Materials ................Stainless steel Base Materials..........Thermoplastic LCP UL94V-0 black Actuator Materials ............Thermoplastic Nylon UL94V-0 (680, 690) Color.................Brown (Silver 680 type) Contact Disc. Materials ...........Phosphor bronze with gold cladding Terminal Materials ........Brass with silver cladding CL CL CL 1.80 (.071) H 3.50 ± 0.50 (.138 ± .020) 4.0 ± 0.10 (.157 ± .004) 4.0 ± 0.20 (.157 ± .008) 6.0 (.236) 6.30 (.248) 1.0 ± 0.05 (.039 ± .002) 4 PLCS. 0.70 (.028) 6.50 ± 0.10 (.256 ± .004) 6.50 ± 0.50 (.256 ± .020) 7.90 ± 0.5 (.311 ± .020) 3.0 (.118) DIA. 6.20 (.244) STHW CL CL CL CL 5.40 (.213) 2.60 (.102) 6.80 (.268) 11.0 (.433) 5.80 (.228) 3.0 (.118) DIA. STMW 4.0 ± 0.20 (.157 ± .008) 6.0 (.236) 6.30 (.248) 0.70 (.028) 6.20 (.244) 9.00 ± 0.20 (.354 ± .079) H 2.20 (.087) 2.35 (.093) 12 4 3 CIRCUIT DIAGRAM Product Dimensions DIMENSIONS: MM (IN) CL CL CL CL STJW H 6.20 (.244) 6.80 ± 0.20 (.268 ± .079) 0.70 (.028) 6.0 (.236) 6.30 (.248) 4.0 ± 0.20 (.157 ± .008) 3.0 (.118) DIA. 5.80 (.228) 2.20 (.087) 4.40 (.173) 0.30 (.012) 8.60 (.339) 4.00 (.157) 2.35 (.093) 2.60 (.102) 5.40 (.213) STRW 4.00 ± 0.50 (.157 ± .020) 7.55 ± 0.50 (.297 ± .020) 6.10 (.240) 0.70 (.028) 3.0 (.118) DIA. 5.8 ± 0.1 (.228 ± .004) 3.90 (.154) 4.61 (.181) 7.02 (.276) 2.5 ± 0.1 (.098 ± .004) 5.0 ± 0.1 (.197 ± .004) 3.45 ± .030 (.136 ± .012) HEIGHT ± .20 (HEIGHT ± .008) 3.7 (.146) 9.0 ± 0.1 (.354 ± .004) The ST(H,M,J,R)W Series is currently available, although not recommended for new designs. |
Similar Part No. - STMW-680-VTR |
|
Similar Description - STMW-680-VTR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |