Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM101J1RS205QA Datasheet(PDF) 1 Page - ITT Industries

Part # CM101J1RS205QA
Description  Single Pole Power Rocker Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

CM101J1RS205QA Datasheet(HTML) 1 Page - ITT Industries

  CM101J1RS205QA Datasheet HTML 1Page - ITT Industries CM101J1RS205QA Datasheet HTML 2Page - ITT Industries CM101J1RS205QA Datasheet HTML 3Page - ITT Industries CM101J1RS205QA Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dimensions are shown: Inch (mm)
Dimensions subject to change
www.ittcannon.com
20
C&K CM Series
Single Pole Power Rocker Switches
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and
described on pages 20 thru 22. For additional options not shown in catalog, consult Customer Service Center.
Specifications
CONTACT RATING:
UL/CSA: 16 AMPS @ 125 VAC, 1/8 HP;
10 AMPS @ 250 VAC, 1/3 HP.
ELECTRICAL LIFE: 10,000 make and break cycles at full load.
INSULATION RESISTANCE: 108
Ω min.
DIELECTRIC STRENGTH: 1,500 VRMS @ sea level.
Features/Benefits
Illuminated versions available
Easy to install snap-in design
Multiple actuator and termination
styles to choose from
Materials
HOUSING AND ACTUATOR: 6/6 nylon (UL94V-2), black, gloss or
matte finish.
ILLUMINATED ACTUATOR: Polycarbonate, gloss or matte finish.
CENTER CONTACTS: Silver plated, copper alloy.
END CONTACTS: Silver plated.
ALL TERMINALS: Silver plated, copper alloy.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Typical Applications
Computers and peripherals
Power supplies
Industrial equipment
Small appliances
Lamp Rating
(NONE)
(STD.) No lamp
7
125 VAC neon
8
250 VAC neon
Actuator Marking
(NONE)
(STD.) No marking
D
ON-OFF
H
”O l” - international ON-OFF
P
”O -” international ON-OFF
Actuator
J1 Rocker
J3 Illuminated rocker
J6 Rocker
J8 Illuminated rocker
Switch Function
CM101 SPDT On-None-On
CM102 SPST On-None-Off
CM103 SPDT On-Off-On
CM107 SPDT On-Off-Mom.
CM12 * SPST On-None-Off
Actuator Color
2 (STD). Black
1 White
3 Red
R Red, illuminated
A Amber, illuminated
G Green, illuminated
Contact Rating
QA (STD.) Silver
Mounting Style/Color
S2 (STD.) Snap-in, black
S4 (STD.) Snap-in, black
S1 Snap-in, white
S3 Snap-in, white
Termination
05 (STD.) .250” quick connect
07 Solder lug
* CM12 - for switches with both marking and illumination


Similar Part No. - CM101J1RS205QA

ManufacturerPart #DatasheetDescription
logo
C&K Components
CM101J1RS205DQA-7 CK-COMPONENTS-CM101J1RS205DQA-7 Datasheet
289Kb / 4P
   Single Pole Power Rocker Switches
2018
CM101J1RS205DQA-8 CK-COMPONENTS-CM101J1RS205DQA-8 Datasheet
289Kb / 4P
   Single Pole Power Rocker Switches
2018
CM101J1RS205HQA-7 CK-COMPONENTS-CM101J1RS205HQA-7 Datasheet
289Kb / 4P
   Single Pole Power Rocker Switches
2018
CM101J1RS205HQA-8 CK-COMPONENTS-CM101J1RS205HQA-8 Datasheet
289Kb / 4P
   Single Pole Power Rocker Switches
2018
CM101J1RS205P-QA-7 CK-COMPONENTS-CM101J1RS205P-QA-7 Datasheet
289Kb / 4P
   Single Pole Power Rocker Switches
2018
More results

Similar Description - CM101J1RS205QA

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CG101J12S205QF ITT-CG101J12S205QF Datasheet
154Kb / 4P
   Single Pole Power Rocker Switches
logo
C&K Components
CL101J72S205DQA7 CK-COMPONENTS-CL101J72S205DQA7 Datasheet
651Kb / 4P
   Single Pole Power Rocker Switches
CL CK-COMPONENTS-CL Datasheet
381Kb / 4P
   Single Pole Power Rocker Switches
2018
CM101J12S205DQA7 CK-COMPONENTS-CM101J12S205DQA7 Datasheet
563Kb / 4P
   Single Pole Power Rocker Switches
CG CK-COMPONENTS-CG Datasheet
297Kb / 4P
   Single Pole Power Rocker Switches
2018
CM CK-COMPONENTS-CM Datasheet
289Kb / 4P
   Single Pole Power Rocker Switches
2018
logo
ITT Industries
CL101J72S205QA ITT-CL101J72S205QA Datasheet
144Kb / 4P
   Single Pole Power Rocker Switches
logo
C&K Components
CG101J12S205DQF7 CK-COMPONENTS-CG101J12S205DQF7 Datasheet
761Kb / 4P
   Single Pole Power Rocker Switches
DA101J11S215DQF6 CK-COMPONENTS-DA101J11S215DQF6 Datasheet
286Kb / 4P
   Miniature Single Pole Rocker Switches
DA CK-COMPONENTS-DA Datasheet
505Kb / 4P
   Miniature Single Pole Rocker Switches
15 May 20
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com