Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM40U-C Datasheet(PDF) 2 Page - AIMTEC

Part # AM40U-C
Description  40 watt dc-dc converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM40U-C Datasheet(HTML) 2 Page - AIMTEC

  AM40U-C Datasheet HTML 1Page - AIMTEC AM40U-C Datasheet HTML 2Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
92
TO ORDER CALL 1-888-9-AIMTEC
AM40U-C Series
MODELS
Single output
Models
Input Voltage
Ouput Voltage
AM40U-4801SC
1.8VDC
8000mA
AM40U-4802SC
2.5VDC
8000mA
AM40U-4803SC
3.3VDC
8000mA
AM40U-4805SC
36VDC-75VDC
5VDC
8000mA
AM40U-4812SC
12VDC
3300mA
AM40U-4815SC
15VDC
2660mA
AM40U-4824SC
24VDC
1660mA
OUTLINE DIMENSIONS & PIN CONNECTIONS
MECHANICAL DIMENSION (Top View)
DERATING
BLOCK DIAGRAM
TRIMMING
Ouput Current max.
Single
1
On/Off Control (Optional)
2
-V Input
3
+V Input
4
Trim
5
-V Output
6
+V Output
7
N.C.
Pin


Similar Part No. - AM40U-C

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM40U-1203SAZ AIMTEC-AM40U-1203SAZ Datasheet
305Kb / 3P
   40 Watt | DC-DC Converter
AM40U-1203SAZ AIMTEC-AM40U-1203SAZ Datasheet
407Kb / 3P
   40 Watt | DC-DC Converter
AM40U-1203SAZ AIMTEC-AM40U-1203SAZ Datasheet
205Kb / 4P
   40 Watt | DC-DC Converter
AM40U-1203SH30IZ AIMTEC-AM40U-1203SH30IZ Datasheet
382Kb / 5P
   40Watt | DC-DC Converter
AM40U-1203SH30IZ AIMTEC-AM40U-1203SH30IZ Datasheet
383Kb / 5P
   40Watt | DC-DC Converter
More results

Similar Description - AM40U-C

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM40K-C AIMTEC-AM40K-C Datasheet
286Kb / 2P
   40 watt dc-dc converters
logo
Tumbler Technologies + ...
PD40 TRUMPOWER-PD40 Datasheet
224Kb / 3P
   40 WATT DC TO DC CONVERTERS
logo
Wall Industries,Inc.
CR12S33-33 WALL-CR12S33-33 Datasheet
506Kb / 5P
   40 Watt DC/DC Power Converters
logo
Tumbler Technologies + ...
PD40-10 TRUMPOWER-PD40-10 Datasheet
224Kb / 3P
   40 WATT DC TO DC CONVERTERS
logo
Power-One
IMR25 POWER-ONE-IMR25 Datasheet
122Kb / 3P
   25...40 Watt DC-DC Converters
logo
Murata Manufacturing Co...
UCP40-75W MURATA-UCP40-75W Datasheet
356Kb / 7P
   40-75 Watt, DC/DC Converters
logo
CINCON ELECTRONICS Corp...
ECLB40W CINCON-ECLB40W Datasheet
208Kb / 2P
   40 WATT 4:1 INPUT DC-DC CONVERTERS
CLB40W-110 CINCON-CLB40W-110 Datasheet
203Kb / 2P
   40 WATT 4:1 INPUT DC-DC CONVERTERS
logo
Astrodyne Corporation
FEC40 ASTRODYNE-FEC40_16 Datasheet
499Kb / 4P
   Isolated and Regulated 40 WATT Modular DC/DC Converters
FDC40 ASTRODYNE-FDC40_16 Datasheet
277Kb / 5P
   Isolated and Regulated 40 WATT Modular DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com