Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD214A-B20LF Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CD214A-B20LF
Description  Schottky Barrier Rectifier Chip Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD214A-B20LF Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CD214A-B20LF Datasheet HTML 1Page - Bourns Electronic Solutions CD214A-B20LF Datasheet HTML 2Page - Bourns Electronic Solutions CD214A-B20LF Datasheet HTML 3Page - Bourns Electronic Solutions CD214A-B20LF Datasheet HTML 4Page - Bourns Electronic Solutions CD214A-B20LF Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CD214A-B220 ......................................................................
220
CD214A-B230 ......................................................................
230
CD214A-B240 ......................................................................
240
CD214A-B240L ....................................................................
240L
CD214A-B250 ......................................................................
250
CD214A-B260 ......................................................................
260
CD214A-B220 ~ B260 Schottky Barrier Rectifier Chip Diode
Product Dimensions
Recommended Pad Layout
Physical Specifications
Typical Part Marking
Case ............................................................................Molded plastic
Polarity ....................................................Indicated by cathode band
Weight ....................................................0.002 ounces / 0.064 grams
Dimension
SMA (DO-214AC)
A
4.06 - 4.57
(0.160 - 0.180)
B
2.29 - 2.92
(0.090 - 0.115)
C
1.27 - 1.63
(0.050 - 0.064)
D
0.15 - 0.31
(0.006 - 0.110)
E
4.83 - 5.59
(0.190 - 0.220)
F
0.05 - 0.20
(0.002 - 0.008)
G
2.01 - 2.62
(0.080 - 0.103)
H
0.76 - 1.52
(0.030 - 0.060)
B
G
F
D
C
H
E
A
A
C
B
MM
(INCHES)
DIMENSIONS:
Dimension
SMA (DO-214AC)
A (Max.)
2.69
(0.106)
B (Min.)
2.10
(0.083)
C (Min.)
1.27
(0.050)
MM
(INCHES)
DIMENSIONS:


Similar Part No. - CD214A-B20LF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CD214A-B220LR BOURNS-CD214A-B220LR Datasheet
468Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214A-B220R BOURNS-CD214A-B220R Datasheet
468Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214A-B230LLF BOURNS-CD214A-B230LLF Datasheet
248Kb / 5P
   Schottky Barrier Rectifi er Chip Diode
CD214A-B240LLF BOURNS-CD214A-B240LLF Datasheet
248Kb / 5P
   Schottky Barrier Rectifi er Chip Diode
CD214A-B240LR BOURNS-CD214A-B240LR Datasheet
468Kb / 4P
   Schottky Barrier Rectifier Chip Diode
More results

Similar Description - CD214A-B20LF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CD214A-B320 BOURNS-CD214A-B320_11 Datasheet
167Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214A-B1XR BOURNS-CD214A-B1XR Datasheet
482Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214C-B3XR BOURNS-CD214C-B3XR Datasheet
469Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214A-B120 BOURNS-CD214A-B120 Datasheet
307Kb / 6P
   Schottky Barrier Rectifier Chip Diode
CD214A-B2XR BOURNS-CD214A-B2XR Datasheet
468Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214A-B3XR BOURNS-CD214A-B3XR Datasheet
553Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214A-B320 BOURNS-CD214A-B320 Datasheet
298Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD1607-B140 BOURNS-CD1607-B140 Datasheet
745Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD1607-B120 BOURNS-CD1607-B120 Datasheet
287Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214B-B2XR BOURNS-CD214B-B2XR Datasheet
475Kb / 4P
   Schottky Barrier Rectifier Chip Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com