Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BBY62 Datasheet(PDF) 3 Page - NXP Semiconductors

Part No. BBY62
Description  UHF variable capacitance double diode
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

BBY62 Datasheet(HTML) 3 Page - NXP Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1996 May 03
3
Philips Semiconductors
Product specification
UHF variable capacitance double diode
BBY62
GRAPHICAL DATA
Fig.2 Diode capacitance as a function of reverse voltage; typical values.
handbook, full pagewidth
0
20
MBE874
10 2
10
1
10 −1
4
8
12
16
Cd
(pF)
V
R
(V)
f = 1 MHz; Tj =25 °C.
Fig.3
Reverse current as a function of junction
temperature; maximum values.
handbook, halfpage
100
0
10
MLC816
102
10 3
50
IR
(nA)
T ( C)
j
o
Fig.4
Temperature coefficient of diode
capacitance as a function of reverse
voltage; typical values.
handbook, halfpage
MLC815
110
10
2
10
3
10
4
10
5
10
1
(K−1)
V (V)
R
d
TC


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BBY39UHF variable capacitance double diode 1 2 3 4 NXP Semiconductors
BB134UHF variable capacitance diode 1 2 3 4 5 MoreNXP Semiconductors
BB417UHF variable capacitance diode 1 2 3 4 NXP Semiconductors
BB135UHF Variable Capacitance Diode 1 2 Leshan Radio Company
BB184UHF low voltage variable capacitance diode 1 2 3 4 5 MoreNXP Semiconductors
BB200Low-voltage variable capacitance double diode 1 2 3 4 5 MoreNXP Semiconductors
RKV5000DKKVariable Capacitance Diode for UHF/VHF tuner 1 2 3 4 5 Renesas Technology Corp
HVC326CVariable Capacitance Diode for UHF/VHF tuner 1 2 3 4 5 Renesas Technology Corp
BB135UHF variable capacitance diode 1 2 3 4 5 MoreNXP Semiconductors
BB804VHF variable capacitance double diode 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn