Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM15E-2405SC Datasheet(PDF) 2 Page - AIMTEC

Part # AM15E-2405SC
Description  15 watt dc-dc converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM15E-2405SC Datasheet(HTML) 2 Page - AIMTEC

  AM15E-2405SC Datasheet HTML 1Page - AIMTEC AM15E-2405SC Datasheet HTML 2Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
79
VISIT US AT WWW.AIMTEC.CA
AM15E-C Series
MODELS
Single output
Models
Input Voltage
Ouput Voltage
AM15E-1203SC
3.3VDC
3000mA
AM15E-1205SC
5VDC
3000mA
AM15E-1212SC
9VDC-18VDC
12VDC
1250mA
AM15E-1215SC
15VDC
1000mA
AM15E-1224SC
24VDC
625mA
AM15E-2403SC
3.3VDC
3000mA
AM15E-2405SC
5VDC
3000mA
AM15E-2412SC
18VDC-36VDC
12VDC
1250mA
AM15E-2415SC
15VDC
1000mA
AM15E-2424SC
24VDC
625mA
AM15E-4803SC
3.3VDC
3000mA
AM15E-4805SC
5VDC
3000mA
AM15E-4812SC
36VDC-75VDC
12VDC
1250mA
AM15E-4815SC
15VDC
1000mA
AM15E-4824SC
24VDC
625mA
OUTLINE DIMENSIONS
& PIN CONNECTIONS
MECHANICAL DIMENSION (Top View)
DERATING
BLOCK DIAGRAM
Single Output
Ouput Current max.
Single
1
On/Off Control (Optional)
2
-V Input
3
+V Input
4
-V Output
5
No pin
6
+V Output
Pin


Similar Part No. - AM15E-2405SC

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM15E-2405S AIMTEC-AM15E-2405S Datasheet
267Kb / 3P
   15 watt dc-dc converters
AM15E-2405S-NZ AIMTEC-AM15E-2405S-NZ Datasheet
669Kb / 7P
   DC-DC Converter
AM15E-2405SH30IZ AIMTEC-AM15E-2405SH30IZ Datasheet
536Kb / 5P
   15 Watt | DC-DC Converter
AM15E-2405SH30IZ AIMTEC-AM15E-2405SH30IZ Datasheet
193Kb / 5P
   15 Watt | DC-DC Converter
AM15E-2405SIZ AIMTEC-AM15E-2405SIZ Datasheet
245Kb / 3P
   15 Watt | DC-DC Converter
More results

Similar Description - AM15E-2405SC

ManufacturerPart #DatasheetDescription
logo
Power-One
IMX15 POWER-ONE-IMX15 Datasheet
61Kb / 4P
   15 Watt DC-DC Converters
logo
AIMTEC
AM15EW-C AIMTEC-AM15EW-C Datasheet
288Kb / 2P
   15 watt dc-dc converters
AM15E AIMTEC-AM15E Datasheet
267Kb / 3P
   15 watt dc-dc converters
logo
List of Unclassifed Man...
UM600 ETC1-UM600 Datasheet
25Kb / 2P
   15 Watt DC-DC Converters
logo
Power-One
IMX15-25 POWER-ONE-IMX15-25 Datasheet
132Kb / 4P
   15 Watt DC-DC Converters
logo
Bel Fuse Inc.
IMX15 BEL-IMX15 Datasheet
1Mb / 19P
   15 Watt DC-DC Converters
logo
Power-One
IMS15 POWER-ONE-IMS15 Datasheet
151Kb / 4P
   15 Watt DC-DC Converters
logo
Intronics Power, Inc.
DC700 INTRONICS-DC700 Datasheet
347Kb / 2P
   15-75 WATT DC-DC CONVERTERS
logo
Wall Industries,Inc.
LANCUW15 WALL-LANCUW15 Datasheet
177Kb / 5P
   15 Watt DC/DC Power Converters
LANCW15 WALL-LANCW15 Datasheet
250Kb / 5P
   15 Watt DC/DC Power Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com