Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM10EW-4812SC Datasheet(PDF) 2 Page - AIMTEC

Part # AM10EW-4812SC
Description  10 watt dc-dc converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM10EW-4812SC Datasheet(HTML) 2 Page - AIMTEC

  AM10EW-4812SC Datasheet HTML 1Page - AIMTEC AM10EW-4812SC Datasheet HTML 2Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
77
VISIT US AT WWW.AIMTEC.CA
AM10EW-C Series
MODELS
Single output
Models
Input Voltage
Ouput Voltage
AM10EW-2403SC
3.3VDC
2000mA
AM10EW-2405SC
5VDC
2000mA
AM10EW-2412SC
9VDC-36VDC
12VDC
830mA
AM10EW-2415SC
15VDC
670mA
AM10EW-2424SC
24VDC
420mA
AM10EW-4803SC
3.3VDC
2000mA
AM10EW-4805SC
5VDC
2000mA
AM10EW-4812SC
18VDC-75VDC
12VDC
830mA
AM10EW-4815SC
15VDC
670mA
AM10EW-4824SC
24VDC
420mA
OUTLINE DIMENSIONS
& PIN CONNECTIONS
MECHANICAL DIMENSION (Top View)
DERATING
BLOCK DIAGRAM
Single Output
Ouput Current max.
Single
1
On/Off Control (Optional)
2
-V Input
3
+V Input
4
-V Output
5
No pin
6
+V Output
Pin


Similar Part No. - AM10EW-4812SC

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM10EW-4812SZ AIMTEC-AM10EW-4812SZ Datasheet
285Kb / 3P
   10 Watt | DC-DC Converter
More results

Similar Description - AM10EW-4812SC

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM10E-C AIMTEC-AM10E-C Datasheet
288Kb / 2P
   10 watt dc-dc converters
AM10E AIMTEC-AM10E Datasheet
264Kb / 3P
   10 watt dc-dc converters
logo
List of Unclassifed Man...
EC7A-24S05 ETC2-EC7A-24S05 Datasheet
534Kb / 2P
   10 WATT DC-DC CONVERTERS
logo
Power-One
IML10 POWER-ONE-IML10 Datasheet
53Kb / 4P
   10 Watt DC-DC Converters
logo
Wall Industries,Inc.
DCHUB10H WALL-DCHUB10H Datasheet
350Kb / 4P
   10 Watt DC/DC Power Converters
DCMJU10 WALL-DCMJU10 Datasheet
157Kb / 6P
   10 Watt DC/DC Power Converters
JFC10 WALL-JFC10 Datasheet
160Kb / 5P
   10 Watt DC/DC Power Converters
JRW WALL-JRW Datasheet
347Kb / 5P
   10 Watt DC/DC Power Converters
DCMJU10 WALL-DCMJU10_18 Datasheet
893Kb / 6P
   10 Watt DC/DC Power Converters
JFC10 WALL-JFC10_16 Datasheet
469Kb / 5P
   10 Watt DC/DC Power Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com