Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM10E-2412SC Datasheet(PDF) 1 Page - AIMTEC

Part # AM10E-2412SC
Description  10 watt dc-dc converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM10E-2412SC Datasheet(HTML) 1 Page - AIMTEC

  AM10E-2412SC Datasheet HTML 1Page - AIMTEC AM10E-2412SC Datasheet HTML 2Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
74
TO ORDER CALL 1-888-9-AIMTEC
AM10E-C Series
10 watt dc-dc converters
POWER MODULES FOR PCB MOUNTING
2:1 WIDE INPUT RANGE
REGULATED OUTPUT
LOW RIPPLE & NOISE
REMOTE ON/OFF CONTROL ( OPTIONAL)
GENERAL DESCRIPTION
ELECTRICAL SPECIFICATIONS
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
Our AM10E-C series is a family of cost effective 10W sin-
gle output DC-DC converters. These converters are shield-
ed on all six sides and encapsulated with a nickel-coated
copper with a non-conductive base and dimensions of
50.8x25.4x10.5mm. The high performance features of our
AM10E-C components include short circuit protection
with current limit auto recovery, tight line regulation and
a high efficiency operation coefficient up to 83%.
Fifteen models operate from an input voltage range of 12,
24 & 48VDC producing output voltages of 3,3, 5, 12, 15
& 24VDC. The normal operation is specified over the
full operating temperature range of -25°C to +71°C with
no derating required. Cooling is done by free air convec-
tion.
MTBF: > 800,000 hrs (MIL-HDBK-217F, Ground Benign, t=+25ºC)
Specifications are subject to change without notification
Isolation Specifications:
Rated voltage
1500VDC
Resistance
>1000 Mohms
Capacitance
1000pF
Output Specifications:
Voltage accuracy
±2%, max.
Ripple
<0.2% Vout +20mVmax (Vp-p)
Noise
<0.5% Vout +50mVmax (Vp-p)
Short circuit protection
Current limit, auto-recovery
Over current protection
Works over 120% of rating
and recovers automatically
Over voltage protection Zener diode clamp protection
Line regulation (HL-LL) ±0.5%, typ.
Load regulation (10-100%)±1%, typ.
Temperature coefficient ±0.02%/°C, typ.
Input Specifications:
Voltage range
12VDC, 9~18VDC
24VDC, 18~36VDC
48 VDC, 36~75VDC
Filter
p
(Pi) Network
Environmental Specifications:
Operating temperature
-25°C …+71°C
Storage temperature
-55°C …+105°C
Case temperature
+95°C, max.
Humidity (non-condensing)
Up to 95%
Cooling
Free-air convection
Physical Specifications:
Dimensions
50.8x25.4x10.5mm,
2.0x1.0x0.413inches
Weight
32g
Case material
Nickel-Coated Copper with
Non-Conductive base,
six sides’ shielded
General Specifications:
Efficiency
78% to 83%
Switching frequency
300KHz, typ. 100% load
Continued on next page


Similar Part No. - AM10E-2412SC

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM10E-2412S AIMTEC-AM10E-2412S Datasheet
264Kb / 3P
   10 watt dc-dc converters
AM10E-2412SZ AIMTEC-AM10E-2412SZ Datasheet
172Kb / 4P
   10 Watt | DC-DC Converter
More results

Similar Description - AM10E-2412SC

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM10EW-C AIMTEC-AM10EW-C Datasheet
288Kb / 2P
   10 watt dc-dc converters
AM10E AIMTEC-AM10E Datasheet
264Kb / 3P
   10 watt dc-dc converters
logo
List of Unclassifed Man...
EC7A-24S05 ETC2-EC7A-24S05 Datasheet
534Kb / 2P
   10 WATT DC-DC CONVERTERS
logo
Power-One
IML10 POWER-ONE-IML10 Datasheet
53Kb / 4P
   10 Watt DC-DC Converters
logo
Wall Industries,Inc.
DCHUB10H WALL-DCHUB10H Datasheet
350Kb / 4P
   10 Watt DC/DC Power Converters
DCMJU10 WALL-DCMJU10 Datasheet
157Kb / 6P
   10 Watt DC/DC Power Converters
JFC10 WALL-JFC10 Datasheet
160Kb / 5P
   10 Watt DC/DC Power Converters
JRW WALL-JRW Datasheet
347Kb / 5P
   10 Watt DC/DC Power Converters
DCMJU10 WALL-DCMJU10_18 Datasheet
893Kb / 6P
   10 Watt DC/DC Power Converters
JFC10 WALL-JFC10_16 Datasheet
469Kb / 5P
   10 Watt DC/DC Power Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com