Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM8T-2403SI Datasheet(PDF) 2 Page - AIMTEC

Part # AM8T-2403SI
Description  8 watt dc-dc converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM8T-2403SI Datasheet(HTML) 2 Page - AIMTEC

  AM8T-2403SI Datasheet HTML 1Page - AIMTEC AM8T-2403SI Datasheet HTML 2Page - AIMTEC AM8T-2403SI Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
VISIT US AT WWW.AIMTEC.CA
AM8T-I Series
OUTLINE DIMENSIONS & PIN CONNECTIONS
MECHANICAL DIMENSION (Bottom View)
DERATING
BLOCK DIAGRAM
Pin
1500VDC
-V Input
-V Input
N.C.
N.C.
N.C.
+V Output
N.C.
-V Output
+V Input
+V Input
-V Input
-V Input
Common
N.C.
-V Output
+V Output
N.C.
Common
+V Input
+V Input
2
3
9
10
11
14
15
16
22
23
Single
Dual
1600mA
1600mA
660mA
530mA
MODELS Single output
Models
Input Voltage
Ouput Voltage
Ouput Current max.
AM8T-0503SI
AM8T-0505SI
AM8T-0512SI
AM8T-0515SI
4.5-9VDC
1600mA
1600mA
660mA
530mA
3.3VDC
5VDC
12VDC
5VDC
AM8T-1203SI
AM8T-1205SI
AM8T-1212SI
AM8T-1215SI
9-18VDC
1600mA
1600mA
660mA
530mA
3.3VDC
5VDC
12VDC
15VDC
AM8T-2403SI
AM8T-2405SI
AM8T-2412SI
AM8T-2415SI
18-36VDC
1600mA
1600mA
660mA
530mA
3.3VDC
5VDC
12VDC
15VDC
AM8T-4803SI
AM8T-4805SI
AM8T-4812SI
AM8T-4815SI
36-75VDC
3.3VDC
5VDC
12VDC
15VDC


Similar Part No. - AM8T-2403SI

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM8T-2403SIZ AIMTEC-AM8T-2403SIZ Datasheet
289Kb / 4P
   8 Watt | DC-DC Converter
AM8T-2403SIZ AIMTEC-AM8T-2403SIZ Datasheet
384Kb / 4P
   8 Watt | DC-DC Converter
More results

Similar Description - AM8T-2403SI

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM8TW-C AIMTEC-AM8TW-C Datasheet
293Kb / 2P
   8 watt dc-dc converters
AM8T-C AIMTEC-AM8T-C Datasheet
297Kb / 2P
   8 watt dc-dc converters
AM8TW-I AIMTEC-AM8TW-I Datasheet
198Kb / 2P
   8 watt dc-dc converters
logo
Wall Industries,Inc.
LANCUW8 WALL-LANCUW8 Datasheet
388Kb / 5P
   8 Watt DC/DC Power Converters
logo
Tumbler Technologies + ...
TC3W-8S2405 TRUMPOWER-TC3W-8S2405 Datasheet
28Kb / 1P
   DC/DC CONVERTERS 4:1 Input, 8 Watt
logo
CINCON ELECTRONICS Corp...
EC6AW CINCON-EC6AW Datasheet
208Kb / 2P
   8 WATT 4:1 INPUT DC-DC CONVERTERS
logo
Power-One
IMS7 POWER-ONE-IMS7 Datasheet
135Kb / 4P
   7 Watt DC-DC Converters
IMX15 POWER-ONE-IMX15 Datasheet
61Kb / 4P
   15 Watt DC-DC Converters
IMX35 POWER-ONE-IMX35 Datasheet
132Kb / 4P
   35 Watt DC-DC Converters
IXP POWER-ONE-IXP Datasheet
138Kb / 2P
   3 Watt DC-DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com