Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM15E Datasheet(PDF) 2 Page - AIMTEC

Part # AM15E
Description  15 watt dc-dc converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM15E Datasheet(HTML) 2 Page - AIMTEC

  AM15E Datasheet HTML 1Page - AIMTEC AM15E Datasheet HTML 2Page - AIMTEC AM15E Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
VISIT US AT WWW.AIMTEC.CA
AM15E Series
MODELS
Single output
OUTLINE DIMENSIONS & PIN CONNECTIONS
Pin
Single
Dual
-V Input
+V Input
-V Output
No Pin
+V Output
-V Input
+V Input
-V Output
Common
+V Output
1
2
3
4
5
Continued on next page
Input Voltage
Ouput Voltage
Ouput Current max.
AM15E-1203S
AM15E-1205S
AM15E-1207S
AM15E-1209S
AM15E-1212S
AM15E-1215S
AM15E-1218S
AM15E-1224S
AM15E-2403S
AM15E-2405S
AM15E-2407S
AM15E-2409S
AM15E-2412S
AM15E-2415S
AM15E-2418S
AM15E-2424S
AM15E-4803S
AM15E-4805S
AM15E-4807S
AM15E-4809S
AM15E-4812S
AM15E-4815S
AM15E-4818S
AM15E-4824S
9 - 18VDC
18 - 36VDC
36 - 72VDC
3.3VDC
5VDC
7.2VDC
9VDC
12VDC
15VDC
18VDC
24VDC
3.3VDC
5VDC
7.2VDC
9VDC
12VDC
15VDC
18VDC
24VDC
3.3VDC
5VDC
7.2VDC
9VDC
12VDC
15VDC
18VDC
24VDC
4000mA
3000mA
2000mA
1666mA
1250mA
1000mA
800mA
625mA
4000mA
3000mA
2000mA
1666mA
1250mA
1000mA
800mA
625mA
4000mA
3000mA
2000mA
1666mA
1250mA
1000mA
800mA
625mA
Models


Similar Part No. - AM15E

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM15E-1203DZ AIMTEC-AM15E-1203DZ Datasheet
131Kb / 4P
   15 Watt | DC-DC Converter
AM15E-1203SC AIMTEC-AM15E-1203SC Datasheet
288Kb / 2P
   15 watt dc-dc converters
AM15E-1203SH30IZ AIMTEC-AM15E-1203SH30IZ Datasheet
536Kb / 5P
   15 Watt | DC-DC Converter
AM15E-1203SH30IZ AIMTEC-AM15E-1203SH30IZ Datasheet
193Kb / 5P
   15 Watt | DC-DC Converter
AM15E-1203SIZ AIMTEC-AM15E-1203SIZ Datasheet
245Kb / 3P
   15 Watt | DC-DC Converter
More results

Similar Description - AM15E

ManufacturerPart #DatasheetDescription
logo
Power-One
IMX15 POWER-ONE-IMX15 Datasheet
61Kb / 4P
   15 Watt DC-DC Converters
logo
AIMTEC
AM15E-C AIMTEC-AM15E-C Datasheet
288Kb / 2P
   15 watt dc-dc converters
AM15EW-C AIMTEC-AM15EW-C Datasheet
288Kb / 2P
   15 watt dc-dc converters
logo
List of Unclassifed Man...
UM600 ETC1-UM600 Datasheet
25Kb / 2P
   15 Watt DC-DC Converters
logo
Power-One
IMX15-25 POWER-ONE-IMX15-25 Datasheet
132Kb / 4P
   15 Watt DC-DC Converters
logo
Bel Fuse Inc.
IMX15 BEL-IMX15 Datasheet
1Mb / 19P
   15 Watt DC-DC Converters
logo
Power-One
IMS15 POWER-ONE-IMS15 Datasheet
151Kb / 4P
   15 Watt DC-DC Converters
logo
Intronics Power, Inc.
DC700 INTRONICS-DC700 Datasheet
347Kb / 2P
   15-75 WATT DC-DC CONVERTERS
logo
Wall Industries,Inc.
LANCUW15 WALL-LANCUW15 Datasheet
177Kb / 5P
   15 Watt DC/DC Power Converters
LANCW15 WALL-LANCW15 Datasheet
250Kb / 5P
   15 Watt DC/DC Power Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com