Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM15E Datasheet(PDF) 1 Page - AIMTEC

Part # AM15E
Description  15 watt dc-dc converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM15E Datasheet(HTML) 1 Page - AIMTEC

  AM15E Datasheet HTML 1Page - AIMTEC AM15E Datasheet HTML 2Page - AIMTEC AM15E Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TO ORDER CALL 1-888-9-AIMTEC
AM15E Series
15 watt dc-dc converters
FULL SMD TECHNOLOGY
WIDE 2:1 INPUT RANGE
HIGH EFFICIENCY UP TO 92%
LOW PROFILE METAL PACKAGE
INPUT/OUTPUT ISOLATION: 1500VDC
OPERATING TEMPERATURE: -40°C ... +85°C
CONTINUOUS SHORT CIRCUIT PROTECTION
PIN-COMPATIBLE WITH MULTIPLE MANUFACTURERS
GENERAL DESCRIPTION
ELECTRICAL SPECIFICATIONS
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
Our AM15E series is a family of cost effective 15W
single and dual outputs DC/DC converters. These
converters combine nickel-coated copper package with
high performance features such as 1500VDC input/out-
put isolation voltage, continuous short circuit protection
with automatic restart and tight line / load regulation.
Wide range devices operate over 2:1 input voltage range
providing stable output voltage. Input voltages of 12, 24
and 48VDC with output voltages of 3.3, 5, 7.2, 9, 12, 15,
18, 24, ±3.3, ±5, ±7.2, ±9, ±12, ±15, ±18 or ±24VDC.
High performance features include high efficiency oper-
ation up to 92% and output voltage accuracy of ±1%
maximum. All models are package in a low profile
50.8x25.4x10.16mm
nickel-coated
copper
case.
Operation is specified over the full operating
temperature range of -40°C to +85°C with no derating
required. Cooling is by free-air convection.
MTBF: > 780,000 hrs @ 25°C (MIL-HDBK-217F)
Specifications are subject to change without notification
Isolation Specifications:
Rated voltage (60 sec)
1500VDC
Resistance
> 1000MOhm
Capacitance
500pF, typ.
Output Specifications:
Voltage accuracy
±1%, max.
Voltage balance (Dual Output)
±1%
Ripple and noise (at 20MHz BW) ±100mVp-p, max.
Short circuit protection
Continuous
Short circuit restart
Automatic
Line voltage regulation
±0.5%, max.
Load voltage regulation
±0.5%, max.
Temperature coefficient
±0.02%/°C, typ.
Over load protection
130%, typ. 100% load
Input Specifications:
Voltage range
12VDC, 9~18VDC
24VDC, 18~36VDC
48VDC, 36~72VDC
Filter
Capacitor
Environmental Specifications:
Operating temperature (ambient) -40°C ... +85°C
Storage temperature
-40°C ... +125°C
Case Temperature
+100°C, max.
Derating
None required
Humidity (non-condensing)
Up to 90%
Cooling
Free-air Convection
Physical Specifications:
Dimensions
50.8x25.4x10.16mm
2.00x1.00x0.40inches
Weight
46g
Case material
Nickel-Coated Copper
General Specifications:
Efficiency
83% to 92%
Switching frequency
200KHz, typ. 100% load
Continued on next page
Picture
Available
Soon


Similar Part No. - AM15E

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM15E-1203DZ AIMTEC-AM15E-1203DZ Datasheet
131Kb / 4P
   15 Watt | DC-DC Converter
AM15E-1203SC AIMTEC-AM15E-1203SC Datasheet
288Kb / 2P
   15 watt dc-dc converters
AM15E-1203SH30IZ AIMTEC-AM15E-1203SH30IZ Datasheet
536Kb / 5P
   15 Watt | DC-DC Converter
AM15E-1203SH30IZ AIMTEC-AM15E-1203SH30IZ Datasheet
193Kb / 5P
   15 Watt | DC-DC Converter
AM15E-1203SIZ AIMTEC-AM15E-1203SIZ Datasheet
245Kb / 3P
   15 Watt | DC-DC Converter
More results

Similar Description - AM15E

ManufacturerPart #DatasheetDescription
logo
Power-One
IMX15 POWER-ONE-IMX15 Datasheet
61Kb / 4P
   15 Watt DC-DC Converters
logo
AIMTEC
AM15E-C AIMTEC-AM15E-C Datasheet
288Kb / 2P
   15 watt dc-dc converters
AM15EW-C AIMTEC-AM15EW-C Datasheet
288Kb / 2P
   15 watt dc-dc converters
logo
List of Unclassifed Man...
UM600 ETC1-UM600 Datasheet
25Kb / 2P
   15 Watt DC-DC Converters
logo
Power-One
IMX15-25 POWER-ONE-IMX15-25 Datasheet
132Kb / 4P
   15 Watt DC-DC Converters
logo
Bel Fuse Inc.
IMX15 BEL-IMX15 Datasheet
1Mb / 19P
   15 Watt DC-DC Converters
logo
Power-One
IMS15 POWER-ONE-IMS15 Datasheet
151Kb / 4P
   15 Watt DC-DC Converters
logo
Intronics Power, Inc.
DC700 INTRONICS-DC700 Datasheet
347Kb / 2P
   15-75 WATT DC-DC CONVERTERS
logo
Wall Industries,Inc.
LANCUW15 WALL-LANCUW15 Datasheet
177Kb / 5P
   15 Watt DC/DC Power Converters
LANCW15 WALL-LANCW15 Datasheet
250Kb / 5P
   15 Watt DC/DC Power Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com