Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM6T-2403S Datasheet(PDF) 2 Page - AIMTEC

Part # AM6T-2403S
Description  6 watt dc-dc converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM6T-2403S Datasheet(HTML) 2 Page - AIMTEC

  AM6T-2403S Datasheet HTML 1Page - AIMTEC AM6T-2403S Datasheet HTML 2Page - AIMTEC AM6T-2403S Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
66
TO ORDER CALL 1-888-9-AIMTEC
MODELS
Single output
AM6T Series
Models
Isolation 1500VDC
Isolation 3500VDC
Input Voltage
Ouput Voltage
Ouput Current max.
OUTLINE DIMENSIONS & PIN CONNECTIONS
AM6T-1203S
AM6T-1205S
AM6T-1207S
AM6T-1209S
AM6T-1212S
AM6T-1215S
AM6T-1218S
AM6T-1224S
AM6T-2403S
AM6T-2405S
AM6T-2407S
AM6T-2409S
AM6T-2412S
AM6T-2415S
AM6T-2418S
AM6T-2424S
AM6T-4803S
AM6T-4805S
AM6T-4807S
AM6T-4809S
AM6T-4812S
AM6T-4815S
AM6T-4818S
AM6T-4824S
AM6T-1203SH35
AM6T-1205SH35
AM6T-1207SH35
AM6T-1209SH35
AM6T-1212SH35
AM6T-1215SH35
AM6T-1218SH35
AM6T-1224SH35
AM6T-2403SH35
AM6T-2405SH35
AM6T-2407SH35
AM6T-2409SH35
AM6T-2412SH35
AM6T-2415SH35
AM6T-2418SH35
AM6T-2424SH35
AM6T-4803SH35
AM6T-4805SH35
AM6T-4807SH35
AM6T-4809SH35
AM6T-4812SH35
AM6T-4815SH35
AM6T-4818SH35
AM6T-4824SH35
9VDC - 18VDC
18VDC - 36VDC
36VDC - 72VDC
3.3VDC
5VDC
7.2VDC
9VDC
12VDC
15VDC
18VDC
24VDC
3.3VDC
5VDC
7.2VDC
9VDC
12VDC
15VDC
18VDC
24VDC
3.3VDC
5VDC
7.2VDC
9VDC
12VDC
15VDC
18VDC
24VDC
1500mA
1200mA
833mA
667mA
500mA
400mA
333mA
250mA
1500mA
1200mA
833mA
667mA
500mA
400mA
333mA
250mA
1500mA
1200mA
833mA
667mA
500mA
400mA
333mA
250mA
Pin
1500 & 3500 VDC
-V Input
-V Input
N.C.
N.C.
+V Output
-V Output
+V Input
+V Input
-V Input
-V Input
Common
-V Output
+V Output
Common
+V Input
+V Input
2
3
9
11
14
16
22
23
Single
Dual
Continued on next page


Similar Part No. - AM6T-2403S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM6T-2403S ETC1-AM6T-2403S Datasheet
527Kb / 3P
   6 watt dc-dc converters
logo
AIMTEC
AM6T-2403S-N AIMTEC-AM6T-2403S-N Datasheet
195Kb / 3P
   6 watt dc-dc converters
AM6T-2403S-NZ AIMTEC-AM6T-2403S-NZ Datasheet
252Kb / 4P
   Pin compatible with multiple manufacturers
logo
List of Unclassifed Man...
AM6T-2403SH35 ETC1-AM6T-2403SH35 Datasheet
527Kb / 3P
   6 watt dc-dc converters
logo
AIMTEC
AM6T-2403SH35Z AIMTEC-AM6T-2403SH35Z Datasheet
517Kb / 5P
   6 Watt | DC-DC Converter
More results

Similar Description - AM6T-2403S

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM6TW AIMTEC-AM6TW Datasheet
248Kb / 2P
   6 watt dc-dc converters
AM6TW-N AIMTEC-AM6TW-N Datasheet
310Kb / 3P
   6 watt dc-dc converters
AM6T-N AIMTEC-AM6T-N Datasheet
195Kb / 3P
   6 watt dc-dc converters
logo
Power-One
IMO POWER-ONE-IMO Datasheet
107Kb / 2P
   6 Watt DC-DC Converters
logo
List of Unclassifed Man...
AM6T ETC1-AM6T Datasheet
527Kb / 3P
   6 watt dc-dc converters
logo
Wall Industries,Inc.
DCPDLW06 WALL-DCPDLW06 Datasheet
887Kb / 6P
   6 Watt DC/DC Power Converters
DCPDLW06 WALL-DCPDLW06_16 Datasheet
824Kb / 6P
   6 Watt DC/DC Power Converters
logo
CINCON ELECTRONICS Corp...
EC4AW-H6 CINCON-EC4AW-H6 Datasheet
132Kb / 2P
   5-6 WATT DC-DC CONVERTERS
logo
Wall Industries,Inc.
ELANC WALL-ELANC Datasheet
103Kb / 4P
   6 Watt DC/DC Power Converters
DCPDL06 WALL-DCPDL06_16 Datasheet
826Kb / 7P
   6 Watt DC/DC Power Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com