Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRR0906-330ML Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRR0906-330ML
Description  SMD Shielded Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRR0906-330ML Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRR0906-330ML Datasheet HTML 1Page - Bourns Electronic Solutions SRR0906-330ML Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
1
4
8
5
3.0
(.118)
9.5 ± 0.3
(.374 ± .012)
MARKING
(PIN 1 SIDE)
START
FINISH
11.0 ± 0.5
(.433 ± .020)
12.5 ± 0.5
(.492 ± .020)
10.5
(.413)
6.0 ± 0.3
(.236 ± .012)
2.5 ± 0.3
(.098 ± .012)
2.5 ± 0.3
(.098 ± .012)
2.5 ± 0.3
(.098 ± .012)
0.7 ± 0.1
(.028 ± .004)
101
SRR0906 Series - SMD Shielded Power Inductors
Features
Available in E6 series
High inductance up to 10 mH
Low 6.0 mm profile
Gull wing leads
RoHS compliant*
Applications
Input/output of DC/DC converters
Power supplies for:
Portable communication equipment
Camcorders
LCD TVs
Car radios
Electrical Specifications
Product Dimensions
Recommended Layout
Electrical Schematic
General Specifications
Test Voltage ........................................1 V
Reflow Soldering ...230 °C, 50 sec. max.
Operating Temperature .-40 °C to +125 °C
(Temperature rise included)
Storage Temperature..-40 °C to +125 °C
Resistance to Soldering Heat
..................................260 °C for 5 sec.
Materials
Core.....................Ferrite DR and RI core
Wire .............................Enameled copper
Base..................................................LCP
Terminal ....................................Cu/Ni/Sn
Adhesive ..............................Epoxy resin
Rated Current .Ind. drop 10 % typ. at Isat
Temperature Rise
.........................40 °C max. at rated Irms
Packaging.....................600 pcs. per reel
1
4
2.2
(.087)
14.7
(.578)
2.2
(.087)
10.3
(.406)
2.5
(.098)
1.0
(.039)
Inductance 1kHz
Q
Test
SRF
RDC
I rms
I sat
Bourns Part No.
(µH)
Tol. %
Ref.
Frequency
Min.
(
Ω)
Max.
Typ.
(MHz)
(MHz)
(A)
(A)
SRR0906-2R7ML
2.7
± 20
23
7.96M
85.0
0.032
3.20
5.80
SRR0906-3R5ML
3.5
± 20
23
7.96M
80.0
0.036
2.90
5.20
SRR0906-4R7ML
4.7
± 20
23
7.96M
40.0
0.040
2.70
4.30
SRR0906-5R6ML
5.6
± 20
23
7.96M
57.0
0.046
2.50
4.20
SRR0906-6R8ML
6.8
± 20
23
7.96M
38.0
0.050
2.30
3.40
SRR0906-8R2ML
8.2
± 20
23
7.96M
30.0
0.055
2.10
3.20
SRR0906-100ML
10
± 20
35
2.52M
29.0
0.080
1.80
2.70
SRR0906-120ML
12
± 20
35
2.52M
26.0
0.085
1.70
2.60
SRR0906-150ML
15
± 20
35
2.52M
23.0
0.100
1.60
2.40
SRR0906-180ML
18
± 20
35
2.52M
22.0
0.110
1.50
2.00
SRR0906-220ML
22
± 20
35
2.52M
19.0
0.130
1.40
1.90
SRR0906-270ML
27
± 20
35
2.52M
17.0
0.140
1.30
1.80
SRR0906-330ML
33
± 20
35
2.52M
15.0
0.150
1.20
1.60
SRR0906-390ML
39
± 20
35
2.52M
14.0
0.160
1.10
1.40
SRR0906-470ML
47
± 20
35
2.52M
12.0
0.180
1.00
1.30
SRR0906-560ML
56
± 20
35
2.52M
12.0
0.300
0.93
1.20
SRR0906-680ML
68
± 20
40
2.52M
9.0
0.350
0.85
1.00
SRR0906-820ML
82
± 20
40
2.52M
8.0
0.370
0.78
0.90
SRR0906-101YL
100
±15
40
0.796M
7.5
0.420
0.70
0.90
SRR0906-121YL
120
±15
40
0.796M
7.0
0.480
0.65
0.75
SRR0906-151YL
150
±15
40
0.796M
6.0
0.550
0.60
0.70
SRR0906-181YL
180
±15
40
0.796M
5.5
0.820
0.52
0.70
SRR0906-221YL
220
±15
40
0.796M
5.0
1.000
0.48
0.60
SRR0906-271YL
270
±15
40
0.796M
5.0
1.100
0.44
0.55
SRR0906-331YL
330
±15
40
0.796M
4.5
1.300
0.40
0.51
SRR0906-391YL
390
±15
40
0.796M
4.2
1.400
0.38
0.50
SRR0906-471YL
470
±15
40
0.796M
4.0
1.600
0.35
0.40
SRR0906-561YL
560
±15
60
0.796M
3.2
2.700
0.28
0.35
SRR0906-681YL
680
±15
60
0.796M
2.7
3.200
0.25
0.33
SRR0906-821YL
820
±15
85
0.796M
2.6
3.500
0.23
0.30
SRR0906-102YL
1000
±15
100
0.252M
2.3
4.000
0.22
0.26
SRR0906-122YL
1200
±15
100
0.252M
2.3
4.400
0.20
0.24
SRR0906-152YL
1500
±15
100
0.252M
2.0
5.200
0.18
0.22
SRR0906-182YL
1800
±15
100
0.252M
1.7
7.000
0.17
0.20
SRR0906-222YL
2200
±15
100
0.252M
1.5
8.500
0.16
0.18
SRR0906-272YL
2700
±15
100
0.252M
1.4
9.200
0.14
0.17
SRR0906-332YL
3300
±15
100
0.252M
1.3
11.000
0.12
0.15
SRR0906-392YL
3900
±15
100
0.252M
1.2
16.000
0.11
0.13
SRR0906-472YL
4700
±15
100
0.252M
1.0
19.000
0.10
0.11
SRR0906-562YL
5600
±15
100
0.252M
0.9
21.000
0.09
0.11
SRR0906-682YL
6800
±15
100
0.252M
0.9
24.000
0.09
0.10
SRR0906-822YL
8200
±15
100
0.252M
0.8
31.000
0.08
0.09
SRR0906-103YL
10000
±15
100
0.0796M
0.7
38.000
0.07
0.08
Multiple windings possible (up to four windings).
DIMENSIONS:
MM
(INCHES)


Similar Part No. - SRR0906-330ML

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRR0906-330ML BOURNS-SRR0906-330ML Datasheet
215Kb / 2P
   SMD Shielded Power Inductors
More results

Similar Description - SRR0906-330ML

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018_13 Datasheet
210Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com