Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRR0618-2R2ML Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRR0618-2R2ML
Description  Shielded Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRR0618-2R2ML Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRR0618-2R2ML Datasheet HTML 1Page - Bourns Electronic Solutions SRR0618-2R2ML Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SRR0618 Series - Shielded Power Inductors
Features
Available in E6 series
Low unit height of 1.8 mm
High current
RoHS compliant*
Applications
Input/output of DC/DC converters
Power supplies for:
Portable communication equipment
Camcorders
LCD TVs
Car radios
Electrical Specifications
Product Dimensions
5.00 ± 0.3
(.197 ± .012)
5.00 ± 0.3
(.197 ± .012)
2R2
0.6
(.024)
TYP.
3.0
(.118)
1.50 ± 0.10
(.059 ± .004)
0.25
(.001)
TYP.
90°
1.25
(.049)
TYP.
1.25
(.049)
TYP.
3.50
(.138)
TYP.
6.30 ± 0.3
(.248 ± .012)
1.80 ± 0.15
(.071 ± .006)
3
4
2
1
General Specifications
Test Voltage .................................0.1 Volt
Reflow Soldering .....230 ˚C, 50 sec max.
Operating Temperature ..-40 °C to +125 °C
(Temperature rise included)
Storage Temperature..-40 °C to +125 °C
Resistance to Soldering Heat
................................260 °C for 10 sec.
Materials
Core Material...........................Ferrite DR
Wire ............................Enameled Copper
Base .....................................Ferrite Core
Terminal.....................................Cu/Ni/Sn
Rated Current ...Ind. drop 50 % typ at I sat
Temperature Rise .40 ˚C max at rated I rms
Packaging.....................800 pcs. per reel
Recommended Layout
Electrical Schematic
4.20
(.165)
REF.
2.15
(.085)
REF.
3
4
2
1
2.15
(.085)
REF.
2.90
(.114)
REF.
4.20
(.165)
REF.
1.80
(.071)
REF.
1.20
(.047)
REF.
1.20
(.047)
REF.
3
1
2.15
(.085)
REF.
2.15
(.085)
REF.
2.90
(.114)
REF.
LCR
100 ~ 101
13
2R2 ~ 6R8
LCR
23
14
Inductance 100kHz
Q
Test
SRF
RDC
I rms
I sat
Bourns Part No.
(µH)
Tol. %
Ref.
Frequency
Nom.
Max.
Typ.
Typ.
(kHz)
(MHz)
(Ω)(A)
(A)
SRR0618-2R2ML
2.2
± 20
30
100
95
0.05
1.70
2.10
SRR0618-3R3ML
3.3
± 20
30
100
70
0.07
1.40
1.75
SRR0618-4R7ML
4.7
± 20
30
100
65
0.10
1.05
1.45
SRR0618-6R8ML
6.8
± 20
30
100
50
0.15
0.95
1.18
SRR0618-100ML
10.0
± 20
30
100
45
0.22
0.82
0.98
SRR0618-150ML
15.0
± 20
30
100
35
0.31
0.60
0.76
SRR0618-220ML
22.0
± 20
30
100
25
0.46
0.47
0.60
SRR0618-330ML
33.0
± 20
30
100
22
0.68
0.43
0.53
SRR0618-470ML
47.0
± 20
30
100
20
1.10
0.36
0.44
SRR0618-680ML
68.0
± 20
30
100
15
1.50
0.30
0.37
SRR0618-101ML
100.0
± 20
30
100
13
2.30
0.23
0.27
DIMENSIONS:
MM
(INCHES)
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.


Similar Part No. - SRR0618-2R2ML

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRR0618-2R2ML BOURNS-SRR0618-2R2ML Datasheet
177Kb / 2P
   Shielded Power Inductors
More results

Similar Description - SRR0618-2R2ML

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com