Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRR0604-2R5ML Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRR0604-2R5ML
Description  Shielded Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRR0604-2R5ML Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRR0604-2R5ML Datasheet HTML 1Page - Bourns Electronic Solutions SRR0604-2R5ML Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
SRR0604 Series - Shielded Power Inductors
Features
Available in E6 series
Low unit height of 4.8 mm
High current
RoHS compliant*
Applications
Input/output of DC/DC converters
Power supplies for:
Portable communication equipment
Camcorders
LCD TVs
Car radios
Electrical Specifications
Product Dimensions
6.5 ±0.2
(.256 ±.008)
6.5 ± 0.2
(.256 ±.008)
0.7 ±0.1
(.028 ±.004)
2.0 ±0.2
(.099 ±.008)
5.0 ±0.2
(.197 ±.008)
4.8
(.189)
MAX.
0.7 ±0.1
(.028 ±.004)
100
General Specifications
Test Voltage ....................................1 Volt
Reflow Soldering .....230 ˚C; 50 sec max.
Operating Temperature .-40 °C to +125 °C
(Temperature rise included)
Storage Temperature..-40 °C to +125 °C
Resistance to Soldering Heat
..................................260 °C for 5 sec.
Materials
Core Material...................Ferrite DR & RI
Wire ............................Enameled Copper
Base ......................................LCP E4008
Terminal.....................................Cu/Ni/Sn
Rated Current ..Ind. drop 10 % typ at I sat
Temperature Rise ..40 ˚C max at rated I rms
Packaging...................1000 pcs. per reel
Recommended Layout
Electrical Schematic
4.5
(.177)
1.5
(.060)
2.5
(.099)
Inductance 1kHz
Q
Test
SRF
RDC
I rms
I sat
Bourns Part No.
(µH)
Tol. %
Ref.
Frequency
Min.
(
Ω)
Max.
Typ.
(MHz)
(MHz)
(A)
(A)
SRR0604-1R5ML
1.5
± 20
23
7.96
110.0
0.028
2.80
3.95
SRR0604-2R5ML
2.5
± 20
21
7.96
100.0
0.035
2.50
3.50
SRR0604-3R3ML
3.3
± 20
21
7.96
90.0
0.050
2.30
2.90
SRR0604-4R7ML
4.7
± 20
10
7.96
50.0
0.060
2.00
2.55
SRR0604-6R8ML
6.8
± 20
20
7.96
37.0
0.070
1.60
2.05
SRR0604-100ML
10
± 20
18
2.52
30.0
0.12
1.30
1.80
SRR0604-150ML
15
± 20
18
2.52
30.0
0.13
1.10
1.45
SRR0604-220ML
22
± 20
16
2.52
25.0
0.19
0.90
1.20
SRR0604-330KL
33
± 10
16
2.52
21.0
0.25
0.70
0.95
SRR0604-470KL
47
± 10
15
2.52
18.0
0.35
0.60
0.80
SRR0604-680KL
68
± 10
15
2.52
15.0
0.52
0.50
0.68
SRR0604-101KL
100
± 10
23
0.796
13.0
0.65
0.40
0.57
SRR0604-151KL
150
± 10
21
0.796
12.0
1.00
0.30
0.47
SRR0604-221KL
220
± 10
20
0.796
10.0
1.70
0.25
0.32
SRR0604-331KL
330
± 10
18
0.796
7.0
2.10
0.20
0.28
SRR0604-471KL
470
± 10
18
0.796
6.5
3.30
0.18
0.22
SRR0604-681KL
680
± 10
16
0.796
6.0
4.80
0.15
0.19
SRR0604-102KL
1000
± 10
15
0.252
5.5
6.10
0.12
0.15
DIMENSIONS:
MM
(INCHES)


Similar Part No. - SRR0604-2R5ML

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRR0604-2R5ML BOURNS-SRR0604-2R5ML Datasheet
255Kb / 2P
   Shielded Power Inductors
More results

Similar Description - SRR0604-2R5ML

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com