Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM5TW-2412DC Datasheet(PDF) 1 Page - AIMTEC

Part # AM5TW-2412DC
Description  5 watt dc-dc converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM5TW-2412DC Datasheet(HTML) 1 Page - AIMTEC

  AM5TW-2412DC Datasheet HTML 1Page - AIMTEC AM5TW-2412DC Datasheet HTML 2Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
63
VISIT US AT WWW.AIMTEC.CA
AM5TW-C Series
24 PIN DIP PACKAGE
PLASTIC ENCAPSULATED CASE
POWER MODULES FOR PCB MOUNTING
4:1 WIDE INPUT RANGE
REGULATED OUTPUT
LOW RIPPLE & NOISE
OPERATING TEMPERATURE : -25 … +71°C
ELECTRICAL SPECIFICATIONS
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
MTBF: > 800,000 hrs (MIL-HDBK-217F, Ground Benign, t=+25°C)
Specifications are subject to change without notification
Isolation Specifications:
Rated voltage
1500VDC
Resistance
>1000Mohms
Capacitance
1000pF, typ.
Output Specifications:
Voltage accuracy
±2%, max.
Ripple
<0.2% Vout +20mVmax (Vp-p)
Noise
<0.5% Vout +50mVmax (Vp-p)
Short circuit protection
Current limit, auto-recovery
Over current protection
Works over 120% of rating
and recovers automatically
Line regulation (HL-LL) ±0.5%, typ.
Load regulation(10-100%) ±2%, typ.
Temperature coefficient ±0.02%/°C, typ.
5 watt dc-dc converters
GENERAL DESCRIPTION
Our AM5TW-C series is a family of cost effective 5W single and
dual output DC-DC converters. These shielded converters are
aluminum encapsulated on all six sides, have a non-conduc-
tive base & retain an anodized black DIP24 compatible
plastic case (31.8x20.3x10.2mm). The high performance
features of AM5TW-C series include current limit auto
recovery short circuit protection, tight line regulation and
high efficiency operation coefficient up to 78%.
These wide range devices operate over 4:1 input voltage
range, providing a continuously stable output voltage. Input
voltage range of 24 & 48VDC converts in output voltages
of 3.3, 5, 12, 15, 24, ±5, ±12 & ±15VDC. The normal oper-
ation is specified over the full operating temperature range
of -25°C to +71°C with no derating required. Cooling is
done by free air convection.
Environmental Specifications:
Operating temperature
-25°C …+71°C
Storage temperature
-55°C …+105°C
Case temperature
+95°C, max.
Humidity (non-condensing)
Up to 95%
Cooling
Free-air convection
General Specifications:
Efficiency
73% to 78%
Switching frequency
300KHz, typ. 100% load
Input Specifications:
Voltage range
24VDC, 9~36VDC
48 VDC, 18~75VDC
Filter
p
(Pi) Network
Physical Specifications:
Dimensions
31.8x20.3x10.2mm,
tolerance ±0.5mm
1.25x0.8x0.4inches
Weight
13g
Case material
Six-side shielded Aluminum
with Non-Conductive
base, Black Anodize
Continued on next page


Similar Part No. - AM5TW-2412DC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM5TW-2412D ETC-AM5TW-2412D Datasheet
466Kb / 2P
   5 WATT DC-DC CONVERTERS
logo
AIMTEC
AM5TW-2412D AIMTEC-AM5TW-2412D Datasheet
261Kb / 2P
   5 watt dc-dc converters
AM5TW-2412D-N AIMTEC-AM5TW-2412D-N Datasheet
309Kb / 3P
   5 watt dc-dc converters
AM5TW-2412D-RVZ AIMTEC-AM5TW-2412D-RVZ Datasheet
403Kb / 3P
   5 Watt | DC-DC Converter
AM5TW-2412D-RVZ AIMTEC-AM5TW-2412D-RVZ Datasheet
248Kb / 3P
   5 Watt | DC-DC Converter
More results

Similar Description - AM5TW-2412DC

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM5TW AIMTEC-AM5TW Datasheet
261Kb / 2P
   5 watt dc-dc converters
AM5TW-N AIMTEC-AM5TW-N Datasheet
309Kb / 3P
   5 watt dc-dc converters
logo
List of Unclassifed Man...
AM5TW ETC-AM5TW Datasheet
466Kb / 2P
   5 WATT DC-DC CONVERTERS
logo
AIMTEC
AM5T AIMTEC-AM5T Datasheet
279Kb / 3P
   5 watt dc-dc converters
AM5T-N AIMTEC-AM5T-N Datasheet
295Kb / 3P
   5 watt dc-dc converters
logo
Wall Industries,Inc.
DCMUA WALL-DCMUA Datasheet
279Kb / 5P
   5 Watt DC/DC Power Converters
logo
CINCON ELECTRONICS Corp...
EC4AW-H6 CINCON-EC4AW-H6 Datasheet
132Kb / 2P
   5-6 WATT DC-DC CONVERTERS
logo
TRACO Electronic AG
TES5 TRACOPOWER-TES5 Datasheet
207Kb / 3P
   DC/DC Converters TES 5 Series, 5 Watt
Rev. September 16, 2022
logo
Wall Industries,Inc.
DCHAA WALL-DCHAA_16 Datasheet
402Kb / 4P
   5~6 Watt DC/DC Power Converters
DCHAA WALL-DCHAA Datasheet
401Kb / 4P
   5~6 Watt DC/DC Power Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com