Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PWR221-2SAR0400F Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # PWR221-2SAR0400F
Description  Shunt Resistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PWR221-2SAR0400F Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  PWR221-2SAR0400F Datasheet HTML 1Page - Bourns Electronic Solutions PWR221-2SAR0400F Datasheet HTML 2Page - Bourns Electronic Solutions PWR221-2SAR0400F Datasheet HTML 3Page - Bourns Electronic Solutions PWR221-2SAR0400F Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Product Dimensions
TO220 Casing: 2-Pin (Surface Mount)
TO220 Casing: 4-Pin (Surface Mount)
10.16
(0.4)
14.6
(0.57)
15.0
(0.59)
17.33
(0.68)
12.7
(0.50)
0.76
(0.03)
1.85
(0.07)
2.54
(0.1)
3X
4.0
(0.16)
1.2
(0.05)
0.76
(0.03)
1.4
(0.06)
10.16
(0.4)
14.6
(0.57)
15.0
(0.59)
17.33
(0.68)
12.7
(0.50)
4.0
(0.16)
1.2
(0.05)
1.4
(0.06)
PWR220 S Series Shunt Resistor
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
How to Order
PWR 220 - 2 S A R0400 J E
Model
PWR = Power Resistor
Package
220 = TO220
221 = TO221
Number of Pins
2 = 2
4 = 4
Function
S = Shunt
Version
A = Surface Mount
B = Through Hole
Resistor Value
R (4 Digits)
Absolute Tolerance
J = 5 %
G = 2 %
F = 1 %
D = 0.5 %
*C = 0.25 %
*B = 0.1 %
Packaging
E = Tape & Reel
___ = Tubes
*Available only with 4-pin versions.
Typical Part Marking
PWR220-2S
R500 1%
0512
MANUFACTURER'S
TRADEMARK
PART
IDENTIFICATION
ABSOLUTE
RESISTANCE,
TOLERANCE
DATE CODE:
YYWW


Similar Part No. - PWR221-2SAR0400F

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PWR221-2SAR040BE BOURNS-PWR221-2SAR040BE Datasheet
265Kb / 4P
   Shunt Resistor
PWR221-2SAR040CE BOURNS-PWR221-2SAR040CE Datasheet
265Kb / 4P
   Shunt Resistor
PWR221-2SAR040DE BOURNS-PWR221-2SAR040DE Datasheet
265Kb / 4P
   Shunt Resistor
PWR221-2SAR040FE BOURNS-PWR221-2SAR040FE Datasheet
265Kb / 4P
   Shunt Resistor
PWR221-2SAR040GE BOURNS-PWR221-2SAR040GE Datasheet
265Kb / 4P
   Shunt Resistor
More results

Similar Description - PWR221-2SAR0400F

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PWR10020S BOURNS-PWR10020S Datasheet
220Kb / 1P
   Shunt Resistor
logo
YAGEO Corporation
PU3921FKM130R001L YAGEO-PU3921FKM130R001L Datasheet
718Kb / 9P
   SHUNT RESISTOR
logo
Bourns Electronic Solut...
PWR220-2SAR040JE BOURNS-PWR220-2SAR040JE Datasheet
265Kb / 4P
   Shunt Resistor
logo
Riedon Powertron
MNRS1050 RIEDON-MNRS1050 Datasheet
197Kb / 2P
   Chip Shunt Resistor
MNRS10500R002F RIEDON-MNRS10500R002F Datasheet
149Kb / 2P
   Power Shunt Resistor
logo
Texas Instruments
INA250-Q1 TI1-INA250-Q1 Datasheet
125Kb / 8P
[Old version datasheet]   Current-Shunt Monitor with Precision Integrated Shunt Resistor
INA250A1 TI1-INA250A1 Datasheet
1Mb / 33P
[Old version datasheet]   Current-Shunt Monitor with Precision Integrated Shunt Resistor
logo
KOA Speer Electronics, ...
PSBTTEB1L00F KOA-PSBTTEB1L00F Datasheet
241Kb / 2P
   chip type power shunt resistor
PSIDTEB KOA-PSIDTEB Datasheet
82Kb / 2P
   chip type power shunt resistor
logo
Vishay Siliconix
WSBS8518L5000JT34 VISHAY-WSBS8518L5000JT34 Datasheet
143Kb / 3P
   Power Metal Strip짰 Shunt Resistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com