Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RLB0608-1R0ML Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # RLB0608-1R0ML
Description  Radial Inductors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

RLB0608-1R0ML Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  RLB0608-1R0ML Datasheet HTML 1Page - Bourns Electronic Solutions RLB0608-1R0ML Datasheet HTML 2Page - Bourns Electronic Solutions RLB0608-1R0ML Datasheet HTML 3Page - Bourns Electronic Solutions RLB0608-1R0ML Datasheet HTML 4Page - Bourns Electronic Solutions RLB0608-1R0ML Datasheet HTML 5Page - Bourns Electronic Solutions RLB0608-1R0ML Datasheet HTML 6Page - Bourns Electronic Solutions RLB0608-1R0ML Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Surface Mount Chip Inductor Capability Matrix
RLB Series Radial Inductors
RLB1014 Series Electrical Characteristics
BOURNS Part No.
Inductance
Q
Test freq. (KHz)
SRF
RDC
IDC
(µH)
ref.
L, Q
(MHz) min.
(ohms) max.
(mA) max.
RLB1014-101KL
100 ± 10 %
45
796.0
3.20
0.85
350
RLB1014-121KL
120 ± 10 %
45
796.0
3.00
0.95
330
RLB1014-151KL
150 ± 10 %
45
796.0
2.80
1.05
310
RLB1014-181KL
180 ± 10 %
45
796.0
2.50
1.15
300
RLB1014-221KL
220 ± 10 %
40
796.0
2.10
1.30
280
RLB1014-271KL
270 ± 10 %
40
796.0
2.00
1.50
260
RLB1014-331KL
330 ± 10 %
40
796.0
1.95
1.70
240
RLB1014-391KL
390 ± 10 %
40
796.0
1.85
1.85
230
RLB1014-471KL
470 ± 10 %
35
796.0
1.55
2.30
210
RLB1014-561KL
560 ± 10 %
35
796.0
1.30
2.55
200
RLB1014-681KL
680 ± 10 %
35
796.0
1.15
2.85
190
RLB1014-821KL
820 ± 10 %
35
796.0
1.00
3.10
180
RLB1014-102KL
1000 ± 10 %
50
252.0
0.90
4.10
160
RLB1014-122KL
1200 ± 10 %
50
252.0
0.80
4.70
150
RLB1014-152KL
1500 ± 10 %
50
252.0
0.70
5.80
130
RLB1014-182KL
1800 ± 10 %
50
252.0
0.60
7.40
115
RLB1014-222KL
2200 ± 10 %
50
252.0
0.55
8.40
110
RLB1014-272KL
2700 ± 10 %
50
252.0
0.50
9.60
95
RLB1014-332KL
3300 ± 10 %
50
252.0
0.45
10.50
80
RLB1014-392KL
3900 ± 10 %
50
252.0
0.40
12.00
70
RLB1014-472KL
4700 ± 10 %
45
252.0
0.38
14.00
65
RLB1014-562KL
5600 ± 10 %
45
252.0
0.36
16.00
60
RLB1014-682KL
6800 ± 10 %
40
252.0
0.34
18.00
55
RLB1014-822KL
8200 ± 10 %
40
252.0
0.32
24.50
50
RLB1014-103KL
10000 ± 10 %
50
79.6
0.30
32.00
45
RLB1014-123KL
12000 ± 10 %
50
79.6
0.28
36.00
40
RLB1014-153KL
15000 ± 10 %
50
79.6
0.26
48.00
35
RLB1014-183KL
18000 ± 10 %
45
79.6
0.24
52.00
30
RLB1014-223KL
22000 ± 10 %
45
79.6
0.22
58.00
28
RLB1014-273KL
27000 ± 10 %
45
79.6
0.20
62.00
26
RLB1014-333KL
33000 ± 10 %
45
79.6
0.18
90.00
24
RLB1014-393KL
39000 ± 10 %
40
79.6
0.17
100.00
22
RLB1014-473KL
47000 ± 10 %
35
79.6
0.16
150.00
20
RLB1014-563KL
56000 ± 10 %
35
79.6
0.15
200.00
18
RLB1014-683KL
68000 ± 10 %
35
79.6
0.14
220.00
16
RLB1014-823KL
82000 ± 10 %
30
79.6
0.12
240.00
14
Packaging: 150 pieces per bag


Similar Part No. - RLB0608-1R0ML

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
RLB0608-1R5ML ONSEMI-RLB0608-1R5ML Datasheet
8Mb / 28P
   45 W Auxiliary Power Supply for White Goods and Industrial Equipment with NCP11187A65
August, 2020 ??Rev. 1
More results

Similar Description - RLB0608-1R0ML

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
RCH-654 ECM-RCH-654 Datasheet
145Kb / 3P
   Radial Leaded Inductors
logo
Taiyo Yuden (U.S.A.), I...
LHL08TB1R0N TAIYO-YUDEN-LHL08TB1R0N Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB2R2M TAIYO-YUDEN-LHL08TB2R2M Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB3R9M TAIYO-YUDEN-LHL08TB3R9M Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL10TB151K TAIYO-YUDEN-LHL10TB151K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL10TB153J TAIYO-YUDEN-LHL10TB153J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL10TB182J TAIYO-YUDEN-LHL10TB182J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL10TB273J TAIYO-YUDEN-LHL10TB273J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHLP12NB102K TAIYO-YUDEN-LHLP12NB102K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHLC08TB820K TAIYO-YUDEN-LHLC08TB820K Datasheet
137Kb / 1P
   Radial Leaded Inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com