Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD243 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # BD243
Description  NPN SILICON POWER TRANSISTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

BD243 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  BD243 Datasheet HTML 1Page - Bourns Electronic Solutions BD243 Datasheet HTML 2Page - Bourns Electronic Solutions BD243 Datasheet HTML 3Page - Bourns Electronic Solutions BD243 Datasheet HTML 4Page - Bourns Electronic Solutions BD243 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BD243, BD243A, BD243B, BD243C
NPN SILICON POWER TRANSISTORS
3
P R O D UCT
INFORMA TION
JUNE 1973 - REVISED SEPTEMBER 2002
Specifications are subject to change without notice.
TYPICAL CHARACTERISTICS
Figure 1.
Figure 2.
Figure 3.
TYPICAL DC CURRENT GAIN
vs
COLLECTOR CURRENT
I
C - Collector Current - A
0·1
1·0
10
1·0
10
100
1000
TCS633AH
V
CE = 4 V
T
C = 25°C
t
p = 300 µs, duty cycle < 2%
COLLECTOR-EMITTER SATURATION VOLTAGE
vs
BASE CURRENT
I
B - Base Current - A
0·001
0·01
0·1
1·0
10
0·01
0·1
1·0
10
TCS633AE
I
C = 300 mA
I
C =
1 A
I
C =
3 A
I
C =
6 A
BASE-EMITTER VOLTAGE
vs
COLLECTOR CURRENT
I
C - Collector Current - A
0·1
1·0
10
0·6
0·7
0·8
0·9
1·0
1·1
1·2
TCS633AF
V
CE = 4 V
T
C = 25°C


Similar Part No. - BD243

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BD243 MOSPEC-BD243 Datasheet
127Kb / 3P
   POWER TRANSISTORS(6A,65W)
logo
Power Innovations Ltd
BD243 POINN-BD243 Datasheet
86Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Fairchild Semiconductor
BD243 FAIRCHILD-BD243 Datasheet
38Kb / 4P
   Medium Power Linear and Switching Applications
logo
Boca Semiconductor Corp...
BD243 BOCA-BD243 Datasheet
133Kb / 3P
   COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
Savantic, Inc.
BD243 SAVANTIC-BD243 Datasheet
90Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - BD243

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com