Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX10A-3-5SA Datasheet(PDF) 9 Page - Bourns Electronic Solutions

Part # SX10A-3-5SA
Description  SIP Non-Isolated Power Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SX10A-3-5SA Datasheet(HTML) 9 Page - Bourns Electronic Solutions

Back Button SX10A-3-5SA Datasheet HTML 5Page - Bourns Electronic Solutions SX10A-3-5SA Datasheet HTML 6Page - Bourns Electronic Solutions SX10A-3-5SA Datasheet HTML 7Page - Bourns Electronic Solutions SX10A-3-5SA Datasheet HTML 8Page - Bourns Electronic Solutions SX10A-3-5SA Datasheet HTML 9Page - Bourns Electronic Solutions SX10A-3-5SA Datasheet HTML 10Page - Bourns Electronic Solutions SX10A-3-5SA Datasheet HTML 11Page - Bourns Electronic Solutions SX10A-3-5SA Datasheet HTML 12Page - Bourns Electronic Solutions SX10A-3-5SA Datasheet HTML 13Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Specifications are subject to change without notice.
Customers should verify device performance in their specific applications.
9
SX(T)10A-3-5SA SIP Non-Isolated Power Module
Overcurrent Protection
The device has an internally set output current limit to protect it from overloads, placing the unit in hiccup mode. Once the overload is
removed the converter automatically resumes normal operation. No user adjustments are available. An external fuse in series with the
input voltage is also required for complete overload protection.
Input Undervoltage Lockout
The device operation is disabled if the input voltage drops below the specified input range. Once the input returns to the specified
range operation automatically resumes. No user adjustments are available.
Output Voltage Setting
The output voltage can be programmed to any voltage between 0.75 Vdc and 3.3 Vdc by connecting a single resistor between the trim
pin and the GND pin of the module, as shown in Fig. 25 below.
If left open circuit the output voltage will default to 0.75 Vdc. The correct Rtrim value for a specific voltage can be calculated using the
following equation:
Rtrim = [21.07/(Vo-0.7525)-5.11] KΩ
For example, to set the SX(T)10A-3-5SA to 3.3 V the following
Rtrim resistor must be used:
Rtrim = [21.07/(3.3-0.7525)-5.11] KΩ
Rtrim = 3.161 kΩ,
The closest standard 1 % E96 value is 3.16 kΩ.
Table 1 provides the Rtrim values required for some common output
voltage set points. The nearest standard E96 1 % resistor value is also given.
Operating Information (Continued)
ON/OFF
VIN (+)
VO (+)
TRIM
GND
LOAD
Rtrim
Fig. 25 Circuit Configuration to Program Output
Voltage using an External Resistor
SX(T)10A-3-5SA Rtrim Values
Vo (V)
Rtrim (k
Ω)
1 % Value
0.75
Open
Open
1.0
80.02
80.6
1.2
41.97
42.2
1.5
23.08
23.2
1.8
15.00
15.0
2.0
11.78
11.8
2.5
6.947
6.98
3.3
3.161
3.16
Table 1
The output voltage of the device can also be set by applying a voltage between the TRIM and GND pins. The Vtrim equation can be
written as follows:
Vtrim = (0.7 – 0.1698 x{Vo – 0.7225))
To set Vo = 3.3 V, the Vtrim required would therefore be 0.2670 V.
Table 2 provides the Vtrim values required for some common output voltage set points.


Similar Part No. - SX10A-3-5SA

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX10 SEMTECH-SX10 Datasheet
93Kb / 2P
   5 WATT VOLTAGE REGULATOR
SX100 SEMTECH-SX100 Datasheet
93Kb / 2P
   5 WATT VOLTAGE REGULATOR
logo
Sensortechnics GmbH
SX100A SENSORTECHNICS-SX100A Datasheet
253Kb / 10P
   Pressure sensors
logo
Honeywell Accelerometer...
SX100A HONEYWELL-ACC-SX100A Datasheet
147Kb / 4P
   CPX and XPX Cross to NSC Series
logo
Sensortechnics GmbH
SX100AD2 SENSORTECHNICS-SX100AD2 Datasheet
253Kb / 10P
   Pressure sensors
More results

Similar Description - SX10A-3-5SA

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SXT6A-12SA BOURNS-SXT6A-12SA Datasheet
939Kb / 13P
   SIP Non-Isolated Power Module
SX16A-12SA BOURNS-SX16A-12SA Datasheet
280Kb / 3P
   SIP Non-Isolated Power Module
SXT16A-3-5SA BOURNS-SXT16A-3-5SA Datasheet
1Mb / 13P
   SIP Non-Isolated Power Module
SXT6A-3-5SA BOURNS-SXT6A-3-5SA Datasheet
239Kb / 2P
   SIP Non-Isolated Power Module
logo
Lineage Power Corporati...
NXA025A0X LINEAGEPOWER-NXA025A0X Datasheet
953Kb / 16P
   NaOSTM NXA025 SIP Non-isolated Power Modules
logo
Recom International Pow...
ROF-78E3.3-0.5SMD RECOM-ROF-78E3.3-0.5SMD Datasheet
115Kb / 4P
   Non Isolated Power Module
ROF-78E3.3-0.5SMD-R RECOM-ROF-78E3.3-0.5SMD-R Datasheet
103Kb / 4P
   Non Isolated Power Module
logo
Bourns Electronic Solut...
MXT6A-12SA BOURNS-MXT6A-12SA Datasheet
288Kb / 2P
   Non-Isolated Power Module
logo
Tyco Electronics
AXH005A0X MACOM-AXH005A0X Datasheet
207Kb / 2P
   Austin MicroLynx Non-Isolated SIP series
logo
Power-One
TL2105PIS POWER-ONE-TL2105PIS Datasheet
411Kb / 2P
   SIP/SIE 500 NON-ISOLATED SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com