Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PT314 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part No. PT314
Description  EP13 ADSL Line Transformers
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BOURNS [Bourns Electronic Solutions]
Homepage  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PT314 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PT314 Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
5
10
9
8
7
6
PT314 Series EP13 ADSL Line Transformers
Features
Designed to meet ANSI and ETSI
requirements
Designed to meet UL1950 and EN60950
supplementary insulation requirements
for operating voltages up to 250 Vrms
Excellent Total Harmonic Distortion
(THD) performance
Up to 100 mA DC current capability
Operating temperature -40 °C to +85 °C
Custom designs for other pinouts and
dimensions are available
Lead free version available (see How to
Order)
Lead free versions are RoHS compliant*
Applications
Motorola MC03AX1456
Electrical Specifications
IC Manufacturer ........................Motorola
Chipset ..............................MC03AX1456
Application ..............................CO & CPE
Turns Ratio Line: Chip ±3 %
PT31407 ....................................1.2 : 1
PT31408 ....................................1 : 1.8
Line Side Inductance ............1.8 mH min.
Leakage Inductance ................10 µH typ.
Line Side DCR ......................1.26 Ω max.
Chip Side DCR
PT31407..............................1.2 Ω max.
PT31408 ................................8 Ω max.
THD (dB typ. @ 100 Ω)
..................................-80 dB @ 30 kHz
-60 dB @ 300 kHz
Insertion Loss (dB typ.)
................................0.5 dB @ 100 kHz
Longitudinal Balance (dB typ. @ 100 Ω)
..................50 dB @ 20 kHz - 100 MHz
HIPOT ..............................1500 Vrms min.
Electrical Schematic
Product Dimensions
PT31407
(DATECODE)
MAX.
TYP.
10
PLCS.
0.60
(.024)
10.00
(.394)
14.00
(.551)
DIMENSIONS ARE:
MM
(INCHES)
PT31407
Packaging Specifications
Tray........................................60 pcs./tray
14.00
(.551)
MAX.
REF.
TYP.
2.50
(.098)
10.00
(.394)
MAX.
14.50
(.571)
4.75
(.187)
03/05
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
How to Order
PT3140x __
Model
Termination
Blank = Tin-lead
L = Tin only (lead free)


Html Pages

1 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SM537-1ADSL Line Transformers 1 Bourns Electronic Solutions
SM561-1ADSL Line Transformers 1 Bourns Electronic Solutions
LA-1030SADSL LINE TRANSFORMERS 1 List of Unclassifed Manufacturers
PT532-1ADSL Line Transformers 1 Bourns Electronic Solutions
PT534-1ADSL Line Transformers 1 Bourns Electronic Solutions
PT539-1ADSL Line Transformers 1 Bourns Electronic Solutions
PT541-1ADSL Line Transformers 1 Bourns Electronic Solutions
PT563-1ADSL Line Transformers 1 Bourns Electronic Solutions
SM535-1ADSL Line Transformers 1 Bourns Electronic Solutions
AD45048Rail-to-Rail Upstream ADSL Line Driver 1 2 3 4 5 MoreAnalog Devices

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn