Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM2L-1209SH30-N Datasheet(PDF) 2 Page - AIMTEC

Part # AM2L-1209SH30-N
Description  0.5 watt dc-dc converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM2L-1209SH30-N Datasheet(HTML) 2 Page - AIMTEC

  AM2L-1209SH30-N Datasheet HTML 1Page - AIMTEC AM2L-1209SH30-N Datasheet HTML 2Page - AIMTEC AM2L-1209SH30-N Datasheet HTML 3Page - AIMTEC AM2L-1209SH30-N Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TO ORDER CALL 1-888-9-AIMTEC
AM1/2L-N Series
MODELS
Single Output
@ 1000VDC
@ 3000VDC
Input Voltage Output Voltage
Max. Output Current
3.3V±10%
5V±10%
12V±10%
24V±10%
AM1/2L-0303S-N
AM1/2L-0305S-N
AM1/2L-0309S-N
AM1/2L-0312S-N
AM1/2L-0315S-N
AM1/2L-0324S-N
AM1/2L-0503S-N
AM1/2L-0505S-N
AM1/2L-0509S-N
AM1/2L-0512S-N
AM1/2L-0515S-N
AM1/2L-0524S-N
AM1/2L-1203S-N
AM1/2L-1205S-N
AM1/2L-1209S-N
AM1/2L-1212S-N
AM1/2L-1215S-N
AM1/2L-1224S-N
AM1/2L-2403S-N
AM1/2L-2405S-N
AM1/2L-2409S-N
AM1/2L-2412S-N
AM1/2L-2415S-N
AM1/2L-2424S-N
3.3VDC
5VDC
9VDC
12VDC
15VDC
24VDC
3.3VDC
5VDC
9VDC
12VDC
15VDC
24VDC
3.3VDC
5VDC
9VDC
12VDC
15VDC
24VDC
3.3VDC
5VDC
9VDC
12VDC
15VDC
24VDC
152mA
100mA
55mA
40mA
33mA
20mA
152mA
100mA
55mA
40mA
33mA
20mA
152mA
100mA
55mA
40mA
33mA
20mA
152mA
100mA
55mA
40mA
33mA
20mA
Continued on next page
AM1/2L-0303SH30-N
AM1/2L-0305SH30-N
AM1/2L-0309SH30-N
AM1/2L-0312SH30-N
AM1/2L-0315SH30-N
AM1/2L-0324SH30-N
AM1/2L-0503SH30-N
AM1/2L-0505SH30-N
AM1/2L-0509SH30-N
AM1/2L-0512SH30-N
AM1/2L-0515SH30-N
AM1/2L-0524SH30-N
AM1/2L-1203SH30-N
AM1/2L-1205SH30-N
AM1/2L-1209SH30-N
AM1/2L-1212SH30-N
AM1/2L-1215SH30-N
AM1/2L-1224SH30-N
AM1/2L-2403SH30-N
AM1/2L-2405SH30-N
AM1/2L-2409SH30-N
AM1/2L-2412SH30-N
AM1/2L-2415SH30-N
AM1/2L-2424SH30-N
OUTLINE DIMENSIONS & PIN CONNECTIONS - SINGLE @ 1000VDC
Pin
Single Output
1
-V Input
2
+V Input
3
N.C.
4
-V Output
5
+V Output
6
N.C.
7
N.C.
8
N.C.


Similar Part No. - AM2L-1209SH30-N

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2L-1209S-NZ AIMTEC-AM2L-1209S-NZ Datasheet
336Kb / 5P
   2 Watt | DC-DC Converter
More results

Similar Description - AM2L-1209SH30-N

ManufacturerPart #DatasheetDescription
logo
Power-One
IMS7 POWER-ONE-IMS7 Datasheet
135Kb / 4P
   7 Watt DC-DC Converters
IMX15 POWER-ONE-IMX15 Datasheet
61Kb / 4P
   15 Watt DC-DC Converters
IMX35 POWER-ONE-IMX35 Datasheet
132Kb / 4P
   35 Watt DC-DC Converters
IXP POWER-ONE-IXP Datasheet
138Kb / 2P
   3 Watt DC-DC Converters
logo
AIMTEC
AM30K-C AIMTEC-AM30K-C Datasheet
294Kb / 2P
   30 watt dc-dc converters
AM30K-I AIMTEC-AM30K-I Datasheet
221Kb / 3P
   30 watt dc-dc converters
AM15E-C AIMTEC-AM15E-C Datasheet
288Kb / 2P
   15 watt dc-dc converters
AM15EW-C AIMTEC-AM15EW-C Datasheet
288Kb / 2P
   15 watt dc-dc converters
logo
List of Unclassifed Man...
CQB100-110S ETC2-CQB100-110S Datasheet
158Kb / 2P
   100 WATT DC-DC CONVERTERS
logo
Bel Fuse Inc.
IMX7 BEL-IMX7 Datasheet
480Kb / 14P
   7-Watt DC-DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com