Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2DTG Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # 2DTG
Description  Thin Film On Silicon 2DTG Super Terminator/Filter with Integrated ESD Array
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2DTG Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  2DTG Datasheet HTML 1Page - Bourns Electronic Solutions 2DTG Datasheet HTML 2Page - Bourns Electronic Solutions 2DTG Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Thin Film On Silicon 2DTG Super Terminator/Filter with Integrated ESD Array
Dispensing
For large quantities, the product will be dispensed in Tape and Reel (see diagram below).
No. of Pieces No. of Pieces
Package
A0
B0
K0
Width
Pitch
per 13 ” reel
per tube
QSOP
28 Pin
6.5 (0.256)
10.3 (0.406)
2.1 (0.083)
16 (0.630)
8 (0.315)
3,500
49
04/05
A0
B0
K0
DIMENSIONS = MM (INCHES)
How To Order
2 DTG-V02 M-Q 28 R __
Product Class
Thin-Film-on-Silicon
Product Function
DTG = Super Terminator
w/Integrated Diodes
Value Code
(Refer to Standard RC Value Table)
Standard Grade
R Tol.
C Tol.
M = ±10 %
±20 %
Standard Package Style
Q = QSOP
Pin Count
Q = 28
Dispensing
R = Reel
T = Tube
Terminations
LF = 100 % Sn (lead free)
Blank = Sn/Pb
Asia-Pacific:
Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
Europe:
Tel: +41-41 768 5555 • Fax: +41-41 768 5510
The Americas:
Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com
Reliable Electronic Solutions


Similar Part No. - 2DTG

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
2DT327UGK-N DALLAS-2DT327UGK-N Datasheet
2Mb / 7P
   An economical means of transferring power
logo
Bourns Electronic Solut...
2DTA BOURNS-2DTA Datasheet
264Kb / 3P
   Thin Film on Silicon 2DEA Integrated ESD Protection Diode Array
2DTA-5-Q24RLF BOURNS-2DTA-5-Q24RLF Datasheet
264Kb / 3P
   Thin Film on Silicon 2DEA Integrated ESD Protection Diode Array
2DTF BOURNS-2DTF Datasheet
262Kb / 3P
   Thin Film On Silicon 2DTF 1284 Terminator/Filter with Integrated ESD Array
2DTF-V01M-Q24R BOURNS-2DTF-V01M-Q24R Datasheet
262Kb / 3P
   Thin Film On Silicon 2DTF 1284 Terminator/Filter with Integrated ESD Array
More results

Similar Description - 2DTG

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2DTF BOURNS-2DTF Datasheet
262Kb / 3P
   Thin Film On Silicon 2DTF 1284 Terminator/Filter with Integrated ESD Array
2DTA BOURNS-2DTA Datasheet
264Kb / 3P
   Thin Film on Silicon 2DEA Integrated ESD Protection Diode Array
2CTF BOURNS-2CTF Datasheet
126Kb / 3P
   Thin Film on Silicon 2CTF AC Terminator x18
2CTE-V01M-Q20R BOURNS-2CTE-V01M-Q20R Datasheet
243Kb / 3P
   Thin Film on Silicon 2CTE IEEE 1284 Terminator
2QSP20-TJ3-221331LF BOURNS-2QSP20-TJ3-221331LF Datasheet
355Kb / 4P
   Thin Film on Silicon 2QSP / 2NBS-XX3 Dual Terminator
2CTA BOURNS-2CTA Datasheet
238Kb / 3P
   Thin Film on Silicon 2CTA AC Terminator x 18
2CTA BOURNS-2CTA_07 Datasheet
239Kb / 3P
   Thin Film on Silicon 2CTA AC Terminator x 18
2CFB BOURNS-2CFB Datasheet
239Kb / 3P
   Thin Film on Silicon 2CFB T-Filter
2CFA BOURNS-2CFA Datasheet
235Kb / 3P
   Thin Film on Silicon 2CFA Tapped RC Filter
logo
OptoDiode Corp
AXUV100TF030 OPTODIODE-AXUV100TF030 Datasheet
392Kb / 2P
   PHOTODIODE 100 mm2 with Integrated Thin Film Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com