Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM4L-0515S-N Datasheet(PDF) 3 Page - AIMTEC

Part # AM4L-0515S-N
Description  0.25 watt dc-dc converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM4L-0515S-N Datasheet(HTML) 3 Page - AIMTEC

  AM4L-0515S-N Datasheet HTML 1Page - AIMTEC AM4L-0515S-N Datasheet HTML 2Page - AIMTEC AM4L-0515S-N Datasheet HTML 3Page - AIMTEC AM4L-0515S-N Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TO ORDER CALL 1-888-9-AIMTEC
MODELS
Dual Output
@ 1000VDC
@ 3000VDC
Input Voltage Output Voltage
Max. Output Current
3.3V±10%
5V±10%
12V±10%
24V±10%
AM1/4L-0303D-N
AM1/4L-0305D-N
AM1/4L-0309D-N
AM1/4L-0312D-N
AM1/4L-0315D-N
AM1/4L-0324D-N
AM1/4L-0503D-N
AM1/4L-0505D-N
AM1/4L-0509D-N
AM1/4L-0512D-N
AM1/4L-0515D-N
AM1/4L-0524D-N
AM1/4L-1203D-N
AM1/4L-1205D-N
AM1/4L-1209D-N
AM1/4L-1212D-N
AM1/4L-1215D-N
AM1/4L-1224D-N
AM1/4L-2403D-N
AM1/4L-2405D-N
AM1/4L-2409D-N
AM1/4L-2412D-N
AM1/4L-2415D-N
AM1/4L-2424D-N
±3.3VDC
±5VDC
±9VDC
±12VDC
±15VDC
±24VDC
±3.3VDC
±5VDC
±9VDC
±12VDC
±15VDC
±24VDC
±3.3VDC
±5VDC
±9VDC
±12VDC
±15VDC
±24VDC
±3.3VDC
±5VDC
±9VDC
±12VDC
±15VDC
±24VDC
±38mA
±25mA
±14mA
±11mA
±9mA
±5mA
±38mA
±25mA
±14mA
±11mA
±9mA
±5mA
±38mA
±25mA
±14mA
±11mA
±9mA
±5mA
±38mA
±25mA
±14mA
±11mA
±9mA
±5mA
AM1/4L-0303DH30-N
AM1/4L-0305DH30-N
AM1/4L-0309DH30-N
AM1/4L-0312DH30-N
AM1/4L-0315DH30-N
AM1/4L-0324DH30-N
AM1/4L-0503DH30-N
AM1/4L-0505DH30-N
AM1/4L-0509DH30-N
AM1/4L-0512DH30-N
AM1/4L-0515DH30-N
AM1/4L-0524DH30-N
AM1/4L-1203DH30-N
AM1/4L-1205DH30-N
AM1/4L-1209DH30-N
AM1/4L-1212DH30-N
AM1/4L-1215DH30-N
AM1/4L-1224DH30-N
AM1/4L-2403DH30-N
AM1/4L-2405DH30-N
AM1/4L-2409DH30-N
AM1/4L-2412DH30-N
AM1/4L-2415DH30-N
AM1/4L-2424DH30-N
AM1/4L-N Series
OUTLINE DIMENSIONS & PIN CONNECTIONS - DUAL @ 1000VDC
Pin
Dual Output
1
-V Input
2
+V Input
3
N.C.
4
Common
5
-V Output
6
N.C.
7
+V Output
8
N.C.
9
N.C.
10
N.C.


Similar Part No. - AM4L-0515S-N

ManufacturerPart #DatasheetDescription
logo
Altech corporation
AM4 ALTECH-AM4 Datasheet
325Kb / 1P
   30 mm Non-Illuminated Mushroom Momentary Metal Operator AMx
AM4 ALTECH-AM4 Datasheet
329Kb / 1P
   30 mm Non-Illuminated Mushroom Momentary Metal Operator AMx
logo
Allied Components Inter...
AM40 ALLIED-AM40 Datasheet
261Kb / 1P
   Axial Molded Inductors
logo
Tyco Electronics
AM40-0023 MACOM-AM40-0023 Datasheet
207Kb / 2P
   Ultra Low Noise pHEMT Dual Channel Amplifier, 1.710-1.910 GHz
AM40-0023 MACOM-AM40-0023 Datasheet
139Kb / 2P
   Ultra Low Noise pHEMT Dual Channel Amplifier, 1.710-1.910 GHz
More results

Similar Description - AM4L-0515S-N

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TS1-1S0505NH TRUMPOWER-TS1-1S0505NH Datasheet
16Kb / 1P
   DC/DC CONVERTERS 3KV Isolation, 0.25 to 1 Watt
TSC-1S053.3NH TRUMPOWER-TSC-1S053.3NH Datasheet
15Kb / 1P
   DC/DC CONVERTERS 3KV Isolation, 0.25 to 1 Watt
logo
AIMTEC
AM1_4S-Z AIMTEC-AM1_4S-Z_13 Datasheet
230Kb / 3P
   0.25 Watt | DC-DC Converter
logo
Make-Ps
PME-S-Z MAKE-PS-PME-S-Z Datasheet
533Kb / 3P
   0.25 Watt | DC-DC Converter
logo
AIMTEC
AM1_4S-Z AIMTEC-AM1_4S-Z Datasheet
224Kb / 3P
   0.25 Watt | DC-DC Converter
AM1_4LS-NZ AIMTEC-AM1_4LS-NZ Datasheet
240Kb / 4P
   0.25 Watt | DC-DC Converter
logo
Tumbler Technologies + ...
TS1-1S0505N TRUMPOWER-TS1-1S0505N Datasheet
16Kb / 1P
   DC/DC CONVERTERS 4-pin SIP, 0.25 to 1 Watt
TSC-3QS0505N TRUMPOWER-TSC-3QS0505N Datasheet
16Kb / 1P
   DC/DC CONVERTERS 7-pin SIP, 0.25 to 1 Watt
logo
Power-One
IMS7 POWER-ONE-IMS7 Datasheet
135Kb / 4P
   7 Watt DC-DC Converters
IMX15 POWER-ONE-IMX15 Datasheet
61Kb / 4P
   15 Watt DC-DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com