Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSE10DH129 Datasheet(PDF) 4 Page - ITT Industries

Part # NSE10DH129
Description  Navigation Switch Encoders
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

NSE10DH129 Datasheet(HTML) 4 Page - ITT Industries

  NSE10DH129 Datasheet HTML 1Page - ITT Industries NSE10DH129 Datasheet HTML 2Page - ITT Industries NSE10DH129 Datasheet HTML 3Page - ITT Industries NSE10DH129 Datasheet HTML 4Page - ITT Industries NSE10DH129 Datasheet HTML 5Page - ITT Industries NSE10DH129 Datasheet HTML 6Page - ITT Industries NSE10DH129 Datasheet HTML 7Page - ITT Industries NSE10DH129 Datasheet HTML 8Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NSE11
Dimensions are shown: mm (inch)
Dimensions subject to change
www.ittcannon.com
4
C
NSE11 Series
Navigation Switch Encoders
11,7
6,2
11,7
8
F
10
LS
7
4,2
±0,3
3,8
±0,3
5
0,9
4,2
±0,3
20
0,4
A
2,5
±0,15
2,5
±0,15
10,2
±0,1
1,8 +0,1
0
1,8 +0,1
0
ø
x 5 HOLES
1+0,1
0
5
ELECTRICAL GRAPH
Shaft rotational direction
Signal
Output
C.W.
A (Terminal A-C)
ON
OFF
B (Terminal B-C)
ON
OFF
TERMINAL DETAIL
Push switch stroke 0,5
±0,4
D
E
SWITCH GRAPH
A
C
B
E
D
A
C
B
E
D
LAYOUT
P.C.B. THICKNESS T = 1,6
View from mounting side
P.C.B. THICKNESS T = 1,6
View from mounting side
ELECTRICAL GRAPH
Shaft rotational direction
Signal
Output
C.W.
A (Terminal A-C)
ON
OFF
B (Terminal B-C)
ON
OFF
D
E
SWITCH GRAPH
Shaft flat orientation
may vary
15 Pulse
20 Pulse
OPTION
LS
A
CODE
Length of Shaft
Push Switch Slot
A - with select
12,5 mm
0,5
C- without select
13 mm
no push switch slot
OPTION
F
CODE
Bracket Spacing
A
11 mm
F
13,8 mm


Similar Part No. - NSE10DH129

ManufacturerPart #DatasheetDescription
logo
C&K Components
NSE10DH129 CK-COMPONENTS-NSE10DH129 Datasheet
261Kb / 8P
   Self clinching terminals
More results

Similar Description - NSE10DH129

ManufacturerPart #DatasheetDescription
logo
C&K Components
TPA CK-COMPONENTS-TPA Datasheet
233Kb / 3P
   Multidirection SMT Navigation Switch
logo
E-SWITCH
JS1400 E-SWITCH-JS1400 Datasheet
830Kb / 2P
   5-POSITION NAVIGATION SWITCH
JS1400 E-SWITCH-JS1400_16 Datasheet
830Kb / 2P
   5 POSITION NAVIGATION SWITCH
logo
ITT Industries
TPA311GPLFS ITT-TPA311GPLFS Datasheet
256Kb / 4P
   Navigation Tact Switch for SMT
logo
C&K Components
TBWB2A CK-COMPONENTS-TBWB2A Datasheet
94Kb / 2P
   Miniature All-direction Navigation Switch
QSA CK-COMPONENTS-QSA Datasheet
360Kb / 3P
   Silent Navigation Switch for SMT
logo
Suntsu Electronics, Inc...
SATCA-10A3C3J-GPB4 SUNTSU-SATCA-10A3C3J-GPB4 Datasheet
993Kb / 4P
   Navigation Systems
logo
KODENSHI_AUK CORP.
KE-2H10 KODENSHI-KE-2H10 Datasheet
217Kb / 3P
   ENCODERS
KE-2H10 KODENSHI-KE-2H10_09 Datasheet
217Kb / 3P
   ENCODERS
KE2109 KODENSHI-KE2109 Datasheet
176Kb / 3P
   ENCODERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com