Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTIW Datasheet(PDF) 6 Page - Linear Technology

Part # LTIW
Description  2.5MHz, Over-The-Top Low Power, Rail-to-Rail Input and Output Op Amp in SOT-23
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTIW Datasheet(HTML) 6 Page - Linear Technology

Back Button LTIW Datasheet HTML 2Page - Linear Technology LTIW Datasheet HTML 3Page - Linear Technology LTIW Datasheet HTML 4Page - Linear Technology LTIW Datasheet HTML 5Page - Linear Technology LTIW Datasheet HTML 6Page - Linear Technology LTIW Datasheet HTML 7Page - Linear Technology LTIW Datasheet HTML 8Page - Linear Technology LTIW Datasheet HTML 9Page - Linear Technology LTIW Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1784
Input Bias Current vs Common
Mode Voltage
Output Saturation Voltage vs
Load Current (Output High)
Output Saturation Voltage vs
Load Current (Output Low)
Output Saturation Voltage vs
Input Overdrive
Output Short-Circuit Current vs
Temperature
0.1Hz to 10Hz Noise Voltage
Noise Voltage Density vs
Frequency
Input Noise Current vs
Frequency
Gain and Phase Shift vs
Frequency
TYPICAL PERFOR A CE CHARACTERISTICS
SOURCING LOAD CURRENT (
µA)
1
0.01
0.1
1
100
10000
1784 G05
10
1000
TA = 125°C
TA = 25°C
TA = –55°C
VS = ±2.5V
VOD = 30mV
SINKING LOAD CURRENT (
µA)
1
100
1000
10000
1784 G06
10
1
0.1
0.01
0.001
TA = 125°C
TA = –55°C
TA = 25°C
VS = ±2.5V
VOD = 30mV
INPUT OVERDRIVE (mV)
0
1
10
100
10
20
30
40
50
60
1784 G07
VS = ±2.5V
NO LOAD
OUTPUT HIGH
OUTPUT LOW
TEMPERATURE (
°C)
–50
50
45
40
35
30
25
0
50
100
DC194 G02
–25
25
125
75
SINKING
SOURCING
VS = ±5V
TIME (sec)
01
3
5
7
9
246
8
1784 G09
10
VS = ±2.5V
FREQUENCY (Hz)
100
90
80
70
60
50
40
30
20
10
0
1
100
1k
100k
1784 G10
10
10k
VS = ±2.5V
FREQUENCY (Hz)
1
100
1k
100k
1784 G11
10
10k
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
VS = ±2.5V
FREQUENCY (Hz)
70
60
50
40
30
20
10
0
–10
–20
–30
120
100
80
60
40
20
0
–20
–40
–60
–80
1784 G12
1k
10k
100k
1M
10M
VS = ±2.5V
PHASE
GAIN
COMMON MODE VOLTAGE (V)
3.5
300,000
250,000
200,000
150,000
100,000
800
600
400
200
0
–200
–400
4
4.5
5
5.5
1784 G04
14
18
16
TA = 125°C
VS = 5V, 0V
TA = 25°C
TA = –55°C


Similar Part No. - LTIW

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
LTI-FSF55MGT-P-10A-X7 QORVO-LTI-FSF55MGT-P-10A-X7 Datasheet
614Kb / 13P
   CATV 75 pHEMT Dual RF Amplifier
LTI-FSF55NT-P QORVO-LTI-FSF55NT-P Datasheet
962Kb / 13P
   CATV 75 Adjustable Low Gain (9??1dB) RF Amplifier
logo
Voltage Multipliers Inc...
LTI202D VMI-LTI202D Datasheet
121Kb / 2P
   200 V - 1,000 V Doubler 10.0 A - 12.5 A Forward Current 70 ns - 3000 ns Recovery Time
LTI202FD VMI-LTI202FD Datasheet
121Kb / 2P
   200 V - 1,000 V Doubler 10.0 A - 12.5 A Forward Current 70 ns - 3000 ns Recovery Time
LTI202FN VMI-LTI202FN Datasheet
121Kb / 2P
   200 V - 1,000 V Negative Center Tap 20.0 A - 25.0 A Forward Current 70 ns - 3000 ns Recovery Time
More results

Similar Description - LTIW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1784 LINER-LT1784_15 Datasheet
204Kb / 12P
   2.5MHz, Over-The-Top Low Power, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1782 LINER-LT1782_15 Datasheet
519Kb / 16P
   Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
LT1782 LINER-LT1782_1 Datasheet
261Kb / 16P
   Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
LT1782 LINER-LT1782 Datasheet
212Kb / 12P
   Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
LT1783IS5 LINER-LT1783IS5 Datasheet
164Kb / 16P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1783 LINER-LT1783 Datasheet
211Kb / 12P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
logo
Linear Dimensions Semic...
LT1783IS5-TRMPBF LINEAR_DIMENSIONS-LT1783IS5-TRMPBF Datasheet
184Kb / 16P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
logo
Linear Technology
LT1783 LINER-LT1783_1 Datasheet
172Kb / 16P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1783 LINER-LT1783_15 Datasheet
184Kb / 16P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1636 LINER-LT1636 Datasheet
136Kb / 12P
   Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com