Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KSR Datasheet(PDF) 2 Page - ITT Industries

Part No. KSR
Description  Subminiature Tact Switch for SMT
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ITT [ITT Industries]
Homepage  http://www.ittcannon.com
Logo 

KSR Datasheet(HTML) 2 Page - ITT Industries

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Dimensions are shown: mm (inch)
Dimensions subject to change
www.ittcannon.com
B-15
B
SERIES
KSR Series
Subminiature Tact Switch for SMT
ø1,9
(.075)
0,15
(.006)
7,15
±0,3
(.281
±.012)
0,9
(.035)
0,6
(.024)
6,0
(.236)
OPTION
CODE
OPERATING FORCE
1
1.8 N (180 grams)
2
2.0 N (200 grams)
3
3.0 N (300 grams)
5
4.0 N (400 grams)
D*
DETECT
OPERATING FORCE
ACTUATOR
KSR
2 Soft Actuator
CONTACT MATERIAL
OPTION
CODE
MATERIAL
1
SILVER
3
GOLD
ø1,9
(.075)
First Angle
Projection
*D contact is recommended for long period of closing.
No tactile feel. KSR2D3J only.


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn