Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM3N-1205S Datasheet(PDF) 2 Page - AIMTEC

Part # AM3N-1205S
Description  3 watt dc-dc converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM3N-1205S Datasheet(HTML) 2 Page - AIMTEC

  AM3N-1205S Datasheet HTML 1Page - AIMTEC AM3N-1205S Datasheet HTML 2Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VISIT US AT WWW.AIMTEC.CA
MODELS
AM3N-S Series
Models
Isolation 1000VDC Isolation 3000VDC Isolation 5200VDC
Input
Voltage
Ouput
Voltage
Ouput
Current max.
AM3N-0503S
AM3N-0505S
AM3N-0507S
AM3N-0509S
AM3N-0512S
AM3N-0515S
AM3N-0518S
AM3N-0524S
AM3N-1203S
AM3N-1205S
AM3N-1207S
AM3N-1209S
AM3N-1212S
AM3N-1215S
AM3N-1218S
AM3N-1224S
AM3N-2403S
AM3N-2405S
AM3N-2407S
AM3N-2409S
AM3N-2412S
AM3N-2415S
AM3N-2418S
AM3N-2424S
AM3N-0503SH30
AM3N-0505SH30
AM3N-0507SH30
AM3N-0509SH30
AM3N-0512SH30
AM3N-0515SH30
AM3N-0518SH30
AM3N-0524SH30
AM3N-1203SH30
AM3N-1205SH30
AM3N-1207SH30
AM3N-1209SH30
AM3N-1212SH30
AM3N-1215SH30
AM3N-1218SH30
AM3N-1224SH30
AM3N-2403SH30
AM3N-2405SH30
AM3N-2407SH30
AM3N-2409SH30
AM3N-2412SH30
AM3N-2415SH30
AM3N-2418SH30
AM3N-2424SH30
AM3N-0503SH52
AM3N-0505SH52
AM3N-0507SH52
AM3N-0509SH52
AM3N-0512SH52
AM3N-0515SH52
AM3N-0518SH52
AM3N-0524SH52
AM3N-1203SH52
AM3N-1205SH52
AM3N-1207SH52
AM3N-1209SH52
AM3N-1212SH52
AM3N-1215SH52
AM3N-1218SH52
AM3N-1224SH52
AM3N-2403SH52
AM3N-2405SH52
AM3N-2407SH52
AM3N-2409SH52
AM3N-2412SH52
AM3N-2415SH52
AM3N-2418SH52
AM3N-2424SH52
3.3VDC
5VDC
7.2VDC
9VDC
12VDC
15VDC
18VDC
24VDC
3.3VDC
5VDC
7.2VDC
9VDC
12VDC
15VDC
18VDC
24VDC
3.3VDC
5VDC
7.2VDC
9VDC
12VDC
15VDC
18VDC
24VDC
5V±10%
12V±10%
24V±10%
800mA
600mA
417mA
333mA
250mA
200mA
167mA
125mA
800mA
600mA
417mA
333mA
250mA
200mA
167mA
125mA
800mA
600mA
417mA
333mA
250mA
200mA
167mA
125mA


Similar Part No. - AM3N-1205S

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM3N-1205SH30Z AIMTEC-AM3N-1205SH30Z Datasheet
276Kb / 4P
   3 Watt | DC-DC Converter
AM3N-1205SH52Z AIMTEC-AM3N-1205SH52Z Datasheet
276Kb / 4P
   3 Watt | DC-DC Converter
AM3N-1205SZ AIMTEC-AM3N-1205SZ Datasheet
276Kb / 4P
   3 Watt | DC-DC Converter
More results

Similar Description - AM3N-1205S

ManufacturerPart #DatasheetDescription
logo
Power-One
IXP POWER-ONE-IXP Datasheet
138Kb / 2P
   3 Watt DC-DC Converters
logo
RSG Electronic Componen...
EC3AE01M RSG-EC3AE01M Datasheet
859Kb / 1P
   3 WATT DC-DC CONVERTERS
logo
AIMTEC
AM3TW AIMTEC-AM3TW Datasheet
260Kb / 2P
   3 watt dc-dc converters
logo
CINCON ELECTRONICS Corp...
EC3AE CINCON-EC3AE Datasheet
176Kb / 2P
   3 WATT DC-DC CONVERTERS
logo
AIMTEC
AM3T AIMTEC-AM3T Datasheet
280Kb / 3P
   3 watt dc-dc converters
AM3F AIMTEC-AM3F Datasheet
234Kb / 2P
   3 watt dc-dc converters
logo
List of Unclassifed Man...
UM1001 ETC2-UM1001 Datasheet
286Kb / 2P
   3 Watt DC-DC Converters
logo
AIMTEC
AM3N-D AIMTEC-AM3N-D Datasheet
215Kb / 2P
   3 watt dc-dc converters
AM3T-N AIMTEC-AM3T-N Datasheet
282Kb / 3P
   3 watt dc-dc converters
logo
RSG Electronic Componen...
EC3SA-05S33 RSG-EC3SA-05S33 Datasheet
239Kb / 1P
   3 WATT REGULATED DC-DC CONVERTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com