Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM1L-1203SH30-N Datasheet(PDF) 4 Page - AIMTEC

Part # AM1L-1203SH30-N
Description  1 watt dc-dc converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1L-1203SH30-N Datasheet(HTML) 4 Page - AIMTEC

  AM1L-1203SH30-N Datasheet HTML 1Page - AIMTEC AM1L-1203SH30-N Datasheet HTML 2Page - AIMTEC AM1L-1203SH30-N Datasheet HTML 3Page - AIMTEC AM1L-1203SH30-N Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
30
TO ORDER CALL 1-888-9-AIMTEC
AM1L-N Series
TYPICAL CHARACTERISTICS
APPLICATION NOTE
General Application
In regular circuits, our company’s DC/DC converters may be used directly
without any peripheral components (see Figure 2). The basic input/output
isolation may be used to provide a group of simple isolated polar output
power supplies or to generate power supply lines of different voltages.
Voltage And Polarity Inversion
A key performance of this DC/DC converter is high electric isolation
capability. Thus, only one DC/DC converter may allow for several potential
differences in the layout of circuit board. If necessary, you may connect the
output end of the positive to input ground, then the negative output end will
generate a negative voltage (see Figure 1).
Filtering
In some circuits which are sensitive to noise and ripple, a filtering capacitor
may be added to the DC/DC output end and input end to reduce the noise
and ripple. However, the capacitance of the output filter capacitor must be
proper. If the capacitance is too big, a startup problem might arise. For
every channel of output provided the safe and reliable operation is
ensured, the greatest capacitance of its filtering capacitor sees the
External Capacitor Table. To get an extremely low ripple, a “LC” filter
network may be connected to the input and output ends of the DC/DC
converter, which may produce a more significant filtering effect. It should
also be noted that the inductance and the frequency of the “LC” filter
network should be staggered with the DC/DC frequency to avoid mutual
interference (see Figure 3).
Requirement On Output Load
To ensure this module can operate efficiently and reliably, a minimum load
is specified for this kind of DC/DC converter in addition to a maximum load
(namely full load). During operation, make sure the specified range of input
voltage is not exceeded, the minimum output load is not less than 10% of
the full load, and that this product should never be operated under no load!!!
If the actual output power is very small, please connect a resistor with
proper resistance at the output end in parallel to increase the load.
Overload Protection
Under normal operating conditions, the output circuit of these products has
no protection against over-current and short-circuits. The simplest method
is to connect a self-recovery fuse in series at the input end or add a circuit
breaker to the circuits.
Output Voltage Regulation and Over-voltage Protection Circuit
The simplest device for output voltage regulation, over-voltage and over-
current protection is a linear voltage stabilizer with overheat protection that
is connected to the input or output end in series (see Figure 4).
Product Reliability
The MTBF is the mean time between failures under full load. If the actual
load is less than 20% of the rated load or greater than the rated load, then
this productís reliability will be greatly reduced.
Input Polarity Protection
Under normal conditions, this productís input circuit has no protection
against polarity inversion; the solution is to connect a diode in series at the
input.
Pin
Single
GND
+V Input
N.C.
Omitted
Common
N.C.
N.C.
+V Output
Omitted
N.C.
N.C.
N.C.
GND
+V Input
N.C.
Omitted
Common
-V Output
N.C.
+V Output
Omitted
N.C.
N.C.
N.C.
1
2
3
4
5
6
7
8
9
10
11
12
Dual
3000VDC
OUTLINE DIMENSIONS FOR SINGLE & DUAL OUTPUT MODELS (3000VDC)


Similar Part No. - AM1L-1203SH30-N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM1L-1203SH30-N ETC-AM1L-1203SH30-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
logo
AIMTEC
AM1L-1203SH30-N AIMTEC-AM1L-1203SH30-N Datasheet
367Kb / 4P
   0.5 watt dc-dc converters
AM1L-1203SH30-N AIMTEC-AM1L-1203SH30-N Datasheet
371Kb / 4P
   0.25 watt dc-dc converters
More results

Similar Description - AM1L-1203SH30-N

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1D-N AIMTEC-AM1D-N Datasheet
413Kb / 3P
   1 watt dc-dc converters
logo
RSG Electronic Componen...
EC1SA01N RSG-EC1SA01N Datasheet
382Kb / 1P
   1 WATT DC-DC CONVERTERS
logo
List of Unclassifed Man...
AM1L-0505SH30-N ETC-AM1L-0505SH30-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
logo
AIMTEC
AM1S-N AIMTEC-AM1S-N Datasheet
341Kb / 2P
   1 watt dc-dc converters
AM1P-N AIMTEC-AM1P-N Datasheet
322Kb / 2P
   1 watt dc-dc converters
AM1DR-N AIMTEC-AM1DR-N Datasheet
288Kb / 2P
   1 watt dc-dc converters
AM1N-N AIMTEC-AM1N-N Datasheet
423Kb / 3P
   1 watt dc-dc converters
AM1DR AIMTEC-AM1DR Datasheet
233Kb / 2P
   1 watt dc-dc converters
AM1S AIMTEC-AM1S Datasheet
240Kb / 2P
   1 watt dc-dc converters
AM1D AIMTEC-AM1D Datasheet
268Kb / 3P
   1 watt dc-dc converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com