Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM1L-0303SH30-N Datasheet(PDF) 3 Page - AIMTEC

Part # AM1L-0303SH30-N
Description  1 watt dc-dc converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1L-0303SH30-N Datasheet(HTML) 3 Page - AIMTEC

  AM1L-0303SH30-N Datasheet HTML 1Page - AIMTEC AM1L-0303SH30-N Datasheet HTML 2Page - AIMTEC AM1L-0303SH30-N Datasheet HTML 3Page - AIMTEC AM1L-0303SH30-N Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
29
VISIT US AT WWW.AIMTEC.CA
AM1L-N Series
Continued on next page
OUTLINE DIMENSIONS FOR DUAL OUTPUT MODELS
Dual
Pin
-V Input
+V Input
N.C.
Common
-V Output
N.C.
+V Output
N.C.
N.C.
N.C.
1
2
3
4
5
6
7
8
9
10
ISOLATED &
UNREGULATED
<Figure 2>
<Figure 1>
<Figure 3>
<Figure 4>
External Capacitor Table
Vin
Vout
External
Capacitor
External
Capacitor
5VDC
12VDC
-
-
4.7uF
2.2uF
-
-
5VDC
9VDC
12VDC
15VDC
4.7uF
2.2uF
1uF
0.47uF
Note: The selected voltage withstand of the capacitor is
generally 1.5~2 times of the nominal voltage.
MODELS Dual output
Models
Isolation 1000VDC
Isolation 3000VDC
Input Voltage
Ouput Voltage
Ouput Current max.
3.3V±10%
5V±10%
±3.3VDC
±5VDC
±9VDC
±12VDC
±15VDC
±24VDC
±3.3VDC
±5VDC
±9VDC
±12VDC
±15VDC
±24VDC
±3.3VDC
±5VDC
±9VDC
±12VDC
±15VDC
±24VDC
±3.3VDC
±5VDC
±9VDC
±12VDC
±15VDC
±24VDC
24V±10%
12V±10%
AM1L-0303D-N
AM1L-0305D-N
AM1L-0309D-N
AM1L-0312D-N
AM1L-0315D-N
AM1L-0324D-N
AM1L-0503D-N
AM1L-0505D-N
AM1L-0509D-N
AM1L-0512D-N
AM1L-0515D-N
AM1L-0524D-N
AM1L-1203D-N
AM1L-1205D-N
AM1L-1209D-N
AM1L-1212D-N
AM1L-1215D-N
AM1L-1224D-N
AM1L-2403D-N
AM1L-2405D-N
AM1L-2409D-N
AM1L-2412D-N
AM1L-2415D-N
AM1L-2424D-N
AM1L-0303DH30-N
AM1L-0305DH30-N
AM1L-0309DH30-N
AM1L-0312DH30-N
AM1L-0315DH30-N
AM1L-0324DH30-N
AM1L-0503DH30-N
AM1L-0505DH30-N
AM1L-0509DH30-N
AM1L-0512DH30-N
AM1L-0515DH30-N
AM1L-0524DH30-N
AM1L-1203DH30-N
AM1L-1205DH30-N
AM1L-1209DH30-N
AM1L-1212DH30-N
AM1L-1215DH30-N
AM1L-1224DH30-N
AM1L-2403DH30-N
AM1L-2405DH30-N
AM1L-2409DH30-N
AM1L-2412DH30-N
AM1L-2415DH30-N
AM1L-2424DH30-N
±152mA
±100mA
±56mA
±42mA
±33mA
±20mA
±152mA
±100mA
±56mA
±42mA
±33mA
±20mA
±152mA
±100mA
±56mA
±42mA
±33mA
±20mA
±152mA
±100mA
±56mA
±42mA
±33mA
±20mA


Similar Part No. - AM1L-0303SH30-N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM1L-0303SH30-N ETC-AM1L-0303SH30-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
logo
AIMTEC
AM1L-0303SH30-N AIMTEC-AM1L-0303SH30-N Datasheet
367Kb / 4P
   0.5 watt dc-dc converters
AM1L-0303SH30-N AIMTEC-AM1L-0303SH30-N Datasheet
371Kb / 4P
   0.25 watt dc-dc converters
More results

Similar Description - AM1L-0303SH30-N

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1D-N AIMTEC-AM1D-N Datasheet
413Kb / 3P
   1 watt dc-dc converters
logo
RSG Electronic Componen...
EC1SA01N RSG-EC1SA01N Datasheet
382Kb / 1P
   1 WATT DC-DC CONVERTERS
logo
List of Unclassifed Man...
AM1L-0505SH30-N ETC-AM1L-0505SH30-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
logo
AIMTEC
AM1S-N AIMTEC-AM1S-N Datasheet
341Kb / 2P
   1 watt dc-dc converters
AM1P-N AIMTEC-AM1P-N Datasheet
322Kb / 2P
   1 watt dc-dc converters
AM1DR-N AIMTEC-AM1DR-N Datasheet
288Kb / 2P
   1 watt dc-dc converters
AM1N-N AIMTEC-AM1N-N Datasheet
423Kb / 3P
   1 watt dc-dc converters
AM1DR AIMTEC-AM1DR Datasheet
233Kb / 2P
   1 watt dc-dc converters
AM1S AIMTEC-AM1S Datasheet
240Kb / 2P
   1 watt dc-dc converters
AM1D AIMTEC-AM1D Datasheet
268Kb / 3P
   1 watt dc-dc converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com